Part Number Hot Search : 
RS5C372A ELECTRON SST214 TSOP4833 LN2575 MJD29 ST6230 GC7915F
Product Description
Full Text Search
 

To Download MRF1511NT108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF1511N Rev. 7, 6/2008
RF Power Field Effect Transistor
N - Channel Enhancement - Mode Lateral MOSFET
Designed for broadband commercial and industrial applications at frequencies to 175 MHz. The high gain and broadband performance of this device makes it ideal for large- signal, common source amplifier applications in 7.5 volt portable FM equipment. D * Specified Performance @ 175 MHz, 7.5 Volts Output Power -- 8 Watts Power Gain -- 13 dB Efficiency -- 70% * Capable of Handling 20:1 VSWR, @ 9.5 Vdc, 175 MHz, 2 dB Overdrive Features * Excellent Thermal Stability G * Characterized with Series Equivalent Large - Signal Impedance Parameters * N Suffix Indicates Lead - Free Terminations. RoHS Compliant. S * In Tape and Reel. T1 Suffix = 1,000 Units per 12 mm, 7 inch Reel.
MRF1511NT1
175 MHz, 8 W, 7.5 V LATERAL N - CHANNEL BROADBAND RF POWER MOSFET
CASE 466 - 03, STYLE 1 PLD - 1.5 PLASTIC
Table 1. Maximum Ratings
Rating Drain - Source Voltage Gate - Source Voltage Drain Current -- Continuous Total Device Dissipation @ TC = Derate above 25C Storage Temperature Range Operating Junction Temperature 25C (1) Symbol VDSS VGS ID PD Tstg TJ Value - 0.5, +40 20 4 62.5 0.5 - 65 to +150 150 Unit Vdc Vdc Adc W W/C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Symbol RJC Value (2) 2 Unit C/W
Table 3. Moisture Sensitivity Level
Test Methodology Per JESD 22 - A113, IPC/JEDEC J - STD - 020 1. Calculated based on the formula PD = TJ - TC Rating 1 Package Peak Temperature 260 Unit C
RJC 2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF calculators by product. NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
(c) Freescale Semiconductor, Inc., 2008. All rights reserved.
MRF1511NT1 1
RF Device Data Freescale Semiconductor
Table 4. Electrical Characteristics (TC = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Current (VDS = 35 Vdc, VGS = 0) Gate - Source Leakage Current (VGS = 10 Vdc, VDS = 0) On Characteristics Gate Threshold Voltage (VDS = 7.5 Vdc, ID = 170 A) Drain - Source On - Voltage (VGS = 10 Vdc, ID = 1 Adc) Dynamic Characteristics Input Capacitance (VDS = 7.5 Vdc, VGS = 0, f = 1 MHz) Output Capacitance (VDS = 7.5 Vdc, VGS = 0, f = 1 MHz) Reverse Transfer Capacitance (VDS = 7.5 Vdc, VGS = 0, f = 1 MHz) Functional Tests (In Freescale Test Fixture) Common - Source Amplifier Power Gain (VDD = 7.5 Vdc, Pout = 8 Watts, IDQ = 150 mA, f = 175 MHz) Drain Efficiency (VDD = 7.5 Vdc, Pout = 8 Watts, IDQ = 150 mA, f = 175 MHz) Gps -- -- 13 70 -- -- dB % Ciss Coss Crss -- -- -- 100 53 8 -- -- -- pF pF pF VGS(th) VDS(on) 1 -- 1.6 0.4 2.1 -- Vdc Vdc IDSS IGSS -- -- -- -- 1 1 Adc Adc Symbol Min Typ Max Unit
MRF1511NT1 2 RF Device Data Freescale Semiconductor
VGG C8 + C7 C6 R4 B1 R3 L4 C5 R2 Z6 R1 N1 RF INPUT C1 Z1 L1 C2 Z2 L2 C3 C4 Z3 Z4 Z5 DUT C9 C10 C11 C12 Z7 Z8 L3 Z9 C18 B2 C17 C16
+ C15
VDD
Z10 C14 C13
N2 RF OUTPUT
B1, B2
Short Ferrite Beads, Fair Rite Products (2743021446) C1, C5, C18 120 pF, 100 mil Chip Capacitors C2, C10, C12 0 to 20 pF, Trimmer Capacitors C3 33 pF, 100 mil Chip Capacitor C4 68 pF, 100 mil Chip Capacitor C6, C15 10 F, 50 V Electrolytic Capacitors C7, C16 1,200 pF, 100 mil Chip Capacitors C8, C17 0.1 F, 100 mil Chip Capacitors C9 150 pF, 100 mil Chip Capacitor C11 43 pF, 100 mil Chip Capacitor C13 24 pF, 100 mil Chip Capacitor C14 300 pF, 100 mil Chip Capacitor L1, L3 12.5 nH, A04T, Coilcraft L2 26 nH, 4 Turn, Coilcraft L4 55.5 nH, 5 Turn, Coilcraft N1, N2 Type N Flange Mounts
R1 R2 R3 R4 Z1 Z2 Z3 Z4 Z5, Z6 Z7 Z8 Z9 Z10 Board
15 , 0805 Chip Resistor 1.0 k, 1/8 W Resistor 1.0 k, 0805 Chip Resistor 33 k, 1/8 W Resistor 0.200 x 0.080 Microstrip 0.755 x 0.080 Microstrip 0.300 x 0.080 Microstrip 0.065 x 0.080 Microstrip 0.260 x 0.223 Microstrip 0.095 x 0.080 Microstrip 0.418 x 0.080 Microstrip 1.057 x 0.080 Microstrip 0.120 x 0.080 Microstrip Glass Teflon(R), 31 mils, 2 oz. Copper
Figure 1. 135 - 175 MHz Broadband Test Circuit
TYPICAL CHARACTERISTICS, 135 - 175 MHz
10 Pout , OUTPUT POWER (WATTS) IRL, INPUT RETURN LOSS (dB) -5 VDD = 7.5 V 8 155 MHz 135 MHz 6 175 MHz 4 -10 135 MHz -15 175 MHz 155 MHz -20
2 VDD = 7.5 V 0 0 0.1 0.2 0.3 0.4 0.5 Pin, INPUT POWER (WATTS) 0.6 0.7
-25 1 2 3 6 7 4 5 Pout, OUTPUT POWER (WATTS) 8 9 10
Figure 2. Output Power versus Input Power
Figure 3. Input Return Loss versus Output Power
MRF1511NT1 RF Device Data Freescale Semiconductor 3
TYPICAL CHARACTERISTICS, 135 - 175 MHz
16 155 MHz 135 MHz GAIN (dB) 12 175 MHz Eff, DRAIN EFFICIENCY (%) 14 70 155 MHz 60 50 40 30 20 10 0 1 2 3 4 5 6 7 8 Pout, OUTPUT POWER (WATTS) 9 10 0 1 2 3 4 5 6 7 Pout, OUTPUT POWER (WATTS) 8 9 10 VDD = 7.5 V 135 MHz 175 MHz
10
8 VDD = 7.5 V 6
Figure 4. Gain versus Output Power
Figure 5. Drain Efficiency versus Output Power
12 Pout , OUTPUT POWER (WATTS) 11 10 9 8 7 6 5 4 0 200 400 600 IDQ, BIASING CURRENT (mA) 800 1000 VDD = 7.5 V Pin = 27 dBm 155 MHz 135 MHz 175 MHz Eff, DRAIN EFFICIENCY (%)
80
70 155 MHz 60 135 MHz 175 MHz 50 VDD = 7.5 V Pin = 27 dBm 40 0 200 400 600 IDQ, BIASING CURRENT (mA) 800 1000
Figure 6. Output Power versus Biasing Current
Figure 7. Drain Efficiency versus Biasing Current
14 Pout , OUTPUT POWER (WATTS) 12 10 8 6 4 2 4 6 8 10 12 14 16 VDD, SUPPLY VOLTAGE (VOLTS) IDQ = 150 mA Pin = 27 dBm 175 MHz 135 MHz 155 MHz
80
Eff, DRAIN EFFICIENCY (%)
70 155 MHz 60 135 MHz 175 MHz
50
40 30 4 6 8 10 12 IDQ = 150 mA Pin = 27 dBm 14 16 VDD, SUPPLY VOLTAGE (VOLTS)
Figure 8. Output Power versus Supply Voltage
Figure 9. Drain Efficiency versus Supply Voltage
MRF1511NT1 4 RF Device Data Freescale Semiconductor
VGG + C8 C7 C6 R4 B1 R3 L4 C5 R2 Z6 R1 N1 RF INPUT C1 Z1 L1 C2 Z2 Z3 C3 C4 Z4 Z5 DUT C9 C10 Z7 Z8 L3 Z9 C16 B2 C15 C14
+ C13
VDD
Z10 C12 C11
N2 RF OUTPUT
B1, B2 C1, C12 C2 C3, C10 C4 C5, C16 C6, C13 C7, C14 C8, C15 C9 C11 L1 L2 L3
Short Ferrite Beads, Fair Rite Products (2743021446) 330 pF, 100 mil Chip Capacitors 43 pF, 100 mil Chip Capacitor 0 to 20 pF, Trimmer Capacitors 24 pF, 100 mil Chip Capacitor 120 pF, 100 mil Chip Capacitors 10 F, 50 V Electrolytic Capacitors 1,200 pF, 100 mil Chip Capacitors 0.1 F, 100 mil Chip Capacitors 380 pF, 100 mil Chip Capacitor 75 pF, 100 mil Chip Capacitor 82 nH, Coilcraft 55.5 nH, 5 Turn, Coilcraft 39 nH, 6 Turn, Coilcraft
N1, N2 R1 R2 R3 R4 Z1 Z2 Z3 Z4 Z5, Z6 Z7 Z8 Z9 Z10 Board
Type N Flange Mounts 15 , 0805 Chip Resistor 51 , 1/2 W Resistor 100 , 0805 Chip Resistor 33 k, 1/8 W Resistor 0.136 x 0.080 Microstrip 0.242 x 0.080 Microstrip 1.032 x 0.080 Microstrip 0.145 x 0.080 Microstrip 0.260 x 0.223 Microstrip 0.134 x 0.080 Microstrip 0.490 x 0.080 Microstrip 0.872 x 0.080 Microstrip 0.206 x 0.080 Microstrip Glass Teflon(R), 31 mils, 2 oz. Copper
Figure 10. 66 - 88 MHz Broadband Test Circuit
TYPICAL CHARACTERISTICS, 66 - 88 MHz
10 77 MHz Pout , OUTPUT POWER (WATTS) 8 88 MHz 6 66 MHz IRL, INPUT RETURN LOSS (dB) 0 -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 0 0.1 0.2 0.3 0.4 0.5 Pin, INPUT POWER (WATTS) 0.6 0.7 1 2 3 4 5 6 7 Pout, OUTPUT POWER (WATTS) 8 9 10 66 MHz 77 MHz 88 MHz VDD = 7.5 V
4
2 VDD = 7.5 V 0
Figure 11. Output Power versus Input Power
Figure 12. Input Return Loss versus Output Power
MRF1511NT1 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS, 66 - 88 MHz
18 66 MHz 77 MHz GAIN (dB) 14 88 MHz Eff, DRAIN EFFICIENCY (%) 70 60 50 40 30 20 10 0 1 2 3 4 5 6 7 8 Pout, OUTPUT POWER (WATTS) 9 10 1 2 3 5 6 7 4 Pout, OUTPUT POWER (WATTS) 8 9 10 VDD = 7.5 V 77 MHz 66 MHz 88 MHz
16
12
10 VDD = 7.5 V 8
Figure 13. Gain versus Output Power
Figure 14. Drain Efficiency versus Output Power
12 Pout , OUTPUT POWER (WATTS) 11 Eff, DRAIN EFFICIENCY (%) 10 9 8 7 6 5 4 0 200 400 600 IDQ, BIASING CURRENT (mA) 800 1000 VDD = 7.5 V Pin = 25.7 dBm 77 MHz 88 MHz 66 MHz
80
70
60
88 MHz 77 MHz
50
66 MHz VDD = 7.5 V Pin = 25.7 dBm
40 0 200 400 600 IDQ, BIASING CURRENT (mA) 800 1000
Figure 15. Output Power versus Biasing Current
Figure 16. Drain Efficiency versus Biasing Current
14 Pout , OUTPUT POWER (WATTS) 12 10 77 MHz 8 6 4 2 5 6 7 8 9 10 VDD, SUPPLY VOLTAGE (VOLTS) IDQ = 150 mA Pin = 25.7 dBm 66 MHz 88 MHz
80
Eff, DRAIN EFFICIENCY (%)
70
60
88 MHz 77 MHz 66 MHz
50
40 30 5 6 7 8 IDQ = 150 mA Pin = 25.7 dBm 9 10 VDD, SUPPLY VOLTAGE (VOLTS)
Figure 17. Output Power versus Supply Voltage MRF1511NT1 6
Figure 18. Drain Efficiency versus Supply Voltage
RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
109 MTTF FACTOR (HOURS X AMPS2)
108
107 90 100 110 120 130 140 150 160 170 180 190 200 210 TJ, JUNCTION TEMPERATURE (C) This above graph displays calculated MTTF in hours x ampere2 drain current. Life tests at elevated temperatures have correlated to better than 10% of the theoretical prediction for metal failure. Divide MTTF factor by ID2 for MTTF in a particular application.
Figure 19. MTTF Factor versus Junction Temperature
MRF1511NT1 RF Device Data Freescale Semiconductor 7
f = 175 MHz Zo = 10 f = 88 MHz ZOL* 77 66 Zin 155 135 Zin f = 88 MHz 77 66
155 f = 175 MHz 135 ZOL*
VDD = 7.5 V, IDQ = 150 mA, Pout = 8 W f MHz 135 155 175 Zin Zin 20.1 - j0.5 17.0 +j3.6 15.2 +j7.9 ZOL* 2.53 - j2.61 3.01 - j2.48 2.52 - j3.02 Zin
VDD = 7.5 V, IDQ = 150 mA, Pout = 8 W f MHz 66 77 88 Zin 25.3 - j0.31 25.6 +j3.62 26.7 +j6.79 ZOL* 3.62 - j0.751 3.59 - j0.129 3.37 - j0.173
= Complex conjugate of source impedance with parallel 15 resistor and 68 pF capacitor in series with gate. (See Figure 1).
= Complex conjugate of source impedance with parallel 15 resistor and 24 pF capacitor in series with gate. (See Figure 10).
ZOL* = Complex conjugate of the load impedance at given output power, voltage, frequency, and D > 50 %.
ZOL* = Complex conjugate of the load impedance at given output power, voltage, frequency, and D > 50 %.
Note: ZOL* was chosen based on tradeoffs between gain, drain efficiency, and device stability.
Input Matching Network
Device Under Test
Output Matching Network
Z
in
Z
* OL
Figure 20. Series Equivalent Input and Output Impedance
MRF1511NT1 8 RF Device Data Freescale Semiconductor
Table 5. Common Source Scattering Parameters (VDD = 7.5 Vdc) IDQ = 150 mA
f MHz 30 50 100 150 200 250 300 350 400 450 500 S11 |S11| 0.88 0.88 0.87 0.87 0.87 0.87 0.88 0.88 0.88 0.88 0.89 - 165 - 171 - 175 - 176 - 177 - 177 - 177 - 177 - 177 - 177 - 176 |S21| 18.92 11.47 5.66 3.75 2.78 2.16 1.77 1.49 1.26 1.08 0.96 S21 95 91 85 82 78 75 72 69 66 64 63 |S12| 0.015 0.016 0.016 0.015 0.014 0.014 0.012 0.013 0.013 0.011 0.012 S12 8 -5 -7 -5 -6 - 10 - 17 - 11 - 17 - 20 - 20 |S22| 0.84 0.84 0.84 0.85 0.84 0.85 0.86 0.86 0.87 0.87 0.88 S22 - 169 - 173 - 176 - 176 - 176 - 176 - 176 - 176 - 175 - 175 - 175
IDQ = 800 mA
f MHz 30 50 100 150 200 250 300 350 400 450 500 S11 |S11| 0.89 0.88 0.87 0.87 0.87 0.88 0.88 0.88 0.88 0.88 0.89 - 166 - 172 - 175 - 177 - 177 - 177 - 177 - 177 - 177 - 177 - 177 |S21| 18.89 11.44 5.65 3.74 2.78 2.16 1.77 1.50 1.26 1.09 0.97 S21 95 91 86 82 78 75 73 70 67 65 64 |S12| 0.014 0.015 0.016 0.014 0.013 0.012 0.015 0.009 0.012 0.012 0.009 S12 10 8 -2 -8 - 18 - 11 - 15 -7 -3 - 18 - 10 |S22| 0.85 0.84 0.85 0.84 0.85 0.85 0.86 0.87 0.87 0.87 0.88 S22 - 170 - 174 - 176 - 177 - 177 - 176 - 176 - 176 - 176 - 175 - 175
IDQ = 1.5 A
f MHz 30 50 100 150 200 250 300 350 400 450 500 S11 |S11| 0.90 0.89 0.88 0.88 0.88 0.88 0.88 0.89 0.89 0.89 0.89 - 168 - 173 - 176 - 177 - 177 - 178 - 177 - 177 - 177 - 177 - 177 |S21| 17.89 10.76 5.32 3.53 2.63 2.05 1.69 1.43 1.22 1.06 0.94 S21 95 91 86 83 80 77 75 72 70 68 67 |S12| 0.013 0.013 0.014 0.013 0.011 0.012 0.013 0.010 0.014 0.011 0.011 S12 2 3 - 19 -6 -4 - 14 -2 -9 -3 -8 - 15 |S22| 0.86 0.86 0.86 0.86 0.86 0.86 0.87 0.87 0.88 0.88 0.88 S22 - 172 - 175 - 177 - 177 - 177 - 177 - 177 - 176 - 176 - 176 - 176
MRF1511NT1 RF Device Data Freescale Semiconductor 9
APPLICATIONS INFORMATION
DESIGN CONSIDERATIONS This device is a common - source, RF power, N - Channel enhancement mode, Lateral Metal - Oxide Semiconductor Field - Effect Transistor (MOSFET). Freescale Application Note AN211A, "FETs in Theory and Practice", is suggested reading for those not familiar with the construction and characteristics of FETs. This surface mount packaged device was designed primarily for VHF and UHF portable power amplifier applications. Manufacturability is improved by utilizing the tape and reel capability for fully automated pick and placement of parts. However, care should be taken in the design process to insure proper heat sinking of the device. The major advantages of Lateral RF power MOSFETs include high gain, simple bias systems, relative immunity from thermal runaway, and the ability to withstand severely mismatched loads without suffering damage. MOSFET CAPACITANCES The physical structure of a MOSFET results in capacitors between all three terminals. The metal oxide gate structure determines the capacitors from gate - to - drain (Cgd), and gate - to - source (Cgs). The PN junction formed during fabrication of the RF MOSFET results in a junction capacitance from drain - to - source (Cds). These capacitances are characterized as input (Ciss), output (Coss) and reverse transfer (Crss) capacitances on data sheets. The relationships between the inter - terminal capacitances and those given on data sheets are shown below. The Ciss can be specified in two ways: 1. Drain shorted to source and positive voltage at the gate. 2. Positive voltage of the drain in respect to source and zero volts at the gate. In the latter case, the numbers are lower. However, neither method represents the actual operating conditions in RF applications. drain - source voltage under these conditions is termed VDS(on). For MOSFETs, VDS(on) has a positive temperature coefficient at high temperatures because it contributes to the power dissipation within the device. BVDSS values for this device are higher than normally required for typical applications. Measurement of BVDSS is not recommended and may result in possible damage to the device. GATE CHARACTERISTICS The gate of the RF MOSFET is a polysilicon material, and is electrically isolated from the source by a layer of oxide. The DC input resistance is very high - on the order of 109 -- resulting in a leakage current of a few nanoamperes. Gate control is achieved by applying a positive voltage to the gate greater than the gate - to - source threshold voltage, VGS(th). Gate Voltage Rating -- Never exceed the gate voltage rating. Exceeding the rated VGS can result in permanent damage to the oxide layer in the gate region. Gate Termination -- The gates of these devices are essentially capacitors. Circuits that leave the gate open - circuited or floating should be avoided. These conditions can result in turn - on of the devices due to voltage build - up on the input capacitor due to leakage currents or pickup. Gate Protection -- These devices do not have an internal monolithic zener diode from gate - to - source. If gate protection is required, an external zener diode is recommended. Using a resistor to keep the gate - to - source impedance low also helps dampen transients and serves another important function. Voltage transients on the drain can be coupled to the gate through the parasitic gate - drain capacitance. If the gate - to - source impedance and the rate of voltage change on the drain are both high, then the signal coupled to the gate may be large enough to exceed the gate - threshold voltage and turn the device on. DC BIAS Since this device is an enhancement mode FET, drain current flows only when the gate is at a higher potential than the source. RF power FETs operate optimally with a quiescent drain current (IDQ), whose value is application dependent. This device was characterized at IDQ = 150 mA, which is the suggested value of bias current for typical applications. For special applications such as linear amplification, IDQ may have to be selected to optimize the critical parameters. The gate is a dc open circuit and draws no current. Therefore, the gate bias circuit may generally be just a simple resistive divider network. Some special applications may require a more elaborate bias system. GAIN CONTROL Power output of this device may be controlled to some degree with a low power dc control signal applied to the gate, thus facilitating applications such as manual gain control, ALC/AGC and modulation systems. This characteristic is very dependent on frequency and load line.
Drain Cgd Gate Cds Cgs Source Ciss = Cgd + Cgs Coss = Cgd + Cds Crss = Cgd
DRAIN CHARACTERISTICS One critical figure of merit for a FET is its static resistance in the full - on condition. This on - resistance, RDS(on), occurs in the linear region of the output characteristic and is specified at a specific gate - source voltage and drain current. The
MRF1511NT1 10 RF Device Data Freescale Semiconductor
MOUNTING The specified maximum thermal resistance of 2C/W assumes a majority of the 0.065 x 0.180 source contact on the back side of the package is in good contact with an appropriate heat sink. As with all RF power devices, the goal of the thermal design should be to minimize the temperature at the back side of the package. Refer to Freescale Application Note AN4005/D, "Thermal Management and Mounting Method for the PLD - 1.5 RF Power Surface Mount Package," and Engineering Bulletin EB209/D, "Mounting Method for RF Power Leadless Surface Mount Transistor" for additional information. AMPLIFIER DESIGN Impedance matching networks similar to those used with bipolar transistors are suitable for this device. For examples see Freescale Application Note AN721, "Impedance Matching Networks Applied to RF Power Transistors."
Large - signal impedances are provided, and will yield a good first pass approximation. Since RF power MOSFETs are triode devices, they are not unilateral. This coupled with the very high gain of this device yields a device capable of self oscillation. Stability may be achieved by techniques such as drain loading, input shunt resistive loading, or output to input feedback. The RF test fixture implements a parallel resistor and capacitor in series with the gate, and has a load line selected for a higher efficiency, lower gain, and more stable operating region. Two - port stability analysis with this device's S - parameters provides a useful tool for selection of loading or feedback circuitry to assure stable operation. See Freescale Application Note AN215A, "RF Small - Signal Design Using Two - Port Parameters" for a discussion of two port network theory and stability.
MRF1511NT1 RF Device Data Freescale Semiconductor 11
PACKAGE DIMENSIONS
A F
3
0.146 3.71
0.095 2.41
0.115 2.92
B
D
1
2
R
L
0.115 2.92 0.020 0.51
4
N K Q
ZONE V
0.35 (0.89) X 45_" 5 _ 10_DRAFT
inches mm
SOLDER FOOTPRINT
DIM A B C D E F G H J K L N P Q R S U ZONE V ZONE W ZONE X INCHES MIN MAX 0.255 0.265 0.225 0.235 0.065 0.072 0.130 0.150 0.021 0.026 0.026 0.044 0.050 0.070 0.045 0.063 0.160 0.180 0.273 0.285 0.245 0.255 0.230 0.240 0.000 0.008 0.055 0.063 0.200 0.210 0.006 0.012 0.006 0.012 0.000 0.021 0.000 0.010 0.000 0.010 MILLIMETERS MIN MAX 6.48 6.73 5.72 5.97 1.65 1.83 3.30 3.81 0.53 0.66 0.66 1.12 1.27 1.78 1.14 1.60 4.06 4.57 6.93 7.24 6.22 6.48 5.84 6.10 0.00 0.20 1.40 1.60 5.08 5.33 0.15 0.31 0.15 0.31 0.00 0.53 0.00 0.25 0.00 0.25
U H
4
P C
Y
Y
E
ZONE W
1
G
MRF1511NT1 12 RF Device Data Freescale Semiconductor
EEEEEE EE EEEE E EEEEEE EE EEEEEE EEEE E EEEEEE EE
2 3
NOTES: 1. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1984. 2. CONTROLLING DIMENSION: INCH 3. RESIN BLEED/FLASH ALLOWABLE IN ZONE V, W, AND X. STYLE 1: PIN 1. 2. 3. 4. DRAIN GATE SOURCE SOURCE
S
ZONE X
VIEW Y - Y
CASE 466 - 03 ISSUE D PLD- 1.5 PLASTIC
PRODUCT DOCUMENTATION
Refer to the following documents to aid your design process. Application Notes * AN211A: Field Effect Transistors in Theory and Practice * AN215A: RF Small - Signal Design Using Two - Port Parameters * AN721: Impedance Matching Networks Applied to RF Power Transistors * AN4005: Thermal Management and Mounting Method for the PLD 1.5 RF Power Surface Mount Package Engineering Bulletins * EB212: Using Data Sheet Impedances for RF LDMOS Devices
REVISION HISTORY
The following table summarizes revisions to this document.
Revision 7 Date June 2008 Description * Corrected specified performance values for power gain and efficiency on p. 1 to match typical performance values in the functional test table on p. 2 * Added Product Documentation and Revision History, p. 13
MRF1511NT1 RF Device Data Freescale Semiconductor 13
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 1 - 800 - 521 - 6274 or +1 - 480 - 768 - 2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1 - 8 - 1, Shimo - Meguro, Meguro - ku, Tokyo 153 - 0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor China Ltd. Exchange Building 23F No. 118 Jianguo Road Chaoyang District Beijing 100022 China +86 10 5879 8000 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1 - 800 - 441 - 2447 or +1 - 303 - 675 - 2140 Fax: +1 - 303 - 675 - 2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2008. All rights reserved.
RoHS-compliant and/or Pb-free versions of Freescale products have the functionality and electrical characteristics of their non-RoHS-compliant and/or non-Pb-free counterparts. For further information, see http://www.freescale.com or contact your Freescale sales representative. For information on Freescale's Environmental Products program, go to http://www.freescale.com/epp.
MRF1511NT1
Rev. 14 7, 6/2008 Document Number: MRF1511N
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of MRF1511NT108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X