Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download MMC25J4704ETP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FeaTureS
* * * * High Voltage Ratings Smaller Package Sizes Low Cost Wraparound Terminals
SpeCIFICaTIoNS
Prefered Number Series for Resistors: 1%, 2%: E96, E24 5%, 10%: E24 Material Substrate: Alumina Resistor: Thick Film Electrical Tolerance: 1-10% Derating: Linearly from 100% at 70C to 0% at 125C Isolation Voltage: 500V (ex. MMC06: 100V) Oper. Temp. Range: -55~+125
Mini Macro Chip Series
L W A t B
High Voltage Thick Film SMD Chip
power resistance TCr rating (W) Voltage Isolation Dimensions (in./mm) range 10-6/C @70C rating* Voltage L W t a 470~10M 100 0.1 200 100 0.063 .004 0.031 .006 0.018 .004 0.012 .004 47~464 200 1.6 0.1 0.8 0.15 0.45 0.1 0.3 0.1 100~10M 1% & 2% 100 0.125 300 500 0.079 .004 0.049 .004 0.022 .004 0.016 .008 100~51M 5% & 10% 2.0 0.1 1.25 0.10 0.55 0.1 0.4 0.2 47~97.6 200 MMC12 100~10M 1% & 2% 100 0.25 400 500 0.126 .004 0.063 .006 0.022 .004 0.020 .01 (1206/3216) 100~51M 5% & 10% 3.2 0.1 1.6 0.15 0.55 0.1 0.5 0.25 47~97.6 200 MMC25 560~20M 1% & 2% 100 1.0 800 500 0.248 .004 0.126 .006 0.022 .004 0.024 .008 (2512/6332) 560~51M 5% & 10% 6.3 0.1 3.2 0.15 0.55 0.1 0.6 0.2 100~549 200 47~97.6 500~-200 *Use Ohm's Law (V= P*R) to calculate maximum working voltage. Note: Limiting Element Voltage can only be applied to resistors when the resistance is equal to or higher than the critical resistance value.
Series (Size in./met.) MMC06 (0603/1608) MMC08 (0805/2012)
Qty./ B reel 0.012 .004 5000 0.3 0.1 0.016 .008 5000 0.4 0.2 0.020 .01 0.5 0.25 5000
0.024 .008 4000 0.6 0.2
DeraTING
100 80 60 40 20 0 0 25 50 70 75 100 Ambient Temperature, C 125
o r d e r i n g i n f o r m at i o n
RoHS Compliant
MMC12J4704ETP
Type Wattage 06 = 0.1 08 = 0.125 12 = 0.25 25 = 1.0 Tolerance F = 1% G = 2% J = 5% K = 10% Resistance Packaging First 3 digits are TP = Paper tape significant; 4th digit (use on MMC06, is multiplier (# of MMC08, MMC12) zeroes to follow). TR = Embossed tape Examples: (use on MMC25) 4704 = 4,700,000 1214 = 1,210,000 Use E96 values for 1% Use E24 values for 5%
Percent Rated Power
Note: Units are marked with 3-digit (E24 Series) or 4-digit (E96 Series). 4-digit marking not available on MMC06 sizes.
l a n d Pat t e r n ( i n . )
Land pattern dimensions are for reference only
N M L
Size MMC06 MMC08 MMC12 MMC25 M 0.075 0.095 0.146 0.272 N 0.024 0.032 0.040 0.048 o 0.041 0.069 0.080 0.150 L 0.027 0.031 0.066 0.176
O
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com
5


▲Up To Search▲   

 
Price & Availability of MMC25J4704ETP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X