Part Number Hot Search : 
8205A MV363TGN 100D12N2 5N06V FUR420 023R3 ST6230 HXX06
Product Description
Full Text Search
 

To Download MCF5208EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Data Sheet: Advance Information
MCF5208EC Rev. 1, 4/2007
MCF5208 ColdFire(R) Microprocessor Data Sheet
Supports MCF5207 & MCF5208
by: Microcontroller Division
The MCF5207 and MCF5208 devices are highly-integrated, 32-bit microprocessors based on the version 2 ColdFire microarchitecture. Both devices contain a 16-Kbyte internal SRAM, an 8-Kbyte configurable cache, a 2-bank SDR/DDR SDRAM controller, a 16-channel DMA controller, up to three UARTs, a queued SPI, a low-power management modeule, and other peripherals that enable the MCF5207 and MCF5208 for use in industrial control and connectivity applications. The MCF5208 device also features a 10/100 Mbps fast ethernet controller. This document provides detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications of the MCF5207 and MCF5208 microprocessors. It was written from the perspective of the MCF5208 device. See the following section for a summary of differences between the two devices.
Table of Contents
1 2 3 4 5 6 MCF5207/8 Device Configurations......................2 Ordering Information ...........................................2 Signal Descriptions..............................................3 Mechanicals and Pinouts ....................................8 Electrical Characteristics ...................................17 Revision History ................................................44
(c) Freescale Semiconductor, Inc., 2007. All rights reserved.
MCF5207/8 Device Configurations
1
MCF5207/8 Device Configurations
Table 1. MCF5207 & MCF5208 Configurations
Module Version 2 ColdFire Core with EMAC (Enhanced Multiply-Accumulate Unit) Core (System) Clock Peripheral and External Bus Clock (Core clock / 2) Performance (Dhrystone/2.1 MIPS) Instruction/Data Cache Static RAM (SRAM) SDR/DDR SDRAM Controller Fast Ethernet Controller (FEC) Low-Power Management Module UARTs I
2C
The following table compares the two devices described in this document:
MCF5207 *
MCF5208 *
up to 166.67 MHz up to 83.33 MHz up to 159 8 Kbytes 16 Kbytes * -- * 3 * * 4 * 4 * 1 * * * * 144 LQFP 144 MAPBGA * * * 3 * * 4 * 4 * 1 * * * * 160 QFP 196 MAPBGA
QSPI 32-bit DMA Timers Watchdog Timer (WDT) Periodic Interrupt Timers (PIT) Edge Port Module (EPORT) Interrupt Controllers (INTC) 16-channel Direct Memory Access (DMA) FlexBus External Interface General Purpose I/O Module (GPIO) JTAG IEEE(R) 1149.1 Test Access Port
Package
2
Ordering Information
Table 2. Orderable Part Numbers
Freescale Part Number MCF5207CAG166 MCF5207CVM166 MCF5208CAB166 MCF5208CVM166 Description MCF5207 RISC Microprocessor, 144 LQFP MCF5207 RISC Microprocessor, 144 MAPBGA MCF5208 RISC Microprocessor, 160 QFP MCF5208 RISC Microprocessor, 196 MAPBGA Speed 166.67 MHz 166.67 MHz 166.67 MHz 166.67 MHz Temperature -40 to +85 C -40 to +85 C -40 to +85 C -40 to +85 C
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 2 Freescale Semiconductor
Signal Descriptions
3
Signal Descriptions
The following table lists all the MCF5208 pins grouped by function. The Dir column is the direction for the primary function of the pin only. Refer to Section 4, "Mechanicals and Pinouts" for package diagrams. For a more detailed discussion of the MCF5208 signals, consult the MCF5208 Reference Manual (MCF5208RM). NOTE In this table and throughout this document, a single signal within a group is designated without square brackets (i.e., A23), while designations for multiple signals within a group use brackets (i.e., A[23:21]) and is meant to include all signals within the two bracketed numbers when these numbers are separated by a colon. NOTE The primary functionality of a pin is not necessarily its default functionality. Pins that are muxed with GPIO will default to their GPIO functionality.
Table 3. MCF5207/8 Signal Information and Muxing
Voltage Domain Signal Name GPIO Alternate 1 Alternate 2 MCF5207 144 LQFP MCF5207 144 MAPBGA MCF5208 160 QFP MCF5208 196 MAPBGA Dir.1 Reset RESET2 RSTOUT -- -- -- -- -- -- I O Clock EXTAL XTAL FB_CLK -- -- -- -- -- -- -- -- -- I O O
EVDD EVDD SDVDD EVDD EVDD
82 74
J10 M12
90 82
J14 N14
78 80 34
K12 J12 L1
86 88 40
L14 K14 N1
Mode Selection RCON2 DRAMSEL -- -- -- -- -- -- I I
EVDD EVDD
144 79
C4 H10
160 87
C3 K11
FlexBus A[23:22] A[21:16] -- -- FB_CS[5:4] -- -- -- O O
SDVDD SDVDD
118, 117 116-114, 112, 108, 107 106, 105 104-102 101
B9, A10 C9, A11, B10, A12, C11, B11 B12, C12 D11, E10, D12 C10
126, 125 124, 123, 122, 120, 116, 115 114, 113 112, 111, 110 109
B11, A11 B12, A12, A13, B13, B14, C13 C14, D12 D13, D14, E11 E12
A[15:14] A[13:11] A10
-- -- --
SD_BA[1:0]3 SD_A[13:11]3 --
-- -- --
O O O
SDVDD SDVDD
SDVDD
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 3
Signal Descriptions
Table 3. MCF5207/8 Signal Information and Muxing (continued)
Voltage Domain Signal Name A[9:0] GPIO -- Alternate 1 SD_A[9:0]3 Alternate 2 -- MCF5207 144 LQFP 100-91 MCF5207 144 MAPBGA E11, D9, E12, F10, F11, E9, F12, G10, G12, F9 F1, F2, G1, G2, G4, G3, H1, H2, K3, L2, L3, K2, M3, J4, M4, K4 B2, B1, C2, C1, D2, D1, E2, E1, L5, K5, L6, J6, M6, J7, L7, K7 F4, L4, E3, J5 J8 G11 K6 B3 MCF5208 160 QFP 108-99 MCF5208 196 MAPBGA E13, E14, F11-F14, G11-G14 Dir.1 O I/O
SDVDD
D[31:16]
--
SD_D[31:16]4
--
SDVDD
21-28, 40-47
27-34, 46-53
J4-J1, K4-K1, M3, N3, M4, N4, P4, L5, M5, N5 F3-F1, G4-G1, H1, N6, P6, L7, M7, N7, P7, N8, P8 H2, P5, H4, M6 M8 H14 L8 E3
D[15:0]
--
FB_D[31:16]4
--
I/O
SDVDD 8-15, 51-58
16-23, 57-64
BE/BWE[3:0] OE TA2 R/W TS
PBE[3:0] PBUSCTL3 PBUSCTL2 PBUSCTL1 PBUSCTL0
SD_DQM[3:0]3 -- -- -- DACK0
-- -- -- -- --
O O I O O
SDVDD
20, 48, 18, 50 60 90 59 4
26, 54, 24, 56 66 98 65 12
SDVDD SDVDD SDVDD SDVDD
Chip Selects FB_CS[3:2] FB_CS1 FB_CS0 PCS[3:2] PCS1 -- -- SD_CS1 -- -- -- -- O O O
SDVDD SDVDD SDVDD
119, 120 121 122
D7, A9 C8 B8
-- 127 128
C11, A10 B10 C10
SDRAM Controller SD_A10 SD_CKE SD_CLK SD_CLK SD_CS0 SD_DQS[3:2] SD_SCAS SD_SRAS SD_SDR_DQS SD_WE -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- O O O O O O O O O O
SDVDD SDVDD SDVDD SDVDD SDVDD SDVDD SDVDD SDVDD SDVDD SDVDD
37 6 31 32 7 19, 49 38 39 29 5
M1 C3 J1 K1 A1 F3, M5 M2 J2 H3 D3
43 14 37 38 15 25, 55 44 45 35 13
N2 E1 L1 M1 F4 H3, L6 P2 P3 L3 E2
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 4 Freescale Semiconductor
Signal Descriptions
Table 3. MCF5207/8 Signal Information and Muxing (continued)
Voltage Domain Signal Name GPIO Alternate 1 Alternate 2 MCF5207 144 LQFP MCF5207 144 MAPBGA MCF5208 160 QFP MCF5208 196 MAPBGA Dir.1 I I I FEC FEC_MDC FEC_MDIO FEC_TXCLK -- FEC_TXEN FEC_TXD0 FEC_COL FEC_RXCLK FEC_RXDV FEC_RXD0 FEC_CRS FEC_TXD[3:1] -- FEC_TXER FEC_RXD[3:2] -- FEC_RXD1 -- FEC_RXER PFECI2C3 PFECI2C2 PFECH7 PFECH6 PFECH6 PFECH5 PFECH4 PFECH3 PFECH2 PFECH1 PFECH0 PFECL[7:5] PFECL4 PFECL4 PFECL[3:2] PFECL1 PFECL1 PFECL0 PFECL0 I2C_SCL2 I2C_SDA -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
2
External Interrupts Port5 IRQ72 IRQ4 IRQ1
2 2
PIRQ72 PIRQ4 PIRQ1
2 2
-- DREQ0 --
2
-- -- --
EVDD EVDD EVDD
134 133 132
A5 C6 B6
142 141 140
C7 D7 D8
U2TXD U2RXD -- U1RTS U1RTS -- -- -- -- -- -- -- U0RTS U0RTS -- U1CTS U1CTS U0CTS U0CTS
O I/O I O O O I I I I I O O O I I I I I
EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD
-- -- -- 142 -- -- -- -- -- -- -- -- 141 -- -- 139 -- 140 --
-- -- -- A2 -- -- -- -- -- -- -- -- D5 -- -- B4 -- E4 --
148 147 157 -- 158 3 7 154 153 152 8 6-4 -- 156 149-150 -- 151 -- 155
D6 C6 B3 -- A2 B1 D3 B4 A4 D5 D2 C1, C2, B2 -- A3 A5, B5 -- C5 -- C4
Note: The MCF5207 does not contain an FEC module. However, the UART0 and UART1 control signals (as well as their GPIO signals) are available by setting the appropriate FEC GPIO port registers. I2C I2C_SDA2 I2C_SCL
2
PFECI2C02 PFECI2C1
2
U2RXD2 U2TXD
2
-- --
I/O I/O DMA
EVDD EVDD
-- --
-- --
-- --
D1 E4
DACK0 and DREQ0 do not have a dedicated bond pads. Please refer to the following pins for muxing: TS and QSPI_CS2 for DACK0, IRQ4 and QSPI_DIN for DREQ0.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 5
Signal Descriptions
Table 3. MCF5207/8 Signal Information and Muxing (continued)
Voltage Domain Signal Name GPIO Alternate 1 Alternate 2 MCF5207 144 LQFP MCF5207 144 MAPBGA MCF5208 160 QFP MCF5208 196 MAPBGA Dir.1 QSPI QSPI_CS2 QSPI_CLK QSPI_DOUT QSPI_DIN PQSPI3 PQSPI0 PQSPI1 PQSPI2 DACK0 I2C_SCL
2 2
U2RTS -- -- U2CTS
O O O I
EVDD EVDD EVDD EVDD
126 127 128 129
A8 C7 A7 B7
132 133 134 135
D10 A9 B9 C9
I2C_SDA
DREQ02
Note: The QSPI_CS1 and QSPI_CS0 signals are available on the U1CTS, U1RTS, U0CTS, or U0RTS pins for the 196 and 160-pin packages. UARTs U1CTS U1RTS U1TXD U1RXD U0CTS U0RTS U0TXD U0RXD PUARTL7 PUARTL6 PUARTL5 PUARTL4 PUARTL3 PUARTL2 PUARTL1 PUARTL0 DT1IN DT1OUT -- -- DT0IN DT0OUT -- -- QSPI_CS1 QSPI_CS1 -- -- QSPI_CS0 QSPI_CS0 -- -- I O O I I O O I
EVDD EVDD EVDD EVDD EVDD EVDD EVDD EVDD
-- -- 131 130 -- -- 71 70
-- -- A6 D6 -- -- L10 M10
136 137 139 138 76 77 79 78
D9 C8 A8 B8 N12 P12 P13 N13
Note: The UART2 signals are multiplexed on the DMA Timers, QSPI, FEC, and I2C pins. For the MCF5207 devices, the UART0 and UART1 control signals are multiplexed internally on the FEC signals. DMA Timers DT3IN DT2IN DT1IN DT0IN PTIMER3 PTIMER2 PTIMER1 PTIMER0 DT3OUT DT2OUT DT1OUT DT0OUT U2CTS U2RTS U2RXD U2TXD I I I I
EVDD EVDD EVDD EVDD
135 136 137 138
B5 C5 A4 A3
143 144 145 146
B7 A7 A6 B6
BDM/JTAG6 JTAG_EN7 DSCLK PSTCLK BKPT DSI DSO DDATA[3:0] PST[3:0] -- -- -- -- -- -- -- -- -- TRST2 TCLK
2
-- -- -- -- -- -- -- --
I I O I I O O O
EVDD EVDD EVDD EVDD EVDD EVDD EVDD
83 76 64 75 77 69 -- --
J11 K11 M7 L12 H9 M9 K9, L9, M11, M8 L11, L8, K10, K8
91 84 70 83 85 75 -- --
J13 L12 P9 M14 K12 M12 P11, N11, M11, P10 N10, M10, L10, L9
TMS2 TDI2 TDO -- --
EVDD
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 6 Freescale Semiconductor
Signal Descriptions
Table 3. MCF5207/8 Signal Information and Muxing (continued)
Voltage Domain Signal Name ALLPST GPIO -- Alternate 1 -- Alternate 2 -- MCF5207 144 LQFP 67 MCF5207 144 MAPBGA -- MCF5208 160 QFP 73 MCF5208 196 MAPBGA -- Dir.1 O Test TEST7 PLL_TEST -- -- -- -- -- -- I I
EVDD EVDD
EVDD
109 --
-- --
-- --
C12 M13
Power Supplies EVDD -- -- -- -- -- 1, 33, 63, 66, 72, 81, 87, 125 E5-E6, F5, G8-G9, H7-H8 2, 9, 69, 72, E5-E7, F5, 80, 89, 95, F6, G5, H10, 131 J9, J10, K8-K10, K13, M9 36, 74, 92, 121, 159 94 J12, D4, D11, H11, L4, L11, H13
IVDD
--
--
--
--
--
30, 68, 84, 113, 143 86
D4, D8, H4, H11, J9 H12
PLL_VDD SD_VDD
-- --
-- --
-- --
-- --
-- --
3, 17, 35, 61, E7-E8, F8, 11, 39, 41, E8-E10, F9, 89, 110, 123 G5, H5-H6, 67, 97, 118, F10, G10, J3 129 H5, J5, J6, K5-K7, L2 2, 16, 36, 62, D10, F6-F7, 1, 10, 42, 68, 65, 73, 88, G6-G7 71, 81, 96, 111, 124 117, 119, 130 A1, A14, F7-F8, G6-G9, H6-H9, J7-J8, L13, M2, N9, P1, P14 H12
VSS
--
--
--
--
--
PLL_VSS
--
--
--
--
--
85
--
93
NOTES: 1 Refers to pin's primary function. 2 Pull-up enabled internally on this signal for this mode. 3 The SDRAM functions of these signals are not programmable by the user. They are dynamically switched by the processor when accessing SDRAM memory space and are included here for completeness. 4 Primary functionality selected by asserting the DRAMSEL signal (SDR mode). Alternate functionality selected by negating the DRAMSEL signal (DDR mode). The GPIO module is not responsible for assigning these pins. 5 GPIO functionality is determined by the edge port module. The GPIO module is only responsible for assigning the alternate functions. 6 If JTAG_EN is asserted, these pins default to Alternate 1 (JTAG) functionality. The GPIO module is not responsible for assigning these pins. 7 Pull-down enabled internally on this signal for this mode.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 7
Mechanicals and Pinouts
4
Mechanicals and Pinouts
NOTE The mechanical drawings are the latest revisions at the time of publication of this document. The most up-to-date mechanical drawings can be found at the product summary page located at http://www.freescale.com/coldfire.
Drawings in this section show the pinout and the packaging and mechanical characteristics of the MCF5207 and MCF5208 devices.
4.1
Pinout--144 LQFP
QSPI_DOUT QSPI_CLK QSPI_CS2 QSPI_DIN SD_VDD SD_VDD 110 FB_CS0 FB_CS1 FB_CS2 FB_CS3 U1RXD U1TXD U1RTS U0RTS U0CTS U1CTS
Figure 1 shows a pinout of the MCF5207CAG166 device.
RCON DT0IN DT1IN DT2IN DT3IN EVDD TEST 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 SD_A10 R/W D23 D22 D21 D20 D19 D18 D17 D16 SD_DQS2 BE/BWE2 BE/BWE0 ALL_PST D7 D6 D5 D4 D3 D2 D1 D0 TDO/DSO EVDD EVDD SD_VDD SD_CAS SD_RAS TCLK/PSTCLK U0RXD U0TXD EVDD VSS IVDD OE VSS 72 IVDD IVDD IRQ7 IRQ4 IRQ1
VSS
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
EVDD EVSS SD_VDD TS SD_WE SD_CKE SD_CS D15 D14 D13 D12 D11 D10 D9 D8 EVSS SD_VDD BE/BWE1 SD_DQS3 BE/BWE3 D31 D30 D29 D28 D27 D26 D25 D24 SD_SDR_DQS IVDD SD_CLK SD_CLK SD_VDD FB_CLK SD_VDD VSS
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
111
*
VSS
A23
A22
A21
A20
A19
A18
A17 A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 TA SD_VDD VSS EVDD PLL_VDD PLL_VSS IVDD JTAG_EN RESET EVDD XTAL DRAMSEL EXTAL TDI/DSI TRST/DSCLK TMS/BKPT RSTOUT VSS
Figure 1. MCF5207CAG166 Pinout Top View (144 LQFP)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 8 Freescale Semiconductor
Mechanicals and Pinouts
4.2
Package Dimensions--144 LQFP
Figure 2 and Figure 3 show MCF5207CAB166 package dimensions.
Figure 2. MCF5207CAB166 Package Dimensions (Sheet 1 of 2)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 9
Mechanicals and Pinouts
View A
Rotated 90x CW 144 Places
Section A-A
View B
Figure 3. MCF5207CAB166 Package Dimensions (Sheet 2 of 2)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 10 Freescale Semiconductor
Mechanicals and Pinouts
4.3
1 A
Pinout--144 MAPBGA
2 U1RTS 3 DT0IN 4 DT1IN 5 IRQ7 6 U1TXD 7 QSPI_ DOUT 8 QSPI_CS2 9 FB_CS2 10 A22 11 A20 12 A18 A
The pinout of the MCF5207CVM166 device is shown below.
SD_CS
B
D14
D15
TS
U1CTS
DT3IN
IRQ1
QSPI_DIN
FB_CS0
A23
A19
A16
A15
B
C
D12
D13
SD_CKE
RCON
DT2IN
IRQ4
QSPI_ CLK
FB_CS1
A21
A10
A17
A14
C
D
D10
D11
SD_WE
IVDD
U0RTS
U1RXD
FB_CS3
IVDD
A8
VSS
A13
A11
D
E
D8
D9
BE/BWE1
U0CTS
EVDD
EVDD
SD_VDD
SD_VDD
A4
A12
A9
A7
E
F
D31
D30
SD_DQS3 BE/BWE3
EVDD
VSS
VSS
SD_VDD
A0
A6
A5
A3
F
G
D29
D28
D26
D27
SD_VDD
VSS
VSS
EVDD
EVDD
A2
TA
A1
G
H
D25
D24
SD_SDR_ DQS
IVDD
SD_VDD
SD_VDD
EVDD
EVDD
TDI/DSI
DRAM SEL
IVDD
PLL_VDD
H
J
SD_CLK
SD_RAS
SD_VDD
D18
BE/BWE0
D4
D2
OE
IVDD
RESET
JTAG_EN
XTAL
J
K
SD_CLK
D20
D23
D16
D6
R/W
D0
PST0
DDATA3
PST1
TRST/ DSCLK
EXTAL
K
L
FB_CLK
D22
D21
BE/BWE2
D7
D5
D1
PST2
DDATA2
U0TXD
PST3
TMS/ BKPT
L
M
SD_A10 1
SD_CAS 2
D19 3
D17 4
SD_DQS2 5
D3 6
TCLK/ PSTCLK 7
DDATA0 8
TDO/DSO 9
U0RXD 10
DDATA1 11
RSTOUT 12
M
Figure 4. MCF5207CVM166 Pinout Top View (144 MAPBGA)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 11
Mechanicals and Pinouts
4.4
Package Dimensions--144 MAPBGA
Figure 5 shows the MCF5207CAB166 package dimensions.
Figure 5. MCF5207CAB166 Package Dimensions (144 MAPBGA)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 12 Freescale Semiconductor
Mechanicals and Pinouts
4.5
Pinout--160 QFP
FEC_RXCLK QSPI_DOUT FEC_TXCLK FEC_RXER FEC_RXDV FEC_RXD0 FEC_RXD1 FEC_RXD2 FEC_RXD3 FEC_TXEN FEC_TXER FEC_MDIO QSPI_CLK QSPI_CS2 FEC_MDC QSPI_DIN SD_VDD FB_CS0 FB_CS1 U1RXD U1RTS U1CTS U1TXD
Figure 6 shows a pinout of the MCF5208CAB166 device.
RCON DT0IN DT1IN DT2IN DT3IN EVDD IVDD IVDD 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 SD_A10 BE/BWE2 BE/BWE0 D23 D22 D21 D20 D19 D18 D17 D16 D7 D6 D5 D4 D3 D2 D1 SD_DQS2 D0 TDO/DSO EVDD EVDD TCLK/PSTCLK SD_VDD SD_VDD SD_CAS SD_RAS ALL_PST U0RXD U0TXD U0CTS U0RTS EVDD VSS IVDD VSS OE VSS R/W 80 IRQ7 IRQ4 IRQ1
VSS
A23
A22
A21
A20 123
160
159
158
157
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
VSS EVDD FEC_TXD0 FEC_TXD1 FEC_TXD2 FEC_TXD3 FEC_COL FEC_CRS EVDD VSS SD_VDD TS SD_WE SD_CKE SD_CS D15 D14 D13 D12 D11 D10 D9 D8 BE/BWE1 SD_DQS3 BE/BWE3 D31 D30 D29 D28 D27 D26 D25 D24 SD_SDR_DQS IVDD SD_CLK SD_CLK SD_VDD FB_CLK
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
122
*
A19
A18 VSS SD_VDD VSS A17 A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 TA SD_VDD VSS EVDD PLL_VDD PLL_VSS IVDD JTAG_EN RESET EVDD XTAL DRAMSEL EXTAL TDI/DSI TRST/DSCLK TMS/BKPT RSTOUT VSS
Figure 6. MCF5208CAB166 Pinout Top View (160 QFP)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 13
Mechanicals and Pinouts
4.6
Package Dimensions--160 QFP
The package dimensions of the MCF5208CAB166 device are shown in the figures below.
Top View
Figure 7. MCF5208CAB166 Package Dimensions (Sheet 1 of 2)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 14 Freescale Semiconductor
Mechanicals and Pinouts
SECTION B-B DETAIL A
Figure 8. MCF5208CAB166 Package Dimensions (Sheet 2 of 2)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 15
Mechanicals and Pinouts
4.7
1 A VSS
Pinout--196 MAPBGA
2 FEC_ TXEN FEC_ TXD1 FEC_ TXD2 FEC_ CRS 3 FEC_ TXER FEC_ TXCLK 4 FEC_ RXDV FEC_ RXCLK FEC_ RXER 5 FEC_ RXD3 FEC_ RXD2 FEC_ RXD1 FEC_ RXD0 6 DT1IN 7 DT2IN 8 U1TXD 9 QSPI_ CLK QSPI_ DOUT QSPI_ DIN 10 FB_CS2 11 A22 12 A20 13 A19 14 VSS A
Figure 9 shows a pinout of the MCF5208CVM166 device.
B
FEC_ TXD0 FEC_ TXD3
DT0IN
DT3IN
U1RXD
FB_CS1
A23
A21
A18
A17
B
C
RCON
FEC_ MDIO FEC_ MDC
IRQ7
U1RTS
FB_CS0
FB_CS3
TEST
A16
A15
C
D
I2C_SDA
FEC_ COL
IVDD
IRQ4
IRQ1
U1CTS
QSPI_ CS2
IVDD
A14
A13
A12
D
E
SD_CKE
SD_WE
TS
I2C_SCL
EVDD
EVDD
EVDD
SD_VDD
SD_VDD
SD_VDD
A11
A10
A9
A8
E
F
D13
D14
D15
SD_CS
EVDD
EVDD
VSS
VSS
SD_VDD
SD_VDD
A7
A6
A5
A4
F
G
D9
D10
D11
D12
EVDD
VSS
VSS
VSS
VSS
SD_VDD
A3
A2
A1
A0
G
H
D8
BE/ BWE3
SD_ DQS3
BE/ BWE1
SD_VDD
VSS
VSS
VSS
VSS
EVDD
IVDD
PLL_ VSS
PLL_ VDD JTAG_ EN
TA
H
J
D28
D29
D30
D31
SD_VDD
SD_VDD
VSS
VSS
EVDD
EVDD
NC
IVDD
RESET
J
K
D24
D25
D26
D27
SD_VDD
SD_VDD
SD_VDD
EVDD
EVDD
EVDD
DRAM SEL
TDI/ DSI TRST/ DSCLK TDO/ DSO
EVDD
XTAL
K
L
SD_CLK SD_VDD
SD_SDR _DQS
IVDD
D18
SD_ DQS2 BE/ BWE0
D5
R/W
PST0
PST1
IVDD
VSS
EXTAL
L
M
SD_CLK
VSS
D23
D21
D17
D4
OE
EVDD
PST2
DDATA1
PLL_ TEST
TMS/ BKPT
M
N
FB_CLK
SD_A10
D22
D20
D16
D7
D3
D1
VSS
PST3
DDATA2
U0CTS
U0RXD
RSTOUT N
P
VSS 1
SD_CAS SD_RAS 2 3
D19 4
BE/ BWE2 5
D6 6
D2 7
D0 8
TCLK/ PSTCLK 9
DDATA0 10
DDATA3 11
U0RTS 12
U0TXD 13
VSS 14
P
Figure 9. MCF5208CVM166 Pinout Top View (196 MAPBGA)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 16 Freescale Semiconductor
Electrical Characteristics
4.8
Package Dimensions--196 MAPBGA
The package dimensions for the MCF5208CVM166 device is shown below.
Top View
Bottom View
Figure 10. MCF5208CVM166 Package Dimensions (196 MAPBGA)
5
Electrical Characteristics
The following electrical specifications are preliminary and are from previous designs or design simulations. These specifications may not be fully tested or guaranteed at this early stage of the product life cycle; however, for production silicon, these specifications are met. Finalized specifications will be published after complete characterization and device qualifications have been completed.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 17
Electrical Characteristics
5.1
Maximum Ratings
Table 4. Absolute Maximum Ratings1, 2
Rating Core Supply Voltage CMOS Pad Supply Voltage DDR/Memory Pad Supply Voltage PLL Supply Voltage Digital Input Voltage 3 Instantaneous Maximum Current Single pin limit (applies to all pins) 3, 4, 5 Operating Temperature Range (Packaged) Storage Temperature Range Symbol IVDD EVDD SDVDD PLLVDD VIN ID TA (TL - TH) Tstg Value - 0.5 to +2.0 - 0.3 to +4.0 - 0.3 to +4.0 - 0.3 to +2.0 - 0.3 to +3.6 25 - 40 to 85 - 55 to 150 Unit V V V V V mA C C
NOTES: 1 Functional operating conditions are given in Section 5.4, "DC Electrical Specifications". Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Continued operation at these levels may affect device reliability or cause permanent damage to the device. 2 This device contains circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (VSS or EVDD). 3 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate resistance values for positive and negative clamp voltages, then use the larger of the two values. 4 All functional non-supply pins are internally clamped to V SS and EVDD. 5 Power supply must maintain regulation within operating EV DD range during instantaneous and operating maximum current conditions. If positive injection current (Vin > EVDD) is greater than IDD, the injection current may flow out of EVDD and could result in external power supply going out of regulation. Ensure external EVDD load shunts current greater than maximum injection current. This is the greatest risk when the MCU is not consuming power (ex; no clock). Power supply must maintain regulation within operating EVDD range during instantaneous and operating maximum current conditions.
5.2
Thermal Characteristics
Table 5. Thermal Characteristics
Characteristic Symbol 196MBGA 144MBGA 160QFP 144LQFP Unit Four layer board (2s2p) Four layer board (2s2p) JMA JMA 471,2 431,2 471,2 431,2 491,2 441,2 651,2 581,2 C/W C/W
Table 5 lists thermal resistance values
Junction to ambient, natural convection Junction to ambient (@200 ft/min)
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 18 Freescale Semiconductor
Electrical Characteristics
Table 5. Thermal Characteristics (continued)
Characteristic Junction to board Junction to case Junction to top of package Maximum operating junction temperature Symbol 196MBGA 144MBGA 160QFP 144LQFP Unit JB JC jt Tj 363 224 6
1,5
363 224 6
1,5
403 394 12
1,6
503 194 5
1,7
C/W C/W C/W
o
105
105
105
105
C
NOTES: 1 JMA and jt parameters are simulated in conformance with EIA/JESD Standard 51-2 for natural convection. Freescale recommends the use of JmA and power dissipation specifications in the system design to prevent device junction temperatures from exceeding the rated specification. System designers should be aware that device junction temperatures can be significantly influenced by board layout and surrounding devices. Conformance to the device junction temperature specification can be verified by physical measurement in the customer's system using the jt parameter, the device power dissipation, and the method described in EIA/JESD Standard 51-2. 2 Per JEDEC JESD51-6 with the board horizontal. 3 Thermal resistance between the die and the printed circuit board in conformance with JEDEC JESD51-8. Board temperature is measured on the top surface of the board near the package. 4 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1). 5 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written in conformance with Psi-JT. 6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written in conformance with Psi-JT. 7 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written in conformance with Psi-JT.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 19
Electrical Characteristics
The average chip-junction temperature (TJ) in C can be obtained from:
T J = T A + ( P D x JMA )
Eqn. 1
Where:
TA QJMA PD PINT PI/O = Ambient Temperature, C = Package Thermal Resistance, Junction-to-Ambient, xC/W = PINT + PI/O = IDD x IVDD, Watts - Chip Internal Power = Power Dissipation on Input and Output Pins -- User Determined
For most applications PI/O < PINT and can be ignored. An approximate relationship between PD and TJ (if PI/O is neglected) is:
K P D = -------------------------------( T J + 273C )
Eqn. 2
Solving equations 1 and 2 for K gives:
K = P D x ( T A x 273C ) + Q JMA x P D
2
Eqn. 3
where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving Equation 1 and Equation 2 iteratively for any value of TA.
5.3
ESD Protection
Table 6. ESD Protection Characteristics1, 2
Characteristics ESD Target for Human Body Model Symbol HBM Value 2000 Unit V
NOTES: 1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits. 2 A device is defined as a failure if, after exposure to ESD pulses, the device no longer meets the device specification requirements. Complete DC parametric and functional testing is performed per applicable device specification at room temperature followed by hot temperature, unless specified otherwise in the device specification.
5.4
DC Electrical Specifications
Table 7. DC Electrical Specifications
Characteristic Core Supply Voltage PLL Supply Voltage CMOS Pad Supply Voltage Symbol IVDD PLLVDD EVDD Min 1.4 1.4 3.0 Max 1.6 1.6 3.6 Unit V V V
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 20 Freescale Semiconductor
Electrical Characteristics
Table 7. DC Electrical Specifications (continued)
Characteristic SDRAM and FlexBus Supply Voltage Mobile DDR/Bus Pad Supply Voltage (nominal 1.8V) DDR/Bus Pad Supply Voltage (nominal 2.5V) SDR/Bus Pad Supply Voltage (nominal 3.3V) CMOS Input High Voltage CMOS Input Low Voltage CMOS Output High Voltage IOH = -5.0 mA CMOS Output Low Voltage IOL = 5.0 mA SDRAM and FlexBus Input High Voltage Mobile DDR/Bus Input High Voltage (nominal 1.8V) DDR/Bus Pad Supply Voltage (nominal 2.5V) SDR/Bus Pad Supply Voltage (nominal 3.3V) SDRAM and FlexBus Input Low Voltage Mobile DDR/Bus Input High Voltage (nominal 1.8V) DDR/Bus Pad Supply Voltage (nominal 2.5V) SDR/Bus Pad Supply Voltage (nominal 3.3V) SDRAM and FlexBus Output High Voltage Mobile DDR/Bus Input High Voltage (nominal 1.8V) DDR/Bus Pad Supply Voltage (nominal 2.5V) SDR/Bus Pad Supply Voltage (nominal 3.3V) IOH = -5.0 mA for all modes SDRAM and FlexBus Output Low Voltage Mobile DDR/Bus Input High Voltage (nominal 1.8V) DDR/Bus Pad Supply Voltage (nominal 2.5V) SDR/Bus Pad Supply Voltage (nominal 3.3V) IOL = 5.0 mA for all modes Input Leakage Current Vin = IVDD or VSS, Input-only pins Weak Internal Pull Up Device Current, tested at VIL Max.1 Input Capacitance 2 All input-only pins All input/output (three-state) pins Symbol SDVDD 1.70 2.25 3.0 EVIH EVIL EVOH EVOL SDVIH 1.35 1.7 2 SDVIL VSS - 0.3 VSS - 0.3 VSS - 0.3 SDVOH SDVDD - 0.35 2.1 2.4 SDVOL -- -- -- Iin IAPU Cin -- -- 7 7 -1.0 -10 0.3 0.3 0.5 1.0 - 130 A A pF -- -- -- V 0.45 0.8 0.8 V SDVDD + 0.3 SDVDD + 0.3 SDVDD + 0.3 V 2 VSS - 0.3 EVDD - 0.4 -- 1.95 2.75 3.6 EVDD + 0.3 0.8 -- 0.4 V V V V V Min Max Unit V
NOTES: 1 Refer to the signals section for pins having weak internal pull-up devices. 2 This parameter is characterized before qualification rather than 100% tested.
5.4.1
PLL Power Filtering
To further enhance noise isolation, an external filter is strongly recommended for PLL analog VDD pins. The filter shown in Figure 11 should be connected between the board VDD and the PLLVDD pins. The resistor and capacitors should be placed as close to the dedicated PLLVDD pin as possible.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 21
Electrical Characteristics 10 Board VDD 10 F 0.1 F PLL VDD Pin
GND
Figure 11. System PLL VDD Power Filter
5.4.2
Supply Voltage Sequencing and Separation Cautions
The relationship between SDVDD and EVDD is non-critical during power-up and power-down sequences. SDVDD (2.5V or 3.3V) and EVDD are specified relative to IVDD.
5.4.2.1
Power Up Sequence
If EVDD/SDVDD are powered up with IVDD at 0 V, the sense circuits in the I/O pads cause all pad output drivers connected to the EVDD/SDVDD to be in a high impedance state. There is no limit on how long after EVDD/SDVDD powers up before IVDD must power up. IVDD should not lead the EVDD, SDVDD, or PLLVDD by more than 0.4 V during power ramp-up or there will be high current in the internal ESD protection diodes. The rise times on the power supplies should be slower than 500 us to avoid turning on the internal ESD protection clamp diodes.
5.4.2.2
Power Down Sequence
If IVDD/PLLVDD are powered down first, sense circuits in the I/O pads cause all output drivers to be in a high impedance state. There is no limit on how long after IVDD and PLLVDD power down before EVDD or SDVDD must power down. IVDD should not lag EVDD, SDVDD, or PLLVDD going low by more than 0.4 V during power down or there is an undesired high current in the ESD protection diodes. There are no requirements for the fall times of the power supplies. The recommended power down sequence is: 1. Drop IVDD/PLLVDD to 0 V. 2. Drop EVDD/SDVDD supplies.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 22 Freescale Semiconductor
Electrical Characteristics
5.5
Current Consumption
All of the below current consumption data is lab data measured on a single device using an evaluation board. Table 8 shows the typical current consumption in low-power modes at various fsys/2 frequencies. Current measurements are taken after executing a STOP instruction.
Table 8. Current Consumption in Low-Power Mode1,2
Mode Voltage (V) 3.3 Stop Mode 3 (Stop 11)5 2.5 1.5 3.3 Stop Mode 2 (Stop 10)5 2.5 1.5 3.3 Stop Mode 1 (Stop 01)5 2.5 1.5 3.3 Stop Mode 0 (Stop 00)5 2.5 1.5 3.3 Wait/Doze 2.5 1.5 3.3 Run 2.5 1.5 8.24 2.23 16.2 8.32 2.23 16.2 11.53 6.79 16.17 16.29 10.22 2.33 16.47 10.32 2.33 16.48 14.36 9.02 16.48 20.36 9.55 2.41 16.62 9.66 2.41 16.62 14.29 14.56 16.64 21.13 Typical3 (mA) 44 MHz 56 MHz 64 MHz 1.33 15.19 0.519 1.93 15.19 1.25 1.83 15.23 10.61 2.5 16.91 10.73 2..5 16.91 15.92 19.54 16.89 23.57 12.1 2.61 17.24 12.25 2.6 17.24 18.21 29.12 17.23 27.0 12.1 2.61 17.24 12.25 4.07 18.77 35.45 30.43 18.76 44.1 72 MHz 83.33 MHz Peak4 (mA) 83.33 MHz
NOTES: 1 All values are measured with a 3.30V EVDD, 2.50V SDVDD, and 1.5V IVDD power supplies. Tests performed at room temperature with pins configured for high drive strength. 2 Refer to the Power Management chapter in the MCF5208 Reference Manual for more information on low-power modes. 3 All peripheral clocks except UART0, FlexBus, INTC, reset controller, PLL, and Edge Port off before entering low-power mode. All code executed from flash. 4 Peak current measured while running a while(1) loop with all modules active. 5 See the description of the low-power control register (LCPR) in the MCF5208 Reference Manual for more information on stop modes 0-3.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 23
Electrical Characteristics
The figure below illustrates the power consumption in a graphical format.
250
Power Consumption (mW)
200
Stop 0 - Flash Stop 1 - Flash
150
Stop 2 - Flash Stop 3 - Flash
100
Wait/Doze - Flash Run - Flash
50
0
44
48
56
64
72
83.33
83.33(peak)
fsys/2 (MHz)
Figure 12. Current Consumption in Low-Power Modes Table 9. Typical Active Current Consumption Specifications1
fsys/2 Frequency Voltage (V) 3.3 1 MHz 2.5 1.5 3.3 2 MHz 2.5 1.5 3.3 4 MHz 2.5 1.5 3.3 44 MHz 2.5 1.5 3.3 48 MHz 2.5 1.5 3.3 56 MHz 2.5 1.5 Typical2 Active (mA) SRAM 2.04 15.24 1.30 2.23 15.26 1.71 2.60 15.30 2.49 7.61 16.13 24.04 8.16 16.28 26.05 10.09 16.43 30.07 Flash 2.12 15.32 1.41 2.40 15.42 1.92 2.95 15.61 2.95 17.67 19.49 28.72 26.21 20.06 31.13 30.71 20.71 35.90 Peak3 Active (mA) 2.28 15.24 1.49 3.57 15.26 2.09 3.58 15.30 3.29 25.34 16.95 39.02 34.45 17.17 42.30 38.97 17.65 47.90
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 24 Freescale Semiconductor
Electrical Characteristics
Table 9. Typical Active Current Consumption Specifications1 (continued)
fsys/2 Frequency Voltage (V) 3.3 64 MHz 2.5 1.5 3.3 72 MHz 2.5 1.5 3.3 83.33 MHz 2.5 1.5 Typical2 Active (mA) SRAM 15.72 16.56 32.19 20.97 16.87 35.90 31.37 17.21 41.10 Flash 31.37 21.08 38.72 31.40 21.70 43.20 25.83 22.80 49.40 Peak3 Active (mA) 42.10 17.95 53.50 48.80 18.20 59.50 48.60 18.83 67.50
NOTES: 1 All values are measured with a 3.30V EV , 2.50V SDV , and 1.5V IV DD DD DD power supplies. Tests performed at room temperature with pins configured for high drive strength. 2 CPU polling a status register. All peripheral clocks except UART0, FlexBus, INTC, reset controller, PLL, and edge port disabled. 3 Peak current measured while running a while(1) loop with all modules active.
5.6
Num 1
Oscillator and PLL Electrical Characteristics
Table 10. PLL Electrical Characteristics
Characteristic PLL Reference Frequency Range Crystal reference External reference Core frequency CLKOUT Frequency2 Crystal Start-up Time3, 4 EXTAL Input High Voltage Crystal Mode5 All other modes (External, Limp) EXTAL Input Low Voltage Crystal Mode5 All other modes (External, Limp) PLL Lock Time 3, 6 Duty Cycle of reference XTAL Current Total on-chip stray capacitance on XTAL Total on-chip stray capacitance on EXTAL
3
Symbol
Min. Value 12 12 488 x 10-6 244 x 10-6 -- VXTAL + 0.4 EVDD/2 + 0.4 -- -- -- 40 1
Max. Value 251 401 166.66 83.33 10 -- -- VXTAL - 0.4 EVDD/2 - 0.4 50000 60 3 1.5 1.5
Unit
fref_crystal fref_ext fsys fsys/2 tcst VIHEXT VIHEXT VILEXT VILEXT tlpll tdc IXTAL CS_XTAL CS_EXTAL
MHz MHz MHz MHz ms V V V V CLKIN % mA pF pF
2 3 4
5
7 8 9 10 11
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 25
Electrical Characteristics
Table 10. PLL Electrical Characteristics (continued)
Num 12 13 Characteristic Crystal capacitive load Discrete load capacitance for XTAL Symbol CL CL_XTAL Min. Value Max. Value See crystal spec 2*CL CS_XTAL CPCB_XTAL7 2*CL CS_EXTAL CPCB_EXTAL7 -- -- Cmod fvco 0.8 350 10 TBD 2.2 540 pF Unit
14
Discrete load capacitance for EXTAL
CL_EXTAL
pF
17
CLKOUT Period Jitter, 3, 4, 7, 8, 9 Measured at fSYS Max Peak-to-peak Jitter (Clock edge to clock edge) Long Term Jitter Frequency Modulation Range Limit 3, 10, 11 (fsysMax must not be exceeded) VCO Frequency. fvco = (fref * PFD)/4
Cjitter % fsys/2 % fsys/2 %fsys/2 MHz
18 19
NOTES: 1 The maximum allowable input clock frequency when booting with the PLL enabled is 24 MHz. For higher input clock frequencies, the processor must boot in LIMP mode to avoid violating the maximum allowable CPU frequency. 2 All internal registers retain data at 0 Hz. 3 This parameter is guaranteed by characterization before qualification rather than 100% tested. 4 Proper PC board layout procedures must be followed to achieve specifications. 5 This parameter is guaranteed by design rather than 100% tested. 6 This specification is the PLL lock time only and does not include oscillator start-up time. 7C PCB_EXTAL and CPCB_XTAL are the measured PCB stray capacitances on EXTAL and XTAL, respectively. 8 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f sys. Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise injected into the PLL circuitry via PLL VDD, EVDD, and VSS and variation in crystal oscillator frequency increase the Cjitter percentage for a given interval. 9 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of Cjitter+Cmod. 10 Modulation percentage applies over an interval of 10s, or equivalently the modulation rate is 100KHz. 11 Modulation range determined by hardware design.
5.7
External Interface Timing Characteristics
NOTE All processor bus timings are synchronous; that is, input setup/hold and output delay with respect to the rising edge of a reference clock. The reference clock is the FB_CLK output. All other timing relationships can be derived from these values. Timings listed in Table 11 are shown in Figure 14 and Figure 15.
Table 11 lists processor bus input timings.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 26 Freescale Semiconductor
Electrical Characteristics * The timings are also valid for inputs sampled on the negative clock edge.
FB_CLK(75MHz) TSETUP THOLD 1.5V
Input Setup And Hold
Invalid
1.5V Valid 1.5V
Invalid
trise Input Rise Time Vh = VIH
Vl = VIL
tfall Input Fall Time Vh = VIH Vl = VIL
FB_CLK
FB4 FB5
Inputs
Figure 13. General Input Timing Requirements
5.7.1
FlexBus
FlexBus is a multi-function external bus interface provided to interface to slave-only devices up to a maximum bus frequency of 83.33 MHz. It can be directly connected to asynchronous or synchronous devices such as external boot ROMs, flash memories, gate-array logic, or other simple target (slave) devices with little or no additional circuitry. For asynchronous devices, a simple chip-select based interface can be used. The FlexBus interface has six general purpose chip-selects (FB_CS[5:0]) that can be configured to be distributed between the FlexBus or SDRAM memory interfaces. Chip-select FB_CS[0] can be dedicated to boot ROM access and can be programmed to be byte (8 bits), word (16 bits), or longword (32 bits) wide. Control signal timing is compatible with common ROM/flash memories.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 27
Electrical Characteristics
5.7.1.1
FlexBus AC Timing Characteristics
The following timing numbers indicate when data will be latched or driven onto the external bus, relative to the system clock.
Table 11. FlexBus AC Timing Specifications
Num Characteristic Frequency of Operation FB1 FB2 FB3 FB4 FB5 FB6 FB7 Clock Period (FB_CLK) Data, and Control Output Valid (A[23:0], D[31:0], FB_CS[5:0], R/W, TS, BE/BWE[3:0] and OE) Data, and Control Output Hold ((A[23:0], D[31:0], FB_CS[5:0], R/W, TS, BE/BWE[3:0], and OE) Data Input Setup Data Input Hold Transfer Acknowledge (TA) Input Setup Transfer Acknowledge (TA) Input Hold tFBCK tFBCHDCV tFBCHDCI tDVFBCH tDIFBCH tCVFBCH tCIFBCH 12 -- 1 3.5 0 4 0 7.0 -- -- -- -- -- Symbol Min Max 83.33 Unit Mhz ns ns ns ns ns ns ns Notes fsys/2 tcyc
1
1, 2
NOTES: 1 Timing for chip selects only applies to the FB_CS[5:0] signals. Please see Section 5.8, "SDRAM Bus" for SD_CS[1:0] timing. 2 The FlexBus supports programming an extension of the address hold. Please consult the device reference manual for more information.
FB_CLK
FB1 FB3
A[23:0]
FB2
A[23:0]
FB5
D[31:0]
DATA
R/W
FB4
TS FB_CSn BE/BWEn
FB7
OE
FB6
TA
Figure 14. FlexBus Read Timing
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 28 Freescale Semiconductor
Electrical Characteristics
FB_CLK
FB1 FB3
A[23:0]
FB2 FB3
D[31:0]
R/W
TS FB_CSn BE/BWEn
FB7
OE
FB6
TA
Figure 15. Flexbus Write Timing
5.8
SDRAM Bus
The SDRAM controller supports accesses to main SDRAM memory from any internal master. It supports standard SDRAM or double data rate (DDR) SDRAM, but it does not support both at the same time. The SDRAM controller uses SSTL2 and SSTL3 I/O drivers. Both SSTL drive modes are programmable for Class I or Class II drive strength.
5.8.1
SDR SDRAM AC Timing Characteristics
The following timing numbers indicate when data will be latched or driven onto the external bus, relative to the memory bus clock, when operating in SDR mode on write cycles and relative to SD_DQS on read cycles. The SDRAM controller is a DDR controller with an SDR mode. Because it is designed to support DDR, a DQS pulse must remain supplied to the device for each data beat of an SDR read. The ColdFire processor accomplishes this by asserting a signal called SD_SDR_DQS during read cycles. Take care during board design to adhere to the following guidelines and specs with regard to the SD_SDR_DQS signal and its usage.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 29
Electrical Characteristics
Table 12. SDR Timing Specifications
Symbol Characteristic Frequency of Operation SD1 SD3 SD4 SD5 SD6 SD7 SD8 SD9 SD10 SD11 SD12 SD13 Clock Period (tCK) Pulse Width High (tCKH) Pulse Width Low (tCKL) Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_BA, SD_CS[1:0] - Output Valid (tCMV) Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_BA, SD_CS[1:0] - Output Hold (tCMH) SD_SDR_DQS Output Valid (tDQSOV) tSDCK tSDCKH tSDCKL tSDCHACV tSDCHACI tDQSOV Symbol Min TBD 12 0.45 0.45 -- 2.0 -- Max 83.33 TBD 0.55 0.55 0.5 x SD_CLK + 1.0 -- Self timed Unit MHz ns SD_CLK SD_CLK ns ns ns ns
4 5 6 7
Notes
1 2 3 3
SD_DQS[3:2] input setup relative to SD_CLK (tDQSIS) tDQVSDCH 0.25 x SD_CLK 0.40 x SD_CLK SD_DQS[3:2] input hold relative to SD_CLK (tDQSIH) Data (D[31:0]) Input Setup relative to SD_CLK (reference only) (tDIS) Data Input Hold relative to SD_CLK (reference only) (tDIH) Data (D[31:0]) and Data Mask(SD_DQM[3:0]) Output Valid (tDV) Data (D[31:0]) and Data Mask (SD_DQM[3:0]) Output Hold (tDH) tDQISDCH tDVSDCH tDISDCH tSDCHDMV tSDCHDMI
Does not apply. 0.5 SD_CLK fixed width. 0.25 x SD_CLK 1.0 -- 1.5 -- -- 0.75 x SD_CLK + 0.5 -- ns ns ns ns
NOTES: 1 The device supports the same frequency of operation for FlexBus and SDRAM as that of the internal bus clock. Please see the PLL chapter of the MCF5208 Reference Manual for more information on setting the SDRAM clock rate. 2 SD_CLK is one SDRAM clock in (ns). 3 Pulse width high plus pulse width low cannot exceed min and max clock period. 4 SD_DQS is designed to pulse 0.25 clock before the rising edge of the memory clock. This is a guideline only. Subtle variation from this guideline is expected. SD_DQS only pulses during a read cycle and one pulse occurs for each data beat. 5 SDR_DQS is designed to pulse 0.25 clock before the rising edge of the memory clock. This spec is a guideline only. Subtle variation from this guideline is expected. SDR_DQS only pulses during a read cycle and one pulse occurs for each data beat. 6 The SDR_DQS pulse is designed to be 0.5 clock in width. The timing of the rising edge is most important. The falling edge does not affect the memory controller. 7 Because a read cycle in SDR mode continues using the DQS circuit within the device, it is most critical that the data valid window be centered 1/4 clk after the rising edge of DQS. Ensuring that this happens results in successful SDR reads. The input setup spec is provided as guidance.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 30 Freescale Semiconductor
Electrical Characteristics
SD1 SD_CLK
SD2
SD3 SD5 SD_CSn SD_RAS SD_CAS SD_WE A[23:0] SD_BA[1:0]
CMD
SD4
ROW
COL
SD11
SDDM SD12 D[31:0]
WD1
WD2
WD3
WD4
Figure 16. SDR Write Timing
SD1 SD_CLK SD_CSn, SD_RAS, SD_CAS, SD_WE A[23:0], SD_BA[1:0] SD5 SD3 SD2
CMD
SD4
3/4 MCLK Reference
ROW
COL
tDQS
SDDM SD6 SD_SDR_DQS
(Measured at Output Pin) Board Delay
SD8
SD_DQS[3:2]
(Measured at Input Pin) Board Delay
SD7
Delayed SD_CLK SD9 D[31:0] from Memories
WD1 WD2 WD3 WD4
NOTE: Data driven from memories relative to delayed memory clock.
SD10
Figure 17. SDR Read Timing
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 31
Electrical Characteristics
5.8.2
DDR SDRAM AC Timing Characteristics
When using the SDRAM controller in DDR mode, the following timing numbers must be followed to properly latch or drive data onto the memory bus. All timing numbers are relative to the four DQS byte lanes. The following timing numbers are subject to change at anytime, and are only provided to aid in early board design. Please contact your local Freescale representative if questions develop.
Table 13. DDR Timing Specifications
Num -- DD1 DD2 DD3 DD4 DD5 DD6 DD7 DD8 DD9 DD10 DD11 DD12 DD13 DD14 DD15 Characteristic Frequency of Operation Clock Period (SD_CLK) Pulse Width High Pulse Width Low Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_CS[1:0] - Output Valid Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_CS[1:0] - Output Hold Write Command to first DQS Latching Transition Data and Data Mask Output Setup (DQ-->DQS) Relative to DQS (DDR Write Mode) Data and Data Mask Output Hold (DQS-->DQ) Relative to DQS (DDR Write Mode) Input Data Skew Relative to DQS (Input Setup) Input Data Hold Relative to DQS. DQS falling edge from SDCLK rising (output hold time) DQS input read preamble width (tRPRE) DQS input read postamble width (tRPST) DQS output write preamble width (tWPRE) DQS output write postamble width (tWPST) Symbol -- tDDCK tDDCKH tDDCKL tSDCHACV tSDCHACI tCMDVDQ tDQDMV tDQDMI tDVDQ tDIDQ tDQLSDCH tDQRPRE tDQRPST tDQWPRE tDQWPST 1.5 1.0 -- 0.25 x SD_CLK + 0.5ns 0.5 0.9 0.4 0.25 0.4 Min TBD 12 0.45 0.45 -- 2.0 Max 83.33 TBD 0.55 0.55 0.5 x SD_CLK + 1.0 -- 1.25 -- -- 1 -- -- 1.1 0.6 -- 0.6 Unit Mhz ns SD_CLK SD_CLK ns ns SD_CLK ns ns ns ns ns SD_CLK SD_CLK SD_CLK SD_CLK Notes
1 2 3 3 4
-- --
5 6 7
8 9
-- -- -- -- --
NOTES: 1 The frequency of operation is 2x or 4x the FB_CLK frequency of operation. FlexBus and SDRAM clock operate at the same frequency as the internal bus clock. 2 SD_CLK is one SDRAM clock in (ns). 3 Pulse width high plus pulse width low cannot exceed min and max clock period. 4 Command output valid should be 1/2 the memory bus clock (SD_CLK) plus some minor adjustments for process, temperature, and voltage variations. 5 This specification relates to the required input setup time of today's DDR memories. The device's output setup should be larger than the input setup of the DDR memories. If it is not larger, the input setup on the memory is in violation. MEM_DATA[31:24] is relative to MEM_DQS[3], MEM_DATA[23:16] is relative to MEM_DQS[2], MEM_DATA[15:8] is relative to MEM_DQS[1], and MEM_[7:0] is relative MEM_DQS[0]. 6 The first data beat is valid before the first rising edge of DQS and after the DQS write preamble. The remaining data beats are valid for each subsequent DQS edge.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 32 Freescale Semiconductor
Electrical Characteristics
7
This specification relates to the required hold time of today's DDR memories. MEM_DATA[31:24] is relative to MEM_DQS[3], MEM_DATA[23:16] is relative to MEM_DQS[2], MEM_DATA[15:8] is relative to MEM_DQS[1], and MEM_[7:0] is relative MEM_DQS[0]. 8 Data input skew is derived from each DQS clock edge. It begins with a DQS transition and ends when the last data line becomes valid. This input skew must include DDR memory output skew and system level board skew (due to routing or other factors). 9 Data input hold is derived from each DQS clock edge. It begins with a DQS transition and ends when the first data line becomes invalid.
DD1 SD_CLK
DD2
DD3
SD_CLK
DD5 SD_CSn, SD_WE, SD_RAS, SD_CAS DD4 A[13:0]
CMD
DD6
ROW
COL
DD7
DM3/DM2 DD8 SD_DQS3/SD_DQS2 DD7 D[31:24]/D[23:16]
WD1 WD2 WD3 WD4
DD8
Figure 18. DDR Write Timing
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 33
Electrical Characteristics
DD1 SD_CLK
DD2
DD3 SD_CLK
DD5 SD_CSn, SD_WE, SD_RAS, SD_CAS DD4 A[13:0]
CL=2
CMD CL=2.5 ROW COL DQS Read Preamble
DD10 DD9
SD_DQS3/SD_DQS2 CL = 2
DQS Read Postamble
D[31:24]/D[23:16]
SD_DQS3/SD_DQS2 CL = 2.5
WD1 WD2 WD3 WD4 DQS Read DQS Read Preamble Postamble
D[31:24]/D[23:16]
WD1 WD2 WD3 WD4
Figure 19. DDR Read Timing
5.9
General Purpose I/O Timing
Table 14. GPIO Timing1
Num G1 G2 G3 G4 Characteristic FB_CLK High to GPIO Output Valid FB_CLK High to GPIO Output Invalid GPIO Input Valid to FB_CLK High FB_CLK High to GPIO Input Invalid Symbol tCHPOV tCHPOI tPVCH tCHPI Min -- 1.5 8 1.5 Max 8 -- -- -- Unit ns ns ns ns
NOTES: 1 GPIO spec cover: IRQn, UART and Timer pins.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 34 Freescale Semiconductor
Electrical Characteristics
FB_CLK
G1
GPIO Outputs
G2
G3
GPIO Inputs
G4
Figure 20. GPIO Timing
5.10 Reset and Configuration Override Timing
Table 15. Reset and Configuration Override Timing
Num R1 R2 R3 R4 R5 R6 R7 R8 Characteristic RESET Input valid to FB_CLK High FB_CLK High to RESET Input invalid RESET Input valid Time 1 FB_CLK High to RSTOUT Valid RSTOUT valid to Config. Overrides valid Configuration Override Setup Time to RSTOUT invalid Configuration Override Hold Time after RSTOUT invalid RSTOUT invalid to Configuration Override High Impedance Symbol tRVCH tCHRI tRIVT tCHROV tROVCV tCOS tCOH tROICZ Min 9 1.5 5 -- 0 20 0 -- Max -- -- -- 10 -- -- -- 1 Unit ns ns tCYC ns ns tCYC ns tCYC
NOTES: 1 During low power STOP, the synchronizers for the RESET input are bypassed and RESET is asserted asynchronously to the system. Thus, RESET must be held a minimum of 100 ns.
FB_CLK
R1 R3
RESET
R2
R4
RSTOUT
R4 R8 R5 R6 R7
Configuration Overrides*: (RCON, Override pins)
Figure 21. RESET and Configuration Override Timing
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 35
Electrical Characteristics
NOTE Refer to the MCF5208 Reference Manual for more information.
5.11 I2C Input/Output Timing Specifications
Table 16 and Table 17 list specifications for the I2C input and output timing parameters.
Table 16. I2C Input Timing Specifications between I2C_SCL and I2C_SDA
Num I1 I2 I3 I4 I5 I6 I7 I8 I9 Characteristic Start condition hold time Clock low period I2C_SCL/I2C_SDA rise time (VIL = 0.5 V to VIH = 2.4 V) Data hold time I2C_SCL/I2C_SDA fall time (VIH = 2.4 V to VIL = 0.5 V) Clock high time Data setup time Start condition setup time (for repeated start condition only) Stop condition setup time Min 2 8 -- 0 -- 4 0 2 2 Max -- -- 1 -- 1 -- -- -- -- Unit tcyc tcyc ms ns ms tcyc ns tcyc tcyc
Table 17. I2C Output Timing Specifications between I2C_SCL and I2C_SDA
Num I11 I2
1.
Characteristic Start condition hold time Clock low period I2C_SCL/I2C_SDA rise time (VIL = 0.5 V to VIH = 2.4 V) Data hold time I2C_SCL/I2C_SDA fall time (VIH = 2.4 V to VIL = 0.5 V) Clock high time Data setup time Start condition setup time (for repeated start condition only) Stop condition setup time
Min 6 10 -- 7 -- 10 2 20 10
Max -- -- -- -- 3 -- -- -- --
Unit tcyc tcyc s tcyc ns tcyc tcyc tcyc tcyc
I3 2 I4
1.
I5 3 I6
1.
I7 1. I8
1.
I9 1.
NOTES: 1 Output numbers depend on the value programmed into the IFDR; an IFDR programmed with the maximum frequency (IFDR = 0x20) results in minimum output timings as shown in Table A-16. The I2C interface is designed to scale the actual data transition time to move it to the middle of the I2C_SCL low period. The actual position is affected by the prescale and division values programmed into the IFDR; however, the numbers given in Table A-16 are minimum values. 2 Because I2C_SCL and I2C_SDA are open-collector-type outputs, which the processor can only actively drive low, the time I2C_SCL or I2C_SDA take to reach a high level depends on external signal capacitance and pull-up resistor values. 3 Specified at a nominal 50-pF load.
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 36 Freescale Semiconductor
Electrical Characteristics
I2
I6
I5
I2C_SCL I1 I4 I7 I8
I3
I9
I2C_SDA
Figure 22. I2C Input/Output Timings
5.12 Fast Ethernet AC Timing Specifications
MII signals use TTL signal levels compatible with devices operating at 5.0 V or 3.3 V.
5.12.1 MII Receive Signal Timing (FEC_RXD[3:0], FEC_RXDV, FEC_RXER, and FEC_RXCLK)
The receiver functions correctly up to a FEC_RXCLK maximum frequency of 25 MHz +1%. There is no minimum frequency requirement. In addition, the processor clock frequency must exceed twice the FEC_RXCLK frequency. Table 18 lists MII receive channel timings.
Table 18. MII Receive Signal Timing
Num M1 M2 M3 M4 Characteristic FEC_RXD[3:0], FEC_RXDV, FEC_RXER to FEC_RXCLK setup FEC_RXCLK to FEC_RXD[3:0], FEC_RXDV, FEC_RXER hold FEC_RXCLK pulse width high FEC_RXCLK pulse width low Min 5 5 35% 35% Max -- -- 65% 65% Unit ns ns FEC_RXCLK period FEC_RXCLK period
Figure 23 shows MII receive signal timings listed in Table 18.
M3
FEC_RXCLK (input)
M4
FEC_RXD[3:0] (inputs) FEC_RXDV FEC_RXER
M1 M2
Figure 23. MII Receive Signal Timing Diagram
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 37
Electrical Characteristics
5.12.2 MII Transmit Signal Timing (FEC_TXD[3:0], FEC_TXEN, FEC_TXER, FEC_TXCLK)
Table 19 lists MII transmit channel timings. The transmitter functions correctly up to a FEC_TXCLK maximum frequency of 25 MHz +1%. In addition, the processor clock frequency must exceed twice the FEC_TXCLK frequency.
Table 19. MII Transmit Signal Timing
Num M5 M6 M7 M8 Characteristic FEC_TXCLK to FEC_TXD[3:0], FEC_TXEN, FEC_TXER invalid FEC_TXCLK to FEC_TXD[3:0], FEC_TXEN, FEC_TXER valid FEC_TXCLK pulse width high FEC_TXCLK pulse width low Min 5 -- 35% 35% Max -- 25 65% 65% Unit ns ns FEC_TXCLK period FEC_TXCLK period
Figure 24 shows MII transmit signal timings listed in Table 19.
M7
FEC_TXCLK (input)
M5
FEC_TXD[3:0] (outputs) FEC_TXEN FEC_TXER
M6
M8
Figure 24. MII Transmit Signal Timing Diagram
5.12.3 MII Async Inputs Signal Timing (FEC_CRS and FEC_COL)
Table 20 lists MII asynchronous inputs signal timing.
Table 20. MII Async Inputs Signal Timing
Num M9 Characteristic FEC_CRS, FEC_COL minimum pulse width Min 1.5 Max -- Unit FEC_TXCLK period
Figure 25 shows MII asynchronous input timings listed in Table 20.
FEC_CRS FEC_COL M9
Figure 25. MII Async Inputs Timing Diagram
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 38 Freescale Semiconductor
Electrical Characteristics
5.12.4 MII Serial Management Channel Timing (FEC_MDIO and FEC_MDC)
Table 21 lists MII serial management channel timings. The FEC functions correctly with a maximum MDC frequency of 2.5 MHz.
Table 21. MII Serial Management Channel Timing
Num Characteristic Min 0 -- 10 0 Max -- 25 -- -- Unit ns ns ns ns
M10 FEC_MDC falling edge to FEC_MDIO output invalid (minimum propagation delay) M11 FEC_MDC falling edge to FEC_MDIO output valid (max prop delay) M12 FEC_MDIO (input) to FEC_MDC rising edge setup M13 FEC_MDIO (input) to FEC_MDC rising edge hold M14 FEC_MDC pulse width high M15 FEC_MDC pulse width low
40% 60% FEC_MDC period 40% 60% FEC_MDC period
Figure 26 shows MII serial management channel timings listed in Table 21.
M14 M15
FEC_MDC (output)
M10
FEC_MDIO (output)
M11
FEC_MDIO (input)
M12
M13
Figure 26. MII Serial Management Channel Timing Diagram
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 39
Electrical Characteristics
5.13 32-Bit Timer Module AC Timing Specifications
Table 22 lists timer module AC timings.
Table 22. Timer Module AC Timing Specifications
Name Characteristic Min T1 T2 DT0IN / DT1IN / DT2IN / DT3IN cycle time DT0IN / DT1IN / DT2IN / DT3IN pulse width 3 1 Max -- -- tCYC tCYC Unit
5.14 QSPI Electrical Specifications
Table 23 lists QSPI timings.
Table 23. QSPI Modules AC Timing Specifications
Name QS1 QS2 QS3 QS4 QS5 QSPI_CS[3:0] to QSPI_CLK QSPI_CLK high to QSPI_DOUT valid. QSPI_CLK high to QSPI_DOUT invalid. (Output hold) QSPI_DIN to QSPI_CLK (Input setup) QSPI_DIN to QSPI_CLK (Input hold) Characteristic Min 1 -- 1.5 9 9 Max 510 10 -- -- -- Unit tcyc ns ns ns ns
The values in Table 23 correspond to Figure 27.
QS1
QSPI_CS[3:0]
QSPI_CLK QS2 QSPI_DOUT QS3 QSPI_DIN QS4 QS5
Figure 27. QSPI Timing
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 40 Freescale Semiconductor
Electrical Characteristics
5.15 JTAG and Boundary Scan Timing
Table 24. JTAG and Boundary Scan Timing
Num J1 J2 J3 J4 J5 J6 J7 J8 J9 J10 J11 J12 J13 J14 Characteristics1 TCLK Frequency of Operation TCLK Cycle Period TCLK Clock Pulse Width TCLK Rise and Fall Times Boundary Scan Input Data Setup Time to TCLK Rise Boundary Scan Input Data Hold Time after TCLK Rise TCLK Low to Boundary Scan Output Data Valid TCLK Low to Boundary Scan Output High Z TMS, TDI Input Data Setup Time to TCLK Rise TMS, TDI Input Data Hold Time after TCLK Rise TCLK Low to TDO Data Valid TCLK Low to TDO High Z TRST Assert Time TRST Setup Time (Negation) to TCLK High Symbol fJCYC tJCYC tJCW tJCRF tBSDST tBSDHT tBSDV tBSDZ tTAPBST tTAPBHT tTDODV tTDODZ tTRSTAT tTRSTST Min DC 4 26 0 4 26 0 0 4 10 0 0 100 10 Max 1/4 -- -- 3 -- -- 33 33 -- -- 26 8 -- -- Unit fsys/2 tCYC ns ns ns ns ns ns ns ns ns ns ns ns
NOTES: 1 JTAG_EN is expected to be a static signal. Hence, specific timing is not associated with it.
J2 J3 J3
TCLK (input)
J4
VIH VIL J4
Figure 28. Test Clock Input Timing
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 41
Electrical Characteristics
TCLK
VIL J5
VIH J6
Data Inputs
J7
Input Data Valid
Data Outputs
J8
Output Data Valid
Data Outputs
J7
Data Outputs
Output Data Valid
Figure 29. Boundary Scan (JTAG) Timing
TCLK
VIL J9
VIH J10
TDI TMS
J11
Input Data Valid
TDO
J12
Output Data Valid
TDO
J11
TDO
Output Data Valid
Figure 30. Test Access Port Timing
TCLK
J14
TRST
J13
Figure 31. TRST Timing
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 42 Freescale Semiconductor
Electrical Characteristics
5.16 Debug AC Timing Specifications
Table 25 lists specifications for the debug AC timing parameters shown in Figure 32.
Table 25. Debug AC Timing Specification
Num D0 D1 D2 D3 D41 D5 D6 Characteristic PSTCLK cycle time PSTCLK rising to PSTDDATA valid PSTCLK rising to PSTDDATA invalid DSI-to-DSCLK setup DSCLK-to-DSO hold DSCLK cycle time BKPT assertion time Min 1 -- 1.5 1 4 5 1 Max 1 3.0 -- -- -- -- -- Unit tSYS ns ns PSTCLK PSTCLK PSTCLK PSTCLK
NOTES: 1 DSCLK and DSI are synchronized internally. D4 is measured from the synchronized DSCLK input relative to the rising edge of PSTCLK.
D0
PSTCLK
D1 D2
PSTDDATA[7:0]
Figure 32. Real-Time Trace AC Timing
D5 DSCLK
D3
DSI
Current D4
Next
DSO
Past
Current
Figure 33. BDM Serial Port AC Timing
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 43
Revision History
6
Revision History
Table 26. Revision History
Revision Number 0 0.1 Date 5/23/2005 6/16/2005 * Initial Release * Corrected 144QFP pinout in Figure 1. Pins 139-142 incorrectly showed FEC functionality, which are actually UART 0/1 clear-to-send and request-to-send signals. * Changed maximum core frequency in Table 10, spec #2, from 240MHz to 166.67MHz. Also, changed symbols in table: fcore -> fsys and fsys -> fsys/2 for consistency throughout document and reference manual. * Changed ball M9 from SD_VDD to EVDD in Figure 9. * Table 3: Pin 33 for 144 LQFP package should be EVDD instead of SD_VDD. BE/BWE[3:0] for 144 LQFP should be "20, 48, 18, 50" instead of "18, 20, 48, 50" Cleaned up various electrical specifications: * Table 4: Added DDR/Memory pad supply voltage spec, changed "clock synthesizer supply voltage" to "PLL supply voltage", changed min PLLVDD from -0.5 to -0.3, changed max VIN from 4.0 to 3.6, changed minimum Tstg from -65 to -55, * Table 5: Changed TBD values in Tj entry to 105C. * Table 7: Changed minimum core supply voltage from 1.35 to 1.4 and maximum from 1.65 to 1.6, added PLL supply voltage entry, added pad supply entries for mobile-DDR, DDR, and SDR, changed minimum input high voltage from 0.7xEVDD to 2 and maximum from 3.65 to EVDD+0.05, changed minimum input low voltage from VSS-0.3 to -0.05 and maximum from 0.35xEVDDto 0.8, added input high/low voltage entries for DDR and mobile-DDR, removed high impedance leakage current entry, changed minimum output high voltage from EVDD-0.5 to EVDD-0.4, added DDR/bus output high/low voltage entries, removed load capacitance and DC injection current entries. * Added filtering circuits and voltage sequencing sections: Section 5.4.1, "PLL Power Filtering," and Section 5.4.2, "Supply Voltage Sequencing and Separation Cautions." * Removed "Operating Conditions" table from Section 5.6, "Oscillator and PLL Electrical Characteristics," because it is redundant with Table 7. * Table 11: Changed minimum core frequency to TBD, removed external reference and on-chip PLL frequency specs to have only a CLKOUT frequency spec of TBD to 83.33MHz, removed loss of reference frequency and self-clocked mode frequency entries, in EXTAL input high/low voltage entries changed "All other modes (Dual controller (1:1), Bypass, External)" to "All other modes (External, Limp)", removed XTAL output high/low voltage entries, removed power-up to lock time entry, removed last 5 entries (frequency un-lock range, frequency lock range, CLKOUT period jitter, frequency modulation range limit, and ICO frequency) * * * * Corrected DRAMSEL footnote #3 in Table 3. Updated Table 3 with 144MAPBGA pin locations. Added 144MAPBGA ballmap to Section 4.3, "Pinout--144 MAPBGA." Changed J12 from PLL_VDD to IVDD in Figure 9. Substantive Changes
0.2
8/26/2005
0.3
9/07/2005
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 44 Freescale Semiconductor
Revision History
Table 26. Revision History (continued)
Revision Number 0.4 Date 10/10/2005 Substantive Changes * Figure 1 and Table 3: Changed pin 33 from EVDD to SD_VDD * Figure 4 and Table 3: Changed ball D10 from TEST to VSS * Figure 6 and Table 3: Changed pin 39 from EVDD to SD_VDD and pin 117 from TEST to VSS * Added "top view" and "bottom view" labels where appropriate to mechanical drawings and pinouts. * Updated mechanical drawings to latest available, and added note to Section 4, "Mechanicals and Pinouts." * Corrected cross-reference to Figure 9 in Section 4.7, "Pinout--196 MAPBGA." * Corrected L3 label in Figure 9 from SD_DR_DQS to SD_SDR_DQS. * Corrected L6 label in Figure 9 from SD_DQS0 to SD_DQS2 and H3 from SD_DQS1 to SD_DQS3. * Removed second sentence from Section 5.12.2, "MII Transmit Signal Timing (FEC_TXD[3:0], FEC_TXEN, FEC_TXER, FEC_TXCLK)," regarding no minimum frequency requirement for TXCLK. * Removed third and fourth paragraphs from Section 5.12.2, "MII Transmit Signal Timing (FEC_TXD[3:0], FEC_TXEN, FEC_TXER, FEC_TXCLK)," as this feature is not supported on this device. * Removed preliminary designation from Section 5, "Electrical Characteristics." * Updated Section 5.2, "Thermal Characteristics." * Updated Section 5.4, "DC Electrical Specifications." * Added Section 5.5, "Current Consumption." * Updated Section 5.6, "Oscillator and PLL Electrical Characteristics." * Made some corrections to the drawings in Section 5.8, "SDRAM Bus." * Edited for grammar, punctuation, spelling, style, and format. - JD
0.5
3/29/2006
0.6
7/21/2006
1
3/28/2007
MCF5208 ColdFire(R) Microprocessor Data Sheet, Rev. 1 Freescale Semiconductor 45
How to Reach Us:
Home Page: www.freescale.com E-mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1-800-521-6274 or +1-480-768-2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064, Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part.
FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.(c) Freescale Semiconductor, Inc. 2007. All rights reserved. MCF5208EC Rev. 1 4/2007


▲Up To Search▲   

 
Price & Availability of MCF5208EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X