Part Number Hot Search : 
STP36N06 DSP56001 AS2023 CP2400 T3004 TORX176 MAX9012 BD3004
Product Description
Full Text Search
 

To Download MBR10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1090CT & MBR10100CT
Vishay General Semiconductor
Dual Common-Cathode High-Voltage Schottky Rectifier
FEATURES
TO-220AB
* Guardring for overvoltage protection * Lower power losses, high efficiency * Low forward voltage drop * High forward surge capability
3 2 1
* High frequency operation * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application
PIN 1 PIN 3
PIN 2
CASE
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 5.0 A x 2 90 V, 100 V 120 A 0.75 V 150 C
MECHANICAL DATA Case: TO-220AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage total device Maximum average forward rectified current at TC = 105 C per diode Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode Peak repetitive reverse current per diode at tp = 2 s, 1 kHz Voltage rate of change (rated VR) Operating junction and storage temperature range SYMBOL VRRM VRWM VDC IF(AV) IFSM IRRM dV/dt TJ, TSTG MBR1090CT 90 90 90 10 5.0 120 0.5 10 000 - 65 to + 150 MBR10100CT 100 100 100 UNIT V V V A A A V/s C
Document Number: 88666 Revision: 07-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
MBR1090CT & MBR10100CT
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage per diode (1) Maximum reverse current per diode at working peak reverse voltage (1) Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle TEST CONDITIONS IF = 5.0 A IF = 5.0 A TC = 125 C TC = 25 C TJ = 25 C TJ = 100 C SYMBOL VF IR MBR1090CT MBR10100CT UNIT V A mA 0.75 0.85 100 6.0
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance per diode SYMBOL RJC MBR1090CT MBR10100CT 4.4 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AB PREFERRED P/N MBR10100CT-E3/45 UNIT WEIGHT (g) 1.85 PACKAGE CODE 45 BASE QUANTITY 50/tube DELIVERY MODE Tube
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
10 Resistive or Inductive Load 120
Peak Forward Surge Current (A)
Average Forward Current (A)
8
100
TJ = TJ Max. 8.3 ms Single Half Sine-Wave
80
6
60
4
40
2
20
0 0 50 100 150
0 1 10 100
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88666 Revision: 07-May-08
MBR1090CT & MBR10100CT
Vishay General Semiconductor
100 TJ = 150 C 10 TJ = 100 C TJ = 175 C 1 TJ = 25 C
100
Transient Thermal Impedance (C/W)
Instantaneous Forward Current (A)
10
1
0.1
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.1 0.01
0.1
1
10
Instantaneous Forward Voltage (V)
t - Pulse Duration (s)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 5. Typical Transient Thermal Impedance Per Diode
100
1000 TJ = 150 C TJ = 125 C
Instantaneous Reverse Current (mA)
Junction Capacitance (pF)
10
1 TJ = 100 C 0.1
100
0.01 TJ = 25 C
10
0.001
0.0001 0 20 40 60 80 100
1 0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 6. Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 3 0.603 (15.32) 0.573 (14.55) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14)
1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45)
PIN 2
Document Number: 88666 Revision: 07-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MBR10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X