Part Number Hot Search : 
BTA208 LA4168M RT5028 8950AC LC4115 ML6431 24LC22A L624F
Product Description
Full Text Search
 

To Download MAX16054AZT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4128; Rev 0; 5/08
On/Off Controller with Debounce and 15kV ESD Protection
General Description
The MAX16054 is a pushbutton on/off controller with a single switch debouncer and built-in latch. It accepts a noisy input from a mechanical switch and produces a clean latched digital output after a factory-fixed qualification delay. The MAX16054 eliminates contact bounce during switch opening and closing. The state of the output changes only when triggered by the falling edge of the debounced switch input; the output remains unchanged on the rising edge of the input. Robust switch inputs handle 25V levels and are 15kV ESD protected for use in harsh industrial environments. The MAX16054 features a complementary output, OUT, which is the inverted state of OUT. An asynchronous CLEAR input allows an external signal to force the output flip-flop low. Undervoltage-lockout circuitry ensures that OUT is in the off state upon power-up. The MAX16054 requires no external components, and its low supply current makes it ideal for use in portable equipment. The MAX16054 operates from a +2.7V to +5.5V single supply. The MAX16054 is offered in a 6-pin thin SOT23 package and operates over the -40C to +125C automotive temperature range.
Features
o Robust Inputs Can Handle Power Supplies Up to 25V o 15kV ESD Protection o Latched Output o Low 7A Supply Current o Operates from 2.7V to 5.5V o -40C to +125C Temperature Range o Thin SOT23 Package
MAX16054
Ordering Information
PART TEMP RANGE PINPACKAGE TOP MARK +AADU
MAX16054AZT+T -40C to +125C 6 Thin SOT23
+Denotes a lead-free package. T = Tape and reel package. Devices are offered in 2.5k unit increments.
Applications
PDAs MP3/Video Players Portable Electronics Set-Top Boxes Portable Instrumentation White Goods
3V
Typical Operating Circuits
LDO EN
VCC OUT P
Pin Configuration
IN
MAX16054
OUT
TOP VIEW +
IN 1 6 VCC GND CLEAR
GND 2
MAX16054
5
OUT
CLEAR 3
4
OUT
ON/OFF WITH LDO
THIN SOT23
Typical Operating Circuits continued at end of data sheet.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
On/Off Controller with Debounce and 15kV ESD Protection MAX16054
ABSOLUTE MAXIMUM RATINGS
VCC to GND ..............................................................-0.3V to +6V IN to GND ................................................................-30V to +30V CLEAR to GND .........................................................-0.3V to +6V OUT, OUT to GND......................................-0.3V to (VCC + 0.3V) Short-Circuit Duration OUT, OUT to GND ...................................................Continuous Note 1: As per JEDEC 51 standard, multilayer board (PCB).
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Continuous Power Dissipation (TA = +70C) 6-Pin Thin SOT23 (derate 9.1mW/C at +70C) (Note 1) ............................727mW Operating Temperature Range .........................-40C to +125C Maximum Junction Temperature .....................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = TJ = -40C to +125C, unless otherwise noted. Typical values are at VCC = +5V, TA = +25C.) (Note 2)
PARAMETER Operating Voltage Range Supply Current Debounce Duration SYMBOL VCC ICC tDP VIL IN Threshold IN Hysteresis IN Pullup Resistance IN Current IN Voltage Range Undervoltage-Lockout Threshold OUT/OUT Output Voltage IIN VIN VUVLO VOL VOH VCLEAR_IL CLEAR Threshold CLEAR Input Current CLEAR High to OUT Low Propagation Delay ESD CHARACTERISTICS IEC 61000-4-2 Air Discharge ESD Protection IN IEC 61000-4-2 Contact Discharge Human Body Model 15 8 15 kV VCLEAR_IH ICLEAR tCO RL = 10k, CL = 100pF VCC = 5V VCC = 2.7V 2.4 2.0 -1 +1 200 A ns VCC falling ISINK = 1.6mA ISOURCE = 0.4mA VCC - 1.0 0.7 V VIN = +25V VIN = -25V -1.5 -25 1.8 +25 2.4 0.4 32 VIH VCC = 5V VCC = 2.7V 2.5 2.0 420 63 100 +1.5 mV k mA V V V (Note 3) VCC = 5V, IOUT = IOUT = 0, IN not connected TA = +25C TA = -40C to +125C 20 5 CONDITIONS MIN 2.7 7 50 50 TYP MAX 5.5 20 80 99 0.65 V UNITS V A ms
Note 2: All devices are 100% production tested at TA = +25C. Specifications over temperature limits are guaranteed by design. Note 3: OUT is guaranteed to be low for 1.0V VCC VUVLO. 2 _______________________________________________________________________________________
On/Off Controller with Debounce and 15kV ESD Protection
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
9 8 SUPPLY CURRENT (A) 7 6 5 4 3 2 1 0 -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C) 10ms/div VCC = 5V 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY VOLTAGE (V) VCC = 3V VCC = 5V
MAX16054 toc01
MAX16054
DEBOUNCE OF CLOSING SWITCH
MAX16054 toc02
OUTPUT LOGIC LEVEL vs. SUPPLY VOLTAGE
10V OUTPUT LOGIC LEVEL (V) IN 10V/div -10V OUT 5V/div 0V OUT 5V/div 0V
MAX16054 toc03
10
6 5 VOH, ISOURCE = 0.4mA 4 3 2 1 VOL, ISINK = 1.6mA
DEBOUNCE DELAY PERIOD vs. TEMPERATURE
58 DEBOUNCE DELAY PERIOD (ms) 56 54 52 50 48 46 44 42 40 -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C) VCC = 5V VCC = 3V
MAX16054 toc04
VCC UNDERVOLTAGE LOCKOUT vs. TEMPERATURE
MAX16054 toc05
60
3.5 VCC UNDERVOLTAGE LOCKOUT (V) 3.0 2.5 2.0 1.5 1.0 0.5 VCC RISING 0
-40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C)
Pin Description
PIN 1 2 3 4 5 6 NAME IN GND CLEAR OUT OUT VCC FUNCTION Switch Toggle Input. IN features a -25V to +25V maximum input range and includes an internal 63k pullup resistor to VCC. Connect a pushbutton from IN to GND. Ground Clear Input. Pull CLEAR high to force OUT low. Connect CLEAR to GND if unused. Active-Low CMOS Output Active-High CMOS Output +2.7V to +5.5V Supply Input. In noisy environments, bypass VCC to GND with a 0.1F or greater ceramic capacitor.
_______________________________________________________________________________________
3
On/Off Controller with Debounce and 15kV ESD Protection MAX16054
Functional Diagram
D VCC
Q
Q
OUT
D VCC OSC R RPU
COUNTER R
Q CLR
T CLR
OUT
IN XNOR ESD PROTECTION UNDERVOLTAGE LOCKOUT CLEAR
MAX16054
Detailed Description
Theory of Operation
The MAX16054 creates a push-on, push-off function using a momentary-contact normally open SPST switch. The high-to-low transition that occurs when closing the switch causes OUT to go high and OUT to go low. The output state remains latched after the switch is released/opened. Closing the switch again causes OUT to go low and OUT to go high. Debounce circuitry eliminates the extraneous level changes that result from interfacing with mechanical switches (switch bounce). Virtually all mechanical switches bounce upon opening and closing. The bounce when a switch opens or closes is eliminated by requiring that the sequentially clocked input remains in the same state for a number of sampling periods. The
output does not change state from high-to-low or lowto-high until the input is stable for at least 50ms (typ). The Functional Diagram shows the functional blocks consisting of an on-chip oscillator, counter, exclusiveNOR gate, a D flip-flop, and a T (toggle) flip-flop. When the pushbutton input does not equal the internal debounced button state (the Q output of the D flipflop), the XNOR gate issues a counter reset. When the switch input state is stable for the full qualification period, the counter clocks the D flip-flop, changing the internal pushbutton state. The Q output of the D flip-flop is connected to a toggle flip-flop that toggles when the internal pushbutton state goes through a high-to-low transition. Figure 1 shows the typical opening and closing switch debounce operation. A rising pulse at CLEAR resets the T flip-flop and pulls OUT low and OUT high.
4
_______________________________________________________________________________________
On/Off Controller with Debounce and 15kV ESD Protection MAX16054
VCC
UVLO tDP IN tDP tDP tDP tDP
OUTPUT OF D FLIP-FLOP (INVERTED IN AFTER DEBOUNCE)
tCO
OUT
CLEAR
Figure 1. MAX16054 Timing Diagram
Undervoltage Lockout
The undervoltage-lockout circuitry ensures that the outputs are at the correct state on power-up. While VCC is less than the 2.1V (typ) undervoltage threshold and greater than 1.0V, OUT remains low and transitions at IN are ignored.
VCC rises above normal levels. In some low-current systems, a zener diode on VCC may be required.
15kV ESD Protection
ESD-protection structures are incorporated on all pins to protect against electrostatic discharges encountered during handling and assembly. The MAX16054 has extra protection against static electricity to protect against ESD of 15kV at the switch input without damage. The ESD structures withstand high ESD in all states: normal operation, shutdown, and powered down. A design advantage of the MAX16054 is that it continues working without latchup after an ESD event, which eliminates the need to power-cycle the device. ESD protection can be tested in various ways; this product is characterized for protection to the following limits: 1) 15kV using the Human Body Model. 2) 8kV using the Contact-Discharge method specified in IEC 61000-4-2. 3) 15kV using the IEC 61000-4-2 Air-Gap method.
Robust Switch Input
The switch input (IN) has overvoltage clamping diodes to protect against damaging fault conditions. Switch input voltages can safely swing 25V to ground. Proprietary ESD-protection structures protect against high ESD encountered in harsh industrial environments, membrane keypads, and portable applications. They are designed to withstand 15kV per the IEC 61000-4-2 Air-Gap Discharge test and 8kV per the IEC 61000-4-2 ContactDischarge test. Since there is a 63k (typ) pullup resistor connected to IN, driving the input to -25V draws approximately 0.5mA from the VCC supply. Driving the input to +25V causes approximately 0.32mA of current to flow back into the VCC supply. If the total system VCC supply current is less than the current flowing back into the VCC supply,
_______________________________________________________________________________________
5
On/Off Controller with Debounce and 15kV ESD Protection MAX16054
Human Body Model Figure 2a shows the Human Body Model, and Figure 2b shows the current waveform it generates when discharged into a low impedance. This model consists of a 100pF capacitor charged to the ESD voltage of interest, which is then discharged into the test device through a 1.5k resistor. IEC 61000-4-2 The IEC 61000-4-2 standard covers ESD testing and performance of finished equipment; it does not specifically refer to integrated circuits. The MAX16054 helps in the design of equipment that meets IEC 61000-4-2, without the need for additional ESD-protection components.
The major difference between tests done using the Human Body Model and IEC 61000-4-2 is higher peak current in IEC 61000-4-2, because series resistance is
RC 1M CHARGE-CURRENT LIMIT RESISTOR HIGHVOLTAGE DC SOURCE RD 1500 DISCHARGE RESISTANCE DEVICE UNDER TEST HIGHVOLTAGE DC SOURCE
lower in the IEC 61000-4-2 model. Hence, the ESD withstand voltage measured to IEC 61000-4-2 is generally lower than that measured using the Human Body Model. Figure 3a shows the IEC 61000-4-2 model, and Figure 3b shows the current waveform for the IEC 61000-4-2 ESD Contact-Discharge test. The Air-Gap test involves approaching the device with a charged probe. The Contact-Discharge method connects the probe to the device before the probe is energized.
Machine Model The Machine Model for ESD tests all pins using a 200pF storage capacitor and zero discharge resistance. Its objective is to emulate the stress caused by contact that occurs with handling and assembly during manufacturing.
RC 50M to 100M CHARGE-CURRENT LIMIT RESISTOR
RD 330 DISCHARGE RESISTANCE DEVICE UNDER TEST
Cs 100pF
STORAGE CAPACITOR
Cs 150pF
STORAGE CAPACITOR
Figure 2a. Human Body ESD Test Model
Figure 3a. IEC 61000-4-2 ESD Test Model
I
IP 100% 90% AMPERES 36.8% 10% 0 0 tRL TIME
Ir
PEAK-TO-PEAK RINGING (NOT DRAWN TO SCALE)
100% 90%
tDL CURRENT WAVEFORM 10%
Figure 2b. Human Body Current Waveform
t R = 0.7ns TO 1ns t 30ns 60ns
Figure 3b. IEC 61000-4-2 ESD Generator Current Waveform
6 _______________________________________________________________________________________
I PEAK
On/Off Controller with Debounce and 15kV ESD Protection
Typical Operating Circuits (continued)
3.3V
MAX16054
VCC 3V OUT P
VCC OUT
MAX16054
IN OUT IN
MAX16054
OUT
CLEAR GND GND
CLEAR
ON/OFF WITH p-CHANNEL MOSFET
PUSH EITHER BUTTON
3.3V
3.3V
VCC VCC OUT OUT
MAX16054 MAX16054
IN OUT CLEAR CLEAR GND GND IN OUT
PUSH BOTH BUTTONS DIGITAL PUSHBUTTON WITH LED (DEFAULT = OFF)
_______________________________________________________________________________________
7
On/Off Controller with Debounce and 15kV ESD Protection MAX16054
Typical Operating Circuits (continued)
3.3V 3.3V
VCC OUT
VCC OUT R, C SETS PULSE WIDTH R OUT
MAX16054
IN OUT IN
MAX16054
CLEAR GND GND
CLEAR C
DIGITAL PUSHBUTTON WITH LED (DEFAULT = ON)
PUSHBUTTON ONE-SHOT
3.3V
3.3V
VCC OUT
A
VCC OUT
B
MAX16054
IN OUT IN CLEAR GND
MAX16054
OUT CLEAR GND
4-POSITION PUSHBUTTON SELECTOR SWITCH LED STATE B STATE 0 STATE 1 STATE 2 STATE 3
A
8
_______________________________________________________________________________________
On/Off Controller with Debounce and 15kV ESD Protection
Chip Information
PROCESS: BiCMOS
PACKAGE TYPE 6 Thin SOT23
Package Information
For the latest package outline information, go to www.maxim-ic.com/packages. PACKAGE CODE Z6-1 DOCUMENT NO. 21-0114
MAX16054
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9
(c) 2008 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX16054AZT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X