Part Number Hot Search : 
CSNB2 08775 TH58NVG 101MC 2SC1966 CXA21 SLD237VL LA2730
Product Description
Full Text Search
 

To Download M12S30W38 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitor Hardware
Type VR Vertical Mounting Clamp
Catalog Part Number Diameter of Part to be Mounted 1" to 1-1/16 1-3/8" to 1-7/16 1-1/2" to 1-9/16 1-3/4" to 1-13/16 2" to 2-1/16 2-1/2" to 2-9/16 3" to 3-1/8 Screw Nut Without Screw & Nut VR1B VR3B VR4B VR6B VR8B VR10B VR12B VRSCREW VRNUT Unassembled Screw & Nut Included VR1 VR3 VR4 VR6 VR8 VR10 VR12 -- -- Assembled with Screw & Nut VR1A VR3A VR4A VR6A VR8A VR10A VR12A -- -- 1" 1-3/8" 1-1/2" 1-3/4" 2" 2-1/2" 3" 1-7/16" 1-25/32" 1-15/16" 2-1/4" 2-1/2" 3" 3-7/16" 1-7/8*" 2-7/32" 2-11/32" 2-9/16" 2-13/16" 3-5/16" 3-13/16" A B C Dimensions
9/16" long 6-32 thread NC-2A Standard hex nut to fit screws
CDE VR mounting clamps may be used to mount any cylindrical capacitor with a 1" to 3" diameter that is to be mounted in a vertical position. Material is 1010 CRS, commercial grade #4 temper ASI scale. Parts are finished with .0001 (nominal) zinc chromate plating. Use for mounting CG types, PSU, SF and MPF types. Material thickness is .035"
VR1, 3 & 4
.219" C 0.01" 0.176" x 0.281" 0.016 (3 places).
VR6, 8,10 & 12
B Mtng 0.03"
.375"
B Mtg 2 Holes .1561" Dia.
.156" 120 3 (3 Places) .562" .750" B Mtng 0.03"
0.3 44" 0.1 88" 0.016" 0. 016 "
75 A 0.016"
O 0.201" 0.005" 0.375"0.016"
1.125" 0.016" 0.035" 0.075" 0.016" 0.500" 0.016"
Dimensions in Inches
.*340" except TH25 is .590"
Type TH Horizontal Mounting Clip
Nominal Dia. Catalog Part Number TH13 of Part to be Mounted .375 .625 .875 1.000 1.375 A .250 .312 .312 .312 .312 B .47 .72 1.00 1.06 1.50
B
TH17 TH21 TH23 TH25
A
.135" Dia Hole
.594"
These clips, though designed for capacitors, have varied applications to retain many cylindrical components. They are used extensively in the electrical and electronic industries to hold spindles, condensers, capacitors, tubes, rods and conduit. Clips have phosphate and oil finish. Material thickness TH13 thru TH17 is .016". TH21 thru TH25 is .020"
ACR15KT Motor Start Resistor Kit
ACR220KT Motor Run Resistor Kit
15K Ohm 2 watt bleeder resistors for AC motor start applications. Saves relay switch contacts and capacitor, particularly in capacitor start applications. 1/4" quick connect terminals eliminate need for soldering. ACR15K: Pack of 10, 15K Ohm 2 watt bleeder resistor without quick connect terminals.
220K Ohm 1 watt bleeder resistors for AC motor run applications. Saves relay switch contacts and capacitor, particularly in capacitor run applications. 1/4" quick connect terminals eliminate need for soldering. ACR220K: Pack of 10, 220K Ohm 1 watt bleeder resistor without quick connect terminals.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Capacitor Hardware
Case Code A C D Bracket 32107-1 32107-2 32107-3
Oval Capacitor Hardware
Mounting Brackets #32107
End Mount Footed Bracket (2 required) #30434
H (Inches)
End Mount
Side Mount
2.13 2.38 2.63 2.88 3.13 3.50 3.75 3.88 4.25 4.75 5.13 5.25 5.75 6.25 6.75 7.25 8.00 9.00
30434-33 30434-37 30434-41 30434-45 30434-49 30434-55 30434-59 30434-61 30434-67 30434-75 30434-81 30434-83 30434-91 30434-99 30434-107 30434-115 30434-127 30434-143
31762-45 31762-46 31762-47 31762-48 31762-49 31762-50 31762-83 31762-51 31762-52 31762-54 31762-132 31762-55 31762-56 31762-59 31762-60 31762-62 31762-63 31762-78
6-32 Screw and Nut
Side Mount Footed Bracket (2 required) #31762
Insulating Terminal Boots UL Approved Material
44603 32108-2
Case Code
Bracket 30393-5 30393-9 OB3
Wrap Around Bracket
A C D
Round Capacitor Hardware
3 Footed Round Mounting Bracket
Case Code P S T Bracket VR6B VR8B VR10B
2 Footed Round Mounting Bracket
Case Code P S T Bracket 32107-6 32107-7 32107-8
Motor Start Mounting Hardware
Bracket End Cap
0.375"
Case Code
Case Dimensions (Inches) D L 2.750 3.375 4.375 3.375 4.375 3.375 4.375 4.375 1.438 1.438 1.438 1.813 1.813 2.063 2.063 2.563
Down Wire Cap PL3 PL3 PL3 PL6 PL6 PL8 PL8 PL10
Up Wire Cap PLA3 PLA3 PLA3 PLA6 PLA6 PLA8 PLA8 PLA10
Optional Mounting Bracket HB2 HB4 HB8 HB4 HB8 HB4 HB8 HB8
1 2 Wrap Around Bracket
Case Code P S T Bracket RB175 RB200 RB250
3 4 5 6 7 8
Order both endcap and bracket for mounting CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Capacitor Hardware
Screw-Terminal, Computer-Grade Capacitor, Mounting Hardware
Figure 1 Figure 2 Figure 3
Figure 4
Clamp Dimensions
Clamp Number 125562-01 125562-05 125562-02 125562-04 125562-03 125562-06 A 1.375 1.750 2.000 2.500 3.000 3.500 Dimensions in Inches B 2.125 2.500 2.750 3.250 3.750 4.250 C 2.500 2.875 3.125 3.625 4.125 4.625 D 1.281 1.656 1.906 2.406 2.906 3.481
Bracket Dimensions
Dimensions in Inches Figure 1 1 2 3 2 3 2 3 4 Bracket Number 125565-06* 125565-15* 125565-09* 125565-05 125565-14* 125565-10 125565-11* 125565-01 125309-01 1.375 1.750 2.000 2.000 2.500 2.500 3.000 3.000 3.500 1.813 2.188 1.250 2.563 1.500 3.000 1.750 3.500 4.488 30 30 75 30 75 30 75 30 60 2.313 2.625 1.438 2.938 1.688 3.438 1.938 3.938 2.224 .750 .750 1.125 1.125 1.125 1.125 1.125 1.125 .984 .563 .560 .750 .750 .750 .750 .750 .750 - 34.93 44.45 50.80 50.80 63.50 63.50 76.20 76.20 90.00 46.04 55.56 31.75 65.09 38.10 76.20 44.45 88.90 114.00 30 30 75 30 75 30 75 30 60 58.74 66.68 36.51 76.41 42.86 87.31 49.21 100.01 4.70 19.05 19.05 28.58 28.58 28.58 28.58 28.58 28.58 25.00 14.30 14.22 19.05 19.05 19.05 19.05 19.05 19.05 - A B C D E F A Dimensions in Millimeters B C D E F
Note: All mounting brackets and clamps except Figure 4 are zinc plated. Figure 4 is a black nylon. When mounting capacitors there is no need to wrap capacitors with protective wrapping before installing mounting clamp. *Stock bracket
Nylon Nuts for Insulated Stud Mounting
Nylon Hex Nut
Metal Plate/ Heat Sink (Reference only)
For Stud Standoff Nylon Nut Part Number M8S17W25 M12S22W30 M12S30W38 (mm) M8 M12 M12 S (mm) 17 22 30
Nut W (mm) 25 30 38
Nut T (mm) 14 16 16.5
Hex Head J (mm) Diameter (mm) 17 19 19 17.5 22.5 30.5
Mounting Min. Hole Max. Chassis Max. Tightening Thickness (mm) 5 5 5 Torque in. lbs. 25 75 75
Diameter Diameter Diameter Elevation
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of M12S30W38

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X