Part Number Hot Search : 
MT1259C DWF40A30 ADP3170 SPN8080 SMBJ36C 2SK2421 BAT43 PT2250A
Product Description
Full Text Search
 

To Download LT3070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical Specifications Subject to Change
LT3070 5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator FEATURES
n n n n n n n n n n n n n n n n
DESCRIPTION
The LT(R)3070 is a low voltage, UltraFastTM transient response linear regulator. The device supplies up to 5A of output current with a typical dropout voltage of 85mV. A 0.01F reference bypass capacitor decreases output voltage noise to 25VRMS. The LT3070's high bandwidth permits the use of low ESR ceramic capacitors, saving bulk capacitance and cost. The LT3070's features make it ideal for high performance FPGAs, microprocessors or sensitive communication supply applications. Output voltage is digitally selectable in 50mV increments over a 0.8V to 1.8V range. A margining function allows the user to tolerance system output voltage in increments of 1%, 3% or 5%. The IC incorporates a unique tracking function to control a buck regulator powering the LT3070's input. This tracking function drives the buck regulator to maintain the LT3070's input voltage to VOUT + 300mV, minimizing power dissipation. Internal protection includes UVLO, reverse-current protection, precision current limiting with power foldback and thermal shutdown. The LT3070 regulator is available in a thermally enhanced 28-lead, 4mm x 5mm QFN package.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. UltraFast is a trade mark of Linear Technology Corporation. All other trademarks are the property of their respective owners.
Output Current: 5A Dropout Voltage: 85mV Typical Digitally Programmable VOUT : 0.8V to 1.8V Digital Output Margining: 1%, 3% or 5% Low Output Noise: 25VRMS (10Hz to 100kHz) Parallelable: Use Two for a 10A Output Precision Current Limit: 10% 1% Accuracy Over Line, Load and Temperature Stable with Low ESR Ceramic Output Capacitors (15F Minimum) High Frequency PSRR: 35dB at 1MHz Enable Function Turns Output On/Off VIOC Pin Controls Buck Converter to Maintain Low Power Dissipation and Optimize Efficiency PWRGD/UVLO Flag Current Limit Foldback Protection Thermal Shutdown 28-Lead (4mm x 5mm) QFN Package
APPLICATIONS
n n n n
FPGA and DSP Supplies ASIC and Microprocessor Supplies Servers and Storage Devices Post Buck Regulation and Supply Isolation
TYPICAL APPLICATION
0.9V, 5A Regulator
VBIAS 2.2V TO 3.6V 50k PWRGD 2.2F 4
Dropout Voltage
VIN 1.2V
BIAS IN 330F EN VO0 VO1 VO2 MARGSEL MARGTOL VIOC 1nF REF/BYP GND 0.01F
3070 TA01a
PWRGD SENSE LT3070 OUT 2.2F 4.7F 10F VOUT 0.9V 5A
3
XXX
2
PLACE HOLDER
1
0
0
10
20 XXX
30
40
LTXXXX * TPCXX
3070p
1
LT3070 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PIN CONFIGURATION
TOP VIEW BIAS GND VO2 VO1 GND VO0 22 MARGTOL 21 MARGSEL 20 GND 29 19 SENSE 18 OUT 17 OUT 16 OUT 15 OUT 9 10 11 12 13 14 GND GND GND GND GND EN VIOC 1 PWRGD 2 REF/BYP 3 GND 4 IN 5 IN 6 IN 7 IN 8 28 27 26 25 24 23
IN, OUT ......................................................... 3.3V, -0.3V BIAS ................................................................. 4V, -0.3V VO2, VO1, VO0 Inputs ........................................ 4V, -0.3V MARGSEL, MARGTOL Input ............................ 4V, -0.3V EN Input ........................................................... 4V, -0.3V SENSE Input .................................................... 4V, -0.3V VIOC, PWRGD Outputs .................................... 4V, -0.3V REF/BYP Output ............................................... 4V, -0.3V Output Short-Circuit Duration.........................Indefinite Operating Junction Temperature (Note 2) LT3070E/LT3070I .............................. -40C to 125C LT3070MP......................................... -55C to 125C Storage Temperature Range................... -65C to 150C
UFD PACKAGE 28-LEAD (4mm 5mm) PLASTIC QFN TJMAX = 125C, JA = 30C/W EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LT3070EUFD#PBF LT3070IUFD#PBF LT3070MPUFD#PBF LEAD BASED FINISH LT3070EUFD LT3070IUFD LT3070MPUFD TAPE AND REEL LT3070EUFD#TRPBF LT3070IUFD#TRPBF LT3070MPUFD#TRPBF TAPE AND REEL LT3070EUFD#TR LT3070IUFD#TR LT3070MPUFD#TR PART MARKING* 3070 3070 070MP PART MARKING* 3070 3070 070MP PACKAGE DESCRIPTION 28-Lead (4mm x 5mm) Plastic QFN 28-Lead (4mm x 5mm) Plastic QFN 28-Lead (4mm x 5mm) Plastic QFN PACKAGE DESCRIPTION 28-Lead (4mm x 5mm) Plastic QFN 28-Lead (4mm x 5mm) Plastic QFN 28-Lead (4mm x 5mm) Plastic QFN TEMPERATURE RANGE -40C to 125C -40C to 125C -55C to 125C TEMPERATURE RANGE -40C to 125C -40C to 125C -55C to 125C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
3070p
2
LT3070 ELECTRICAL CHARACTERISTICS
PARAMETER Minimum IN Pin Voltage Minimum BIAS Pin Voltage (Note 3) Regulated Output Voltage VOUT = 0.8V, 10mA IOUT 5A, 1V VIN 1.25V VOUT = 0.9V, 10mA IOUT 5A, 1.1V VIN 1.35V VOUT = 1V, 10mA IOUT 5A, 1.2V VIN 1.45V VOUT = 1.1V, 10mA IOUT 5A, 1.3V VIN 1.55V VOUT = 1.2V, 10mA IOUT 5A, 1.4V VIN 1.65V VOUT = 1.5V, 10mA IOUT 5A, 1.7V VIN 1.95V VOUT = 1.8V, 10mA IOUT 5A, 2.0V VIN 2.25V MARGTOL = 0V, MARGSEL = VBIAS MARGTOL = 0V, MARGSEL = 0V, IOUT = 10mA MARGTOL = FLOAT, MARGSEL = VBIAS MARGTOL = FLOAT, MARGSEL = 0V, IOUT = 10mA MARGTOL = VBIAS, MARGSEL= VBIAS MARGTOL = VBIAS, MARGSEL = 0V, IOUT = 10mA Line Regulation to VIN Line Regulation to VBIAS Load Regulation, IOUT = 10mA to 5A VOUT = 0.8V, VIN = 1.1V to 3.0V, VBIAS = 3.3V, IOUT = 10mA VOUT = 1.8V, VIN = 2.1V to 3.0V, VBIAS = 3.3V, IOUT = 10mA VOUT = 0.8V, VBIAS = 2.2V to 3.6V, VIN = 1.1V, IOUT = 10mA VOUT = 1.8V, VBIAS = 3.1V to 3.6V, VIN = 2.1V, IOUT = 10mA VBIAS = 3.3V, VIN = 1.1V, VOUT = 0.8V VBIAS = 3.3V, VIN = 1.3V, VOUT = 1.0V VBIAS = 3.3V, VIN = 1.5V, VOUT = 1.2V VBIAS = 3.3V, VIN = 1.8V, VOUT = 1.5V VBIAS = 3.3V, VIN = 2.1V, VOUT = 1.8V Dropout Voltage, VIN = VOUT(NOMINAL) (Note 6) IOUT = 1A IOUT = 2.5A IOUT = 5A SENSE Pin Current Ground Pin Current, VIN = 1.3V, VOUT = 1V VBIAS = 3.3V, VIN = 1.1V, VOUT = 0.8 VBIAS = 3.3V, VIN = 2.1V, VOUT = 1.8V IOUT = 10mA IOUT = 5A CONDITIONS VIN VOUT + 150mV, IOUT= 5A
l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COUT = 15F (Note 9), VIN = VOUT + 0.3V (Note 5), VBIAS = 2.5V unless otherwise noted.
MIN 0.95 2.2 0.792 0.891 0.990 1.089 1.189 1.485 1.782 0.7 -1.3 2.7 -3.3 4.7 -5.3 0.800 0.900 1.000 1.100 1.200 1.500 1.800 1 -1 3 -3 5 -5 TYP MAX 3.0 3.6 0.808 0.909 1.010 1.111 1.212 1.515 1.818 1.3 -0.7 3.3 -2.7 5.3 -4.7 1.0 1.0 2.0 1.0 -1.5 -1.5 -1.8 -2.3 -2.7 -3.0 -5.0 -3.0 -5.0 -3.6 -6.0 -4.5 -7.5 -5.4 -9.0 20 45 85 35 210 0.45 0.62 50 300 0.72 0.88 55 63 105 150 65 390 1.15 1.45 UNITS V V V V V V V V V % % % % % % mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV A A mA mA
Regulated Output Voltage Margining (Note 3)
3070p
3
LT3070 ELECTRICAL CHARACTERISTICS
PARAMETER BIAS Pin Current in Nap Mode BIAS Pin Current, VIN = 1.3V, VOUT = 1V CONDITIONS EN = Low (After POR Completed) IOUT = 10mA IOUT = 100mA IOUT = 500mA IOUT = 1A IOUT = 2.5A IOUT = 5A VIN - VOUT < 0.5V VIN - VOUT = 0.6V VIN - VOUT = 1.0V VIN - VOUT = 1.5V VIN = 0V, VOUT = 3V Percentage of VOUT(NOMINAL), VOUT Rising Percentage of VOUT(NOMINAL), VOUT Falling IPWRGD = 200A (Fault Condition) EN = 3.3V, VBIAS Rising EN = 3.3V, VBIAS Falling VIN = VOUT(NOMINAL) + 150mV, Sourcing VIN = VOUT(NOMINAL) + 450mV, Sinking Input Falling
l l l l l l l l l l l l l l l l l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COUT = 15F (Note 9), VIN = VOUT + 0.3V (Note 5), VBIAS = 2.5V unless otherwise noted.
MIN 300 1.20 2.05 2.75 3.40 4.85 5.20 5.2 4.8 3.4 1.0 200 87.5 83.5 1.11 0.96 250 175 175 0.22 0.75 2.00 40 52 27 26 90 86 1.50 1.30 300 256 256 0.42 1.76 2.25 70 43 38 1.35 0.94 3.8 5.0 7.1 0.1 TYP 420 1.80 2.60 3.70 4.60 6.40 7.25 MAX 650 2.40 3.70 5.45 6.80 9.40 11.45 6 5.2 4.4 1.8 400 92.5 88.5 100 2.03 1.62 350 335 335 UNITS A mA mA mA mA mA mA A A A A A % % mV V V mV A A V V V mV A A V V A A
Current Limit (Note 5)
Reverse Output Current (Note 8) PWRGD VOUT Threshold PWRGD VOL VBIAS Undervoltage Lockout VIN-VOUT Servo Voltage by VIOC VIOC Output Current VIL Input Threshold (Logic-0 State), VO2, VO1, VO0, MARGSEL, MARGTOL VIZ Input Range (Logic-Z State), VO2, VO1, VO0, MARGSEL, MARGTOL VIH Input Threshold (Logic-1 State), VO2, VO1, VO0, MARGSEL, MARGTOL Input Hysteresis (Both Thresholds), VO2, VO1, VO0, MARGSEL, MARGTOL Input Current High, VO2, VO1, VO0, MARGSEL, MARGTOL Input Current Low, VO2, VO1, VO0, MARGSEL, MARGTOL EN Pin Threshold EN Pin Logic High Current EN Pin Logic Low Current
Input Rising
l l
VIH = VBIAS = 2.5V, Current Flows Into Pin VIL = 0V, VBIAS = 2.5V, Current Flows Out of Pin VOUT = Off to On VOUT = On to Off VEN = VBIAS = 2.5V VEN = 0V
l l l l l l
3070p
4
LT3070 ELECTRICAL CHARACTERISTICS
PARAMETER VBIAS Ripple Rejection VIN Ripple Rejection (Notes 3, 4, 5) Reference Voltage Noise (REF/BYP Pin) Output Voltage Noise CONDITIONS VBIAS = VOUT + 1.5VAVG, VRIPPLE =0.5VP-P , fRIPPLE = 120Hz, VIN - VOUT = 300mV, IOUT = 2.5A VBIAS = 2.5V, VIN - VOUT = 300mV, IOUT = 2.5A, VRIPPLE = 50mVP-P , fRIPPLE = 120Hz , CREF/BYP = 10nF BW = 10Hz to 100kHz VOUT = 1V, IOUT = 5A, CREF/BYP = 10nF COUT = 15F , , BW = 10Hz to 100kHz
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. COUT = 15F (Note 9), VIN = VOUT + 0.3V (Note 5), VBIAS = 2.5V unless otherwise noted.
MIN 60 60 TYP 72 68 10 25 MAX UNITS dB dB VRMS VRMS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LT3070 regulators are tested and specified under pulse load conditions such that TJ TA. The LT3070E is 100% tested at TA = 25C. Performance at -40C and 125C is assured by design, characterization and correlation with statistical process controls. The LT3070I is guaranteed over the -40C to 125C operating junction temperature range. The LT3070MP is 100% tested and guaranteed over the -55C to 125C operating junction temperature range. Note 3: To maintain proper performance and regulation, the BIAS supply voltage must be higher than the IN supply voltage. For a given VOUT , the BIAS voltage must be in the range: (1.2 * VOUT + 935mV) VBIAS 3.6V. Note 4: Operating conditions are limited by maximum junction temperature. The regulated output voltage specification does not apply for all possible combinations of input voltage and output current. When operating at maximum output current, limit the input voltage range to: VIN < VOUT + 500mV. Note 5: The LT3070 incorporates safe operating area protection circuitry. Current limit decreases as the VIN-VOUT voltage increases. Current limit foldback starts at VIN - VOUT > 500mV. See the Typical Performance Characteristics for a graph of Current Limit vs VIN - VOUT voltage. The current limit foldback feature is independent of the thermal shutdown circuity.
Note 6: Dropout voltage, VDO, is the minimum input to output voltage differential at a specified output current. In dropout, the output voltage equals VIN - VDO. Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) + 300mV and a current source load. VIOC is a buffered output determined by the value of VOUT as programmed by the VO2-VO0 pins. VIOC's output is independent of the margining function. Note 8: Reverse output current is tested with the IN pins grounded and the OUT + SENSE pins forced to the rated output voltage. This is measured as current into the OUT + SENSE pins. Note 9: Frequency Compensation: The LTC3070 must be frequency compensated at its OUT pins with a minimum COUT of 15F configured as a cluster of (15x) 1F ceramic capacitors or as a graduated cluster of 10F/4.7F/2.2F ceramic capacitors of the same case size. Linear Technology only recommends X5R or X7R dielectric capacitors.
3070p
5
LT3070 TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Distribution VOUT vs Temperature Load Regulation
Dropout Voltage vs VIN
Dropout Voltage vs VBIAS
Load Transient Response
Current Limit vs VIN
Output Voltage Noise
3070p
6
LT3070 TYPICAL PERFORMANCE CHARACTERISTICS
Ripple Rejection vs VIN Ripple Rejection vs VBIAS Minimum VIN vs Temperature
Line Transient Response vs VIN
Line Transient Response vs VBIAS
Noise vs Output Voltage
BIAS Pin Current vs Load
GND Pin Current vs Load
3070p
7
LT3070 PIN FUNCTIONS
VIOC (Pin 1): Voltage for In-to-Out Control. The IC incorporates a unique tracking function to control a buck regulator powering the LT3070's input. The VIOC pin is the output of this tracking function that drives the buck regulator to maintain the LT3070's input voltage at VOUT + 300mV. This function maximizes efficiency and minimizes power dissipation. See the Applications Information section for more information on proper control of the buck regulator. PWRGD (Pin 2): Power Good. The PWRGD pin is an opendrain NMOS output that is active low if any one of these fault modes is detected: * VOUT is less than 90% of VOUT(NOMINAL) on the rising edge of VOUT * VOUT drops below 85% of VOUT(NOMINAL) for more than 25s * Junction temperature exceeds 145C See the Applications Information section for more information on PWRGD fault modes. REF/BYP (Pin 3): Reference Filter. The pin is the output of the bandgap reference and has an impedance of approximately 19k. This pin must not be externally loaded. Bypassing the REF/BYP pin to GND with a 10nF capacitor decreases output voltage noise and provides a soft-start function to the reference. See the Applications Information section for more information on noise and output voltage margining considerations. GND (Pins 4, 9-14, 20, 26): Ground. All GND pins must be tied together and to Pin 29, the exposed backside of the package for proper thermal performance. These GND pins are fused to the internal die attach paddle and exposed package backside to optimize heat sinking and thermal resistance performance. IN (Pins 5, 6, 7, 8): Input Supply. These pins supply power to the high current pass transistor. Tie all IN pins together for proper performance. The LT3070 requires a bypass capacitor at IN to maintain stability and low input impedance over frequency. A 47F input bypass capacitor suffices for most battery and power plane impedances. Minimizing input trace inductance optimizes performance. Applications that operate with low VIN-VOUT differential voltages and that have large, fast load transients may require much higher input capacitor requirements to prevent the input supply from drooping and allowing the regulator to enter dropout. See the Applications Information section for more information on input capacitor requirements. OUT (Pins 15, 16, 17, 18): Output. These pins supply power to the load. Tie all OUT pins together for proper performance. A minimum output capacitance of 15F is required for stability. LTC recommends low ESR, X5R or X7R dielectric ceramic capacitors for best performance. A parallel ceramic capacitor combination of 10F + 4.7F + 2.2F provides excellent stability and load transient response. Large load transient applications require larger output capacitors to limit peak voltage transients. See the Applications Information section for more information on output capacitor requirements. SENSE (Pin 19): Kelvin Sense for OUT . The SENSE pin is the inverting input to the error amplifier. Optimum regulation is obtained when the SENSE pin is connected to the OUT pins of the regulator. In critical applications, the resistance (RP) of PCB traces between the regulator and the load cause small voltage drops, creating a load regulation error at the point of load. Connecting the SENSE pin at the load instead of directly to OUT eliminates this voltage error. Figure 1 illustrates this Kelvin-Sense connection method. Note that the voltage drop across the external PCB traces adds to the dropout voltage of the regulator. The SENSE pin input bias current depends on the selected output voltage. SENSE pin input current varies from 50A typically at VOUT = 0.8V to 300A typically at VOUT = 1.8V.
+
VBIAS IN EN VO2 VO1 LT3070 PWRGD LOAD BIAS SENSE OUT RP
+
VIN
VO0 MARGSEL MARGTOL VIOC REF/BYP GND
RP
3070 F01
Figure 1. Kelvin Sense Connection
3070p
8
LT3070 PIN FUNCTIONS
MARGSEL (Pin 21): Margining Enable and Polarity Selection. This three-state pin determines both the polarity and the active state of the margining function. The logic low threshold is less than 220mV referenced to GND and enables negative voltage margining. The logic "high" threshold is greater than VBIAS - 500mV and enables positive voltage margining. The voltage range between these two logic thresholds defines the logic Hi-Z state and disables the margining function. MARGTOL (Pin 22): Margining Tolerance. This threestate pin selects the absolute value of margining (1%, 3% or 5%) if enabled by the MARGSEL input. The logic low threshold is less than 220mV referenced to GND and enables either 1% change in VOUT depending on the state of the MARGSEL pin. The logic high threshold is greater than VBIAS - 500mV and enables either 5% change in VOUT depending on the state of the MARGSEL pin. The voltage range between these two logic thresholds defines the logic Hi-Z state and enables either 3% change in VOUT depending on the state of the MARGSEL pin. VO2, VO1 and VO0 (Pins 23, 24, 25): Output Voltage Select. These three-state pins combine to select a nominal output voltage from 0.8V to 1.8V in increments of 50mV. Output voltage is limited to 1.8V maximum by an internal override of VO1 when VO2 = "1". The input logic "0" threshold is less than 220mV referenced to GND and the logic "1" threshold is greater than VBIAS - 500mV. The range between these two thresholds defines the logic Hi-Z state. See Table 1 in the Applications Information section that defines the VO2, VO1 and VO0 settings versus VOUT . BIAS (Pin 27): Bias Supply. This pin supplies current to most of the internal control circuitry and the output stage driving the pass transistor. The LT3070 requires a minimum 2.2F bypass capacitor for stability and proper operation. To ensure proper operation, the BIAS voltage must conform to the equation: (1.2 * VOUT) + 935mV VBIAS 3.6V EN (Pin 28): Enable. This pin starts the internal reference, enables all outputs and enables all support functions. After start-up, pulling the EN pin low keeps the reference circuit active, but disables the output transistor and puts the LT3070 into a lower power "nap" mode. Drive the EN pin with either a digital logic port or an open-collector NPN or open-drain NMOS terminated with a pull-up resistor to VBIAS. The pull-up resistor must be no larger than 35k to meet the VIH condition of the EN pin. If unused, connect the EN pin to VBIAS. Exposed Pad (Pin 29): GND. Tie the Exposed Pad to all GND pins and directly to the PCB GND. This Exposed Pad provides enhanced thermal performance with its connection to the PCB GND. See the Applications Information section for thermal considerations and calculating junction temperature.
3070p
9
LT3070 BLOCK DIAGRAM
27 BIAS IN 5-8 UVLO AND THERMAL SHUTDOWN
+
ISENSE REF/BYP
+
EAMP
-
-
LDO CORE
BUF
OUT 15-18 SENSE PWRGD 19 2
DETECT
1
VIOC
GND 4,9-14,20,26,29 PROGRAM CONTROL EN 28
10
+ -
VOUT(NOM) + 300mV VREF REF/BYP 3
VO2 VO1 VO0 MARGSEL MARGTOL 25 24 23 21 22
3070 BD
3070p
LT3070 APPLICATIONS INFORMATION
Introduction Current generation FPGA and ASIC processors place stringent demands on the power supplies that power the core, I/O and transceiver channels. These microprocessors may cycle load current from near zero to amps in tens of nanoseconds. Output voltage specifications, especially in the 1V range, require tight tolerances including transient response as part of the requirement. Some ASIC processors require only a single output voltage from which the core and I/O circuitry operate. Some high performance FPGA processors require separate power supply voltages for the processor core, the I/O, and the transceivers. Often, these supply voltages must be low noise and high bandwidth to achieve the lowest bit-error rates. These requirements mandate the need for very accurate, low noise, high current, very high speed regulator circuits that operate at low input and output voltages. The LT3070 is a low voltage, UltraFast transient response linear regulator. The device supplies up to 5A of output current with a typical dropout voltage of 85mV. A 0.01F reference bypass capacitor decreases output voltage noise to 25VRMS (BW = 10Hz to 100kHz). The LT3070's high bandwidth provides UltraFast transient response using low ESR ceramic output capacitors (15F minimum), saving bulk capacitance, PCB area and cost. The LT3070's features permit state-of-the-art linear regulator performance. The LT3070 is ideal for high performance FPGAs, microprocessors, sensitive communication supplies, and high current logic applications that also operate over low input and output voltages. Output voltage for the LT3070 is digitally selectable in 50mV increments over a 0.8V to 1.8V range. A margining function allows the user to tolerance system output voltage in increments of 1%, 3% or 5%. The IC incorporates a unique tracking function, which if enabled by the user, controls an upsteam regulator powering the LT3070's input (see Figure 8). This tracking function drives the buck regulator to maintain the LT3070's input voltage to VOUT + 300mV. This input-to-output voltage control allows the user to change the regulator output voltage, and have the switching regulator powering the LT3070's input to track to the optimum input voltage with no component changes. This combines the efficiency of a switching regulator with superior linear regulator response. It also permits thermal management of the system even with a maximum 5A output load. LT3070 internal protection includes input undervoltage lockout (UVLO), reverse-current protection, precision current limiting with power foldback and thermal shutdown. The LT3070 regulator is available in a thermally enhanced 28-lead, 4mm x 5mm QFN package. The LT3070's architecture drives an internal N-channel power MOSFET as a source follower. This configuration permits a user to realize an extremely low dropout, UltraFast transient response regulator with excellent high frequency PSRR performance. The LT3070 achieves superior regulator bandwidth and transient load performance by eliminating expensive bulk tantalum or electrolytic capacitors in the most modern and demanding microprocessor applications. Users realize significant cost savings as all additional bulk capacitance is removed. The additional savings of insertion cost, purchasing/inventory cost and board space are readily apparent. Precision incremental output voltage control accommodates legacy and future microprocessor power supply voltages. Output capacitor networks simplify to direct parallel combinations of ceramic capacitors. Often, the high frequency ceramic decoupling capacitors required by these various FPGA and ASIC processors are sufficient to stabilize the system (see Stability and Output Capacitance section). This regulator design provides ample bandwidth and responds to transient load changes in a few hundred nanoseconds versus regulators that respond in many microseconds. The LT3070 also incorporates precision current limiting, enable/disable control of output voltage and integrated overvoltage and thermal shutdown protection. The LT3070's unique design combines the benefits of low dropout voltage, high functional integration, precision performance and UltraFast transient response, as well as providing significant cost savings on the output capacitance needed in fast load transient applications. As lower voltage applications become increasingly prevalent with higher frequency switching power supplies, the LT3070 offers superior regulation and an appreciable
3070p
11
LT3070 APPLICATIONS INFORMATION
component cost savings. The LT3070 steps to the next level of performance for the latest generation FPGAs, DSPs and microprocessors. The simple versatility and benefits derived from these circuits exceed the power supply needs of today's high performance microprocessors. Programming Output Voltage Three tri-level input pins, VO2, VO1 and VO0, select the value of output voltage. Table 1 illustrates the 3-bit digital word to output voltage table resulting from setting these pins high, low or allowing them to float. These pins may be tied high or tied low by either pin-strapping them to VBIAS or driving them with digital ports. Pins that float may either actually float or require logic that has Hi-Z output capability. This allows output voltage to be dynamically changed if necessary. Output voltage is selectable from a minimum of 0.8V to a maximum of 1.8V in increments of 50mV. The MSB, VO2, sets the pedestal voltage, and the LSB's, VO1 and VO0 increment VOUT . Output voltage is limited to 1.8V maximum by an internal override of VO1 (default to "0") when VO2 = "1".
Table 1: VO2-VO0 Settings vs Output Voltage
VO2 0 0 0 0 0 0 0 0 0 Z Z VO1 0 0 0 Z Z Z 1 1 1 0 0 VO0 0 Z 1 0 Z 1 0 Z 1 0 Z VOUT(NOM) 0.80V 0.85V 0.90V 0.95V 1.00V 1.05V 1.10V 1.15V 1.20V 1.25V 1.30V VO2 Z Z Z Z Z Z Z 1 1 1 VO1 0 Z Z Z 1 1 1 X X X VO0 1 0 Z 1 0 Z 1 0 Z 1 VOUT(NOM) 1.35V 1.40V 1.45V 1.50V 1.55V 1.60V 1.65V 1.70V 1.75V 1.80V
REF/BYP--Voltage Reference This pin is the buffered output of the internal bandgap reference and has an output impedance of 19k. The design includes an internal compensation pole at fC = 4kHz. A 10nF REF/BYP capacitor to GND creates a lowpass pole at fLP = 840Hz. The 10nF capacitor decreases reference voltage noise to about 10VRMS and soft-starts the reference. The LT3070 only soft-starts the reference voltage during an initial turn-on sequence. If the EN pin is toggled low after initial turn-on, the reference remains powered-up. Therefore, toggling the EN pin from low to high does not soft-start the reference. Only by turning the BIAS supply voltage on and off will the reference be soft-started. Output voltage noise is the RMS sum of the reference voltage noise in addition to the amplifier noise. The REF/BYP pin must not be DC loaded by anything except for applications that parallel other LT3070 regulators for higher output currents. Consult the Applications Section on Paralleling for further details. Output Voltage Margining Two tri-level input pins, MARGSEL (polarity) and MARGTOL (scale), select the polarity and amount of output voltage margining. Margining is programmable in increments of 1%, 3% and 5%. Margining is internally implemented as a scaling of the reference voltage. Table 2 illustrates the 2-bit digital word to output voltage margining resulting from setting these pins high, low or allowing them to float. These pins may be set high or set low by either pin-strapping them to VBIAS or driving them with digital ports. Pins that float may either actually float or require logic that has "Hi-Z" output capability. This allows output voltage to be dynamically margined if necessary. The MARGSEL pin determines both the polarity and the active state of the margining function. The logic "low" threshold is less than 220mV referenced to GND and enables negative voltage margining. The logic "high" threshold is greater than VBIAS - 500mV and enables
X = Don't Care, 0 = GND, Z = Float, 1 = VBIAS
The input logic "0" threshold is less than 220mV referenced to GND and the logic "1" threshold is greater than VBIAS - 500mV. The range between these two thresholds defines the logic Hi-Z state.
3070p
12
LT3070 APPLICATIONS INFORMATION
positive voltage margining. The voltage range between these two logic thresholds defines the logic Hi-Z state and disables the margining function. The MARGTOL pin selects the absolute value of margining (1%, 3% or 5%) if enabled by the MARGSEL input. The logic "low" threshold is less than 220mV referenced to GND and enables either 1% change in VOUT depending on the state of the MARGSEL pin. The logic "high" threshold is greater than VBIAS - 500mV and enables either 5% change in VOUT depending on the state of the MARGSEL pin. The voltage range between these two logic thresholds defines the logic Hi-Z state and enables either 3% change in VOUT depending on the state of the MARGSEL pin.
Table 2: Programming Margining
MARGSEL 0 0 0 Z Z Z 1 1 1 MARGTOL 0 Z 1 0 Z 1 0 Z 1 % of VOUT(NOM) -1 -3 -5 0 0 0 1 3 5
gated off and output current falls to zero. The typical BIAS pin UVLO threshold is 1.55V on the rising edge of VBIAS. The UVLO circuit incorporates about 250mV of hysteresis on the falling edge of VBIAS. High Efficiency Linear Regulator--Input-to-Output Voltage Control The VIOC (voltage input to output control) pin is a function to control a switching regulator and facilitate a design solution that maximizes system efficiency at high load currents and still provides low dropout voltage performance. The VIOC pin is the output of an integrated transconductance amplifier that sources and sinks 250A of current. It typically regulates the output of most LTC(R) switching regulators or LTM(R) power modules, by sinking current from the ITH compensation node. The VIOC function controls a buck regulator powering the LT3070's input by maintaining the LT3070's input voltage to VOUT + 300mV. This 300mV VIN-VOUT differential voltage is chosen to provide fast transient response and good high frequency PSRR while minimizing power dissipation and maximizing efficiency. For example, 1.5V to 1.2V conversion and 1.3V to 1V conversion yield 1.5W maximum power dissipation at 5A full output current. Figure 2 depicts that the switcher's feedback resistor network sets the maximum switching regulator output voltage if the linear regulator is disabled. However, once the LT3070 is enabled, the VIOC feedback loop decreases the switching regulator output voltage back to VOUT + 300mV. Using the VIOC function creates a feedback loop between the LT3070 and the switching regulator. As such, the feedback loop must be frequency compensated for stability. Fortunately, the connection of VIOC to many LTC ITH pins represents a high impedance characteristic which is the optimum circuit node to frequency compensate the feedback loop. Figure 2 illustrates the typical frequency compensation network used at the VIOC node to GND. The VIOC amplifier characteristics are: gm = 3.2mS, IOUT = 250A, BW = 10MHz. If the VIOC is not used, terminate the VIOC pin to GND with a small capacitor (1000pF) to prevent oscillations.
3070p
Enable Function--Turning On and Off The first rising edge of the EN enable pin starts the LT3070 reference and all support functions while enabling the output. After start-up, pulling the EN pin low places the regulator into nap mode. In nap mode, the reference circuit remains active, but the output is disabled and quiescent current decreases. Drive the EN pin with either a digital logic port or an opencollector NPN or open-drain NMOS terminated with a pull-up resistor to VBIAS. The pull-up resistor must be no larger than 35k to meet the VIH condition of the EN pin. If unused, connect the EN pin to VBIAS. Input Undervoltage Lockout on BIAS Pin An internal undervoltage lockout (UVLO) comparator monitors the BIAS rail. If VBIAS drops below the UVLO threshold, all functions shut down, the pass transistor is
13
LT3070 APPLICATIONS INFORMATION
IN SWITCHING REGULATOR REF LT3070 OUT LOAD
+ -
PWM FB VOUT + VREF 300mV REFERENCE ITH
3070 F02
VIOC
Figure 2. VIOC Control Block Diagram
PWRGD--Power Good PWRGD is an open-drain digital output pin that pulls "low" if it detects any one of several fault modes including: * VOUT is less than 90% of VOUT(NOMINAL) on the rising edge of VOUT * VOUT decreases below 85% of VOUT(NOMINAL) for more than 25s * VIN decreases below VOUT * Junction temperature exceeds 145C typically* *The junction temperature detector is an early warning indicator that trips approximately 20C before thermal shutdown engages. Stability and Output Capacitance The LT3070's feedback loop requires an output capacitor for stability. Choose COUT carefully and mount it in close proximity to the LT3070's OUT and GND pins. Include wide routing planes for OUT and GND to minimize inductance. If possible, mount the regulator immediately adjacent to the application load to minimize distributed inductance for optimal load transient performance. Point-of-Load applications present the best case layout scenario for extracting full LT3070 performance. Low ESR, X5R or X7R ceramic chip capacitors are the LTC recommended choice for stabilizing the LT3070. Additional bulk capacitors distributed beyond the immediate decoupling capacitors are acceptable as their parasitic ESL
and ESR, combined with the distributed PCB inductance isolates them from the primary compensation pole provided by the local surface mount ceramic capacitors. The LT3070 requires a minimum output capacitance of 15F for stability. LTC strongly recommends that the output capacitor network consist of several low value ceramic capacitors in parallel. Why Do Multiple, Small-Value Output Capacitors Connected in Parallel Work Better? The LT3070's unity-gain bandwidth with COUT of 15F is about 1MHz at its full-load current of 5A. Surface mounted MLCC capacitors have a self-resonance frequency of fR = 1/(2LC), which must be pushed to a frequency higher than the regulator bandwidth. Standard MLCC capacitors are acceptable. To keep the resonant frequency greater than 1MHz, the product 1/(2LC) must be greater than 1MHz. At this bandwidth, PCB vias can add significant inductance, thus the fundamental decoupling capacitors must be mounted on the same plane as the LT3070. Typical 0603 or 0805 case-size capacitors have an ESL of ~800pH and PCB mounting can contribute up to ~200pH. Thus, it becomes necessary to reduce the parasitic inductance by using a parallel capacitor combination. A suitable methodology must control this paralleling as capacitors with the same self-resonant frequency, fR, will form a tank circuit that can induce ringing of their own accord. Small amounts of ESR (5m to 20m) have some benefit in dampening the resonant loop, but higher ESRs degrade
3070p
14
LT3070 APPLICATIONS INFORMATION
the capacitor response to transient load steps with rise/ fall times less than 1s. The most area efficient parallel capacitor combination is a graduated 4/2/1 scale of fR of the same case size. Under these conditions, the individual ESLs are relatively uniform, and the resonance peaks are deconstructively spread beyond the regulator bandwidth. The recommended parallel combination that approximates 15F is 10F + 4.7F + 2.2F Capacitors with case sizes . larger than 0805 have higher ESL and lower ESR (<5m). Therefore, more capacitors with smaller values (<10F) must be chosen. Users should consider new generation, low inductance capacitors to push out fR and maximize stability. Refer to the surface mount ceramic capacitor manufacturer's data sheets for capacitor specifications. Figure 3 illustrates an optimum PCB layout for the parallel output capacitor combination, but also illustrates the GND connection between the IN capacitor and the OUT capacitors to minimize the AC GND loop for fast load transients. This tight bypassing connection minimizes EMI and optimizes bypassing. LT3070's unity-gain crossover frequency. This technique illustrates the method that extracts the full bandwidth performance of the LT3070. Give additional consideration to the use of ceramic capacitors. Ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior across temperature and applied voltage. The most common dielectrics used are specified with EIA temperature characteristic codes of Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are good for providing high capacitances in a small package, but they tend to have strong voltage and temperature coefficients as shown in Figures 4 and 5. When used with a 5V regulator, a 16V 10F Y5V capacitor can exhibit an effective value as low as 1F to 2F for the DC bias voltage applied and over the operating
20 0 CHANGE IN VALUE (%) X5R -20 -40 -60 Y5V -80 2.2F 47F 4.7F 10F LOAD PLANE -100 0 2 10 12 4 8 6 DC BIAS VOLTAGE (V) 14 16 BOTH CAPACITORS ARE 16V, 1210 CASE SIZE, 10F
Lo-Z INPUT
LT3070 SENSE IN OUT GND
3070 F04
Figure 4. Ceramic Capacitor DC Bias Characteristics
3070 F03
40
Figure 3. Example PCB Layout
20
BOTH CAPACITORS ARE 16V, 1210 CASE SIZE, 10F X5R
Many of the applications in which the LT3070 excels, such as FPGA, ASIC processor or DSP supplies, typically require a high frequency decoupling capacitor network for the device being powered. This network generally consists of many low value ceramic capacitors in parallel. In some applications, this total value of capacitance may be close to the LT3070's minimum 15F capacitance requirement. This may reduce the required value of capacitance directly at the LT3070's output. Multiple low value capacitors in parallel present a favorable frequency characteristic that pushes many of the parasitic poles/zeroes beyond the
CHANGE IN VALUE (%)
0 -20 -40 -60 -80
Y5V
-100 -50 -25
50 25 75 0 TEMPERATURE (C)
100
125
3070 F05
Figure 5. Ceramic Capacitor Temperature Characteristics
3070p
15
LT3070 APPLICATIONS INFORMATION
temperature range. The X5R and X7R dielectrics result in more stable characteristics and are more suitable for use as the output capacitor. The X7R type has better stability across temperature, while the X5R is less expensive and is available in higher values. Care still must be exercised when using X5R and X7R capacitors; the X5R and X7R codes only specify operating temperature range and maximum capacitance change over temperature. Capacitance change due to DC bias with X5R and X7R capacitors is better than Y5V and Z5U capacitors, but can still be significant enough to drop capacitor values below appropriate levels. Capacitor DC bias characteristics tend to improve as component case size increases, but expected capacitance at operating voltage should be verified. Voltage and temperature coefficients are not the only sources of problems. Some ceramic capacitors have a piezoelectric response. A piezoelectric device generates voltage across its terminals due to mechanical stress, similar to the way a piezoelectric microphone works. For a ceramic capacitor the stress can be induced by vibrations in the system or thermal transients. For this reason, an X7R capacitor with a 16V maximum voltage rating is recommended for the REF/BYP pin. Stability and Input Capacitance The LT3070 is stable with a minimum capacitance of 47F connected to its IN pins. Use low ESR capacitors to minimize instantaneous voltage drops under large load transient conditions. Large VIN droops during large load transients may cause the regulator to enter dropout with corresponding degradation in load transient response. Increased values of input and output capacitance may be necessary depending on an application's requirements. Sufficient input capacitance is critical as the circuit is intentionally operated close to dropout to minimize power. Ideally, the output impedance of the supply that powers IN should be less than 10m to support a 5A load with large transients. In cases where wire is used to connect a power supply to the input of the LT3070 (and also from the ground of the LT3070 back to the power supply ground), large input capacitors are required to avoid an unstable application. This is due to the inductance of the wire forming an LC tank circuit with the input capacitor and not a result of the LT3070 being unstable. The self inductance, or isolated inductance, of a wire is directly proportional to its length. However, the diameter of a wire does not have a major influence on its self inductance. For example, one inch of 18-AWG, 0.04 inch diameter wire has 28nH of self inductance. The self inductance of a 2-AWG isolated wire with a diameter of 0.26 inch is about half the inductance of a 18-AWG wire. The overall self inductance of a wire can be reduced in two ways. One is to divide the current flowing towards the LT3070 between two parallel conductors which flows in the same direction in each. In this case, the farther the wires are placed apart from each other, the more inductance will be reduced, up to a 50% reduction when placed a few inches apart. Splitting the wires basically connects two equal inductors in parallel. However, when placed in close proximity from each other, mutual inductance is added to the overall self inductance of the wires. The most effective way to reduce overall inductance is to place the forward and return-current conductors (the wire for the input and the wire for the return ground) in very close proximity. Two 18-AWG wires separated by 0.05 inch reduce the overall self inductance to about one-forth of a single isolated wire. If the LT3070 is powered by a battery mounted in close proximity with ground and power planes on the same circuit board, a 47F input capacitor is sufficient for stability. However, if the LT3070 is powered by a distant supply, use a low ESR, large value input capacitor on the order of 330F As power supply output . impedance varies, the minimum input capacitance needed for application stability also varies. Bias Pin Capacitance Requirements The BIAS pin supplies current to most of the internal control circuitry and the output stage driving the pass transistor. The LT3070 requires a minimum 2.2F bypass capacitor for stability and proper operation. To ensure proper operation, the BIAS voltage must conform to the following equation: (1.2 * VOUT) + 935mV VBIAS 3.6V
3070p
16
LT3070 APPLICATIONS INFORMATION
Load Regulation The LT3070 provides a Kelvin sense pin for VOUT , allowing the application to correct for parasitic package and PCB I-R drops. However, LTC recommends that the SENSE pin terminate in close proximity to the LT3070's OUT pins; this minimizes parasitic inductance and optimizes regulation. The LT3070 handles moderate levels of output line impedance, but excessive impedance between VOUT and COUT causes excessive phase shift in the feedback loop and adversely affects stability. Figure 1 in the Pin Functions section illustrates the KelvinSense connection method that eliminates voltage drops due to PCB trace resistance. However, note that the voltage drop across the external PCB traces adds to the dropout voltage of the regulator. The SENSE pin input bias current depends on the selected output voltage. SENSE pin input current varies from 50A typically at VOUT = 0.8V to 300A typically at VOUT = 1.8V. Short-Circuit and Overload Recovery Like many IC power regulators, the LT3070 has safe operating area (SOA) protection. The safe area protection decreases current limit as input-to-output voltage increases and keeps the power transistor inside a safe operating region for all values of input-to-output voltage up to the absolute maximum voltage rating. VBIAS must be above the UVLO threshold for any function. The LT3070 has a precision current limit specified at 10% that is active if VBIAS is above UVLO, regardless of the value of VIN. Under conditions of maximum ILOAD and maximum VIN-VOUT the device's power dissipation peaks at about 3W. If ambient temperature is high enough, die junction temperature will exceed the 125C maximum operating temperature. If this occurs, the LT3070 relies on two additional thermal safety features. At about 145C, the PWRGD output pulls low providing an early warning of an impending thermal shutdown condition. At 165C typically, the LT3070's thermal shutdown engages and the output is shut down until the IC temperature falls below the thermal hysteresis limit. The SOA protection decreases current limit as the IN-to-OUT voltage increases and keeps the power dissipation at safe levels for all values of input-to-output voltage. The LT3070 provides some output current at all values of input-to-output voltage up to the absolute maximum voltage rating. See the Current Limit vs VIN curve in the Typical Performance Characteristics. During start-up, after the BIAS voltage has cleared its UVLO threshold and VIN is increasing, output voltage increases at the rate of current limit charging COUT . With a high input voltage, a problem can occur where in removal of an output short will not allow the output voltage to recover. Other regulators also exhibit this phenomenon, so it is not unique to the LT3070. The load line for such a load may intersect the output current curve at two points: normal operation and the 50A restricted load current settings. A common situation is immediately after the removal of a short circuit, but with a static load 1A. In this situation, removal of the load or reduction of IOUT to <1A will clear this condition and allow VOUT to return to normal regulation. Reverse Voltage The LT3070 incorporates a circuit that detects if VIN decreases below VOUT . This reverse-voltage detector has a typical threshold of about (VIN - VOUT) = -6mV. If the threshold is exceeded, this detector circuit turns off the drive to the internal NMOS pass transistor, thereby turning off the output. The output pulls low with the load current discharging the output capacitance. This circuit's intent is to limit and prevent back-feed current from OUT to IN if the input voltage collapses due to a fault or overload condition. Thermal Considerations The LT3070's maximum rated junction temperature of 125C limits its power handling capability and is dominated by the output current multiplied by the input/output voltage differential: IOUT * (VIN - VOUT) The LT3070's internal power and thermal limiting circuitry protect it under overload conditions. For continuous normal load conditions, do not exceed the maximum junction temperature of 125C. Give careful consideration to all sources of thermal resistance from junction to ambient. This includes junction to case, case-to-heat sink interface,
3070p
17
LT3070 APPLICATIONS INFORMATION
heat sink resistance or circuit board to ambient as the application dictates. Also, consider additional heat sources mounted in proximity to the LT3070. The LT3070 is a surface mount device and as such, heat sinking is accomplished by using the heat spreading capabilities of the PC board and its copper traces. Surface mount heat sinks and plated through-holes can also be used to spread the heat generated by power devices. Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case directly below the die. This is the lowest resistance path for heat flow. Proper mounting is required to ensure the best possible thermal flow from this area of the package to the heat sinking material. Note that the Exposed Pad is electrically connected to GND. Table 3 lists thermal resistance for several different copper areas given a fixed board size. All measurements were taken in still air on a 4-layer 1/16" FR-4 board with one ounce copper.
Table 3, UDF Plastic Package, 28-Lead QFN
COPPER AREA TOPSIDE* 2500mm2 1000mm2 225mm2 100mm2 BACK SIDE 2500mm2 2500mm2 2500mm2 2500mm2 BOARD AREA 2500mm2 2500mm2 2500mm2 2500mm2 THERMAL RESISTANCE (JUNCTION-TO-AMBIENT) 30C/W 32C/W 33C/W 35C/W
thus: P = 4A(1.26V - 0.9V) + (6.91mA - 0.87mA)0.9V + 0.87mA(2.5V) = 1.448W With the QFN package soldered to maximum copper area, the thermal resistance is 30C/W. So the junction temperature rise above ambient equals: 1.448W at 30C/W = 43.44C The maximum junction temperature equals the maximum ambient temperature plus the maximum junction temperature rise above ambient or: TJMAX = 50C + 43.44C = 93.44C Applications that cannot support extensive PCB space for heatsinking the LT3070 will require a derating of output current or increased airflow. Paralleling Devices for Higher IOUT Multiple LT3070s may be paralleled to obtain higher output current. This paralleling concept borrows from the scheme employed by the LT3080. To accomplish this paralleling, tie the IN pins and the OUT pins of the multiple devices together. Also, tie the REF/BYP pins of the multiple outputs together. This effectively gives an averaged value of multiple 600mV reference voltage sources. The OUT of each LT3070 is connected to the common load using a small piece of PC trace as a ballast resistor ( 2m) or an actual sense resistor, beyond the primary output capacitors of each regulator. The ballast resistor ensures output current sharing (see Figures 8 and 9). Keep this ballast trace area free of solder to maintain a controlled resistance. Table 4 shows a simple guideline for PCB trace resistance as a function of weight and trace width.
Table 4. PC Board Trace Resistance
WEIGHT (Oz) 1 2 100 MIL WIDTH 5.43 2.71 200 MIL WIDTH 2.71 1.36
*Device is mounted on topside
Calculating Junction Temperature Example: Given an output voltage of 0.9V, an input voltage range of 1.2V 5%, a BIAS voltage of 2.5V, a maximum output current of 4A and a maximum ambient temperature of 50C, what will the maximum junction temperature be? The power dissipated by the device equals: IOUT(MAX) * (VIN(MAX) - VOUT) + (IBIAS - IGND) * VOUT + IGND * VBIAS where: IOUT(MAX) = 4A VIN(MAX) = 1.26V IBIAS at (IOUT = 4A, VBIAS = 2.5V) = 6.91mA IGND at (IOUT = 4A, VBIAS = 2.5V) = 0.87mA
*Trace resistance is measured in milliohms/in
3070p
18
LT3070 APPLICATIONS INFORMATION
Quieting the Noise The LT3070 offers numerous noise performance advantages. Each LDO has several sources of noise. An LDO's most critical noise source is the reference, followed by the LDO error amplifier. Traditional low noise regulators buffer the voltage reference out to an external pin (usually through a large value resistor) to allow for bypassing and noise reduction of reference noise. The LT3070 deviates from the traditional voltage reference by generating a low voltage VREF from a reference current into an internal resistor 19k. This intermediate impedance node (REF/BYP) facilitates external filtering directly. A 10nF filter
VBIAS 3.3V 50k PWRGD 2.2F
capacitor minimizes reference noise to 10VRMS at the 600mV REF/BYP pin, equivalently a 17V contribution to output noise at VOUT = 1V. See the Typical Performance Characteristics for Noise vs Output Voltage performance as a function of CBYP/REF . This approach also accommodates reference sharing between LT3070 regulators that are hooked up in current sharing applications. The REF/BYP filter capacitor delays the initial power-up time by a factor of the RC time constant. VREF remains active in nap mode, thus start-up time is significantly reduced and well controlled coming out of nap mode (EN:LOHI).
VIN 1.5V 330F
BIAS IN EN VO0 VO1 VO2 NC NC 1nF MARGSEL MARGTOL VIOC REF/BYP GND 0.01F
3070 F06
PWRGD SENSE LT3070 OUT 2.2F* 4.7F* *X5R OR X7R 10F*
VOUT 1.2V 5A
Figure 6. 1.5V to 1.2V Linear Regulator
3070p
19
LT3070 APPLICATIONS INFORMATION
VBIAS 3.3V 50k PWRGD 47F 6.3V 3 2.2F 1 50k BIAS 0.1F CLKOUT RUN PVIN PVIN SVIN ITHM NC 15k 100pF 10pF SGND PLLLPF PVIN PVIN SW SW SW SW MODE CLKIN PHMODE PGND LTC3415EUHF ITH NC TRACK VFB PVIN PVIN SW SW SW SW PGOOD BSEL MGN NOTE: LTC3415 SWITCHER 2MHz INTERNAL OSCILLATOR TBD TBD TBD 20k 1% 15k 1% 47F NC NC NC NC EN IN VO2 VO1 VO0 MARGSEL MARGTOL VIOC REF/BYP GND 0.01F
3070 F07
PWRGD SENSE LT3070 OUT
VOUT = 1V/5A 2.2F* 4.7F* *X5R OR X7R
LOAD 10F*
PGND PGND PGND PGND PGND PGND PGND
100F 6.3V 3 0.2H
1.3V/7A
Figure 7. Regulator with VIOC Buck Control
3070p
20
LT3070 APPLICATIONS INFORMATION
VBIAS 3.3V 50k PWRGD 47F 6.3V 3 2.2F 1 SGND CLKOUT RUN PVIN PVIN SVIN ITHM NC 15k 100pF 10pF SGND PLLLPF PVIN PVIN SW SW SW SW MODE CLKIN PHMODE PGND LTC3415EUHF ITH NC TRACK VFB PVIN PVIN SW SW SW SW PGOOD BSEL MGN 47F NC 100F 6.3V 3 0.2H NC 1.3V/7A NC NC 1nF EN IN VO2 VO1 VO0 MARGSEL MARGTOL VIOC REF/BYP GND 0.01F
3070 F08
50k BIAS EN IN 47F 15k 1% 18k 1% 1nF NC NC NC NC VO2 VO1 VO0 MARGSEL MARGTOL VIOC REF/BYP GND 0.01F POWER PLANE 1V 10A LT3070 PWRGD *X5R OR X7R RTRACE 2m CONTROLLED SENSE OUT 2.2F* VOUT = 1.0V/5A 4.7F* 10F* P .O.L 1
0.1F
50k
2.2F RTRACE 2m CONTROLLED VOUT = 1.0V/5A 2.2F* 4.7F* *X5R OR X7R 10F* P .O.L 2
BIAS SENSE OUT LT3070 PWRGD
PGND PGND PGND PGND PGND PGND PGND
NOTE: LTC3415 SWITCHER 2MHz INTERNAL OSCILLATOR
Figure 8. 1V, 10A Point-of-Load Current Sharing Regulators
3070p
21
LT3070 TYPICAL APPLICATIONS
50k PWRGD 2.2F
BIAS IN 47F NC NC NC NC 1nF EN VO2 LT3070 (1) VO1 VO0 MARGSEL MARGTOL VIOC REF/BYP GND POWER PLANE 0.01F PWRGD *X5R OR X7R SENSE OUT 2.2F* 4.7F* 10F*
VOUT 1V P .O.L. 1 RTRACE 2m CONTROLLED
1V 10A
VBIAS 3.3V 50k SW1 CLKIN1 CLKOUT1 CLKIN2 CLKOUT2 VIN1 VOUT1 SVIN1 MGN1 RUN1 FB1 PLLLPF1 ITH1 MODE1 ITHM1 PHMODE1 BSEL1 TRACK1 PGOOD1 LTM4616 10F VOUT2 VIN2 MGN2 SVIN2 FB2 RUN2 ITH2 PLLLPF2 ITHM2 MODE2 BSEL2 PHMODE2 PGOOD2 TRACK2 SW2 SGND1 GND1 SGND2 GND2 VBUCK1 = 1.3V/8A 100F 6.3V 3 IN 47F NC NC NC NC VBUCK2 = 2.1V/8A 100F 6.3V 3 TBD TBD TBD EN
2.2F
RTRACE 2m CONTROLLED SENSE OUT PWRGD 2.2F* 4.7F* *X5R OR X7R VOUT 1V .O.L. 2 10F* P
BIAS
10F
RFB1 8.5k
VO2 LT3070 (2) VO1 VO0 MARGSEL MARGTOL VIOC REF/BYP GND 0.01F
RFB2 3.96k
50k
2.2F VOUT 1.8V 5A 10F*
BIAS IN 47F EN VO2 LT3070 (3) NC NC NC NC TBD TBD 2.2F TBD VO1 VO0 MARGSEL MARGTOL VIOC REF/BYP GND 0.01F SENSE OUT PWRGD 2.2F* 4.7F* *X5R OR X7R
NOTE: THE TWO LTM4616 MODULE CHANNELS ARE INDEPENDENTLY CONTROLLED BY THE VIOC CONTROLS FROM THE LINEAR REGULATORS
BIAS IN 47F NC NC NC NC 1nF EN VO2 LT3070 (4) VO1 VO0 MARGSEL MARGTOL VIOC REF/BYP GND 0.01F
3070 F09
SENSE OUT PWRGD 2.2F* 4.7F* *X5R OR X7R
VOUT 1.5V 10F* 2.5A
Figure 9. Triple Output Supply Providing 1V, 10A and 1.8V, 5A and 1.5V, 2.5A
3070p
22
LT3070 PACKAGE DESCRIPTION
UFD Package 28-Lead Plastic QFN (4mm x 5mm)
(Reference LTC DWG # 05-08-1712 Rev B)
0.70 0.05
4.50
0.05 3.10
0.05 2.50 REF 2.65 0.05 3.65 0.05
PACKAGE OUTLINE
0.25 0.05 0.50 BSC 3.50 REF 4.10 0.05 5.50 0.05 RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED 4.00 0.10 (2 SIDES) PIN 1 TOP MARK (NOTE 6) 0.75 0.05 R = 0.05 TYP
2.50 REF R = 0.115 TYP 27 28
PIN 1 NOTCH R = 0.20 OR 0.35 45 CHAMFER
0.40 1 2
0.10
5.00 0.10 (2 SIDES)
3.50 REF 3.65 0.10 2.65 0.10
(UFD28) QFN 0506 REV B
0.200 REF 0.00 - 0.05
0.25
0.05
0.50 BSC BOTTOM VIEW--EXPOSED PAD
NOTE: 1. DRAWING PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WXXX-X). 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
3070p
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
23
LT3070 RELATED PARTS
PART LT1761 LT1762 LT1763 LT1764/A LTC(R)1844 LT1962 LT1963/A DESCRIPTION 100mA, Low Noise LDO 150mA, Low Noise LDO 500mA, Low Noise LDO 3A, Fast Transient Response, Low Noise LDO 150mA, Very Low Dropout LDO 300mA, Low Noise LDO 1.5A Low Noise, Fast Transient Response LDO COMMENTS 300mV Dropout Voltage, Low Noise: 20VRMS, VIN: 1.8V to 20V, ThinSOT package 300mV Dropout Voltage, Low Noise: 20VRMS, VIN: 1.8V to 20V, MS8 package 300mV Dropout Voltage, Low Noise: 20VRMS, VIN: 1.8V to 20V, SO-8 Package 340mV Dropout Voltage, Low Noise: 40VRMS, VIN: 2.7V to 20V, TO-220 and DD Packages "A" Version Stable Also with Ceramic Caps 80mV Dropout Voltage, Low Noise <30VRMS, VIN: 1.6V to 6.5V, Stable with 1F Output Capacitors, ThinSOT Package 270mV Dropout Voltage, Low Noise: 20VRMS, VIN: 1.8V to 20V, MS8 Package 340mV Dropout Voltage, Low Noise: 40VRMS, VIN: 2.5V to 20V, "A" Version Stable with Ceramic Caps, TO-220, DD, SOT-223 and SO-8 Packages 290mV Dropout Voltage, Low Noise: 40VRMS, VIN: 1.8V to 20V, VOUT : 1.2V to 19.5V, Stable with Ceramic Caps, TO-220, DD-Pak, MSOP and 3mm x 3mm DFN Packages VIN: 0.9V to 10V, VOUT : 0.2V to 5V (Min), VDO = 0.15V, IQ = 120A, Noise: <250VRMS(P-P), Stable with 2.2F Ceramic Capacitors, DFN-8, MS8 Packages VIN: 0.9V to 10V, Dropout Voltage = 160mV (Typ), Adjustable Output (VREF = VOUT(MIN) = 200mV), Fixed Output Voltages: 1.2V, 1.5V, 1.8V, Stable with Low ESR, Ceramic Output Capacitors 16-Pin DFN (5mm x 5mm) and 8-Lead SO Packages
LT1965
1.1A, Low Noise, Low Dropout Linear Regulator
LT3020
100mA, Low Voltage VLDOTM Linear Regulator
LT3021
500mA, Low Voltage, Very Low Dropout VLDO Linear Regulator
LT3080/LT3080-1
1.1A, Parallelable, Low Noise, Low Dropout Linear Regulator 300mV Dropout Voltage (2-Supply Operation), Low Noise: 40VRMS, VIN: 1.2V to 36V, VOUT : 0V to 35.7V, Current-Based Reference with 1 Resistor VOUT Set; Directly Parallelable (No Op Amp Required), Stable with Ceramic Caps, TO-220, SOT-223, MSOP-8 and 3mm x 3mm DFN-8 Packages; LT3080-1 has Integrated Internal Ballast Resistor 500mA, Parallelable, Low Noise, Low Dropout Linear Regulator 275mV Dropout Voltage (2-Supply Operation), Low Noise: 40VRMS, VIN: 1.2V to 36V, VOUT : 0V to 35.7V, Current-Based Reference with 1 Resistor VOUT Set; Directly Parallelable (No Op Amp Required), Stable with Ceramic Caps, MSOP-8 and 2mm x 3mm DFN-6 Packages VIN: 0.9V to 5.5V, Dropout Voltage: 45mV, Low Noise: 80VRMS, Low IQ: 54A, 2mm x 2mm 6-Lead DFN Package VIN = 0.9V to 5.5V, Dropout Voltage: 75mV, Low Noise 80VRMS, Low IQ: 54A, Fixed Output: 1.2V (LTC3025-2); Adjustable Output Range: 0.4V to 3.6V (LTC3025-1) 2mm x 2mm 6-Lead DFN Package VIN: 1.14V to 3.5V (Boost Enabled), 1.14V to 5.5V (with External 5V), VDO = 0.1V, IQ = 950A, Stable with 10F Ceramic Capacitors, 10-Lead MSOP and DFN-10 Packages VIN: 1.7V to 5.5V, VOUT : 0.4V to 3.6V, Dropout Voltage: 45mV, IQ = 100A, 3mm x 2mm DFN-8 Bias Generator
LT3085
LTC3025 LTC3025-1/ LTC3025-2 LTC3026
300mA Micropower VLDO Linear Regulator 500mA Micropower VLDO Linear Regulator in 2mm x 2mm DFN 1.5A, Low Input Voltage VLDO Regulator
LTC3035
300mA VLDO Linear Regulator with Charge Pump
VLDO is a trademark of Linear Technology Corporation.
3070p
24 Linear Technology Corporation
(408) 432-1900
LT 0709 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
FAX: (408) 434-0507 www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2009


▲Up To Search▲   

 
Price & Availability of LT3070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X