Part Number Hot Search : 
E6DW48R5 0201F FN3151 6833CLZ TB019 15SMC12 76MHZ SMCJ100
Product Description
Full Text Search
 

To Download LBN09019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
90MHz IF SAW Filter 24MHz Bandwidth
Part Number: LBN09019
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 1.5 dB Bandwidth 3dB Bandwidth 25 dB Bandwidth 40 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f013MHz) Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz dB usec
Minimum
89.875 24 50
Typical
90 30.8 23.94 24.01 24.13 24.7 24.86 0.8 3.74 52 -8.46 25
Maximum
90.125 35 24.8 1 -
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=10nH
INPUT 50 L1 L2 OUTPUT 50
L2=56nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN09019 2007-07-04 1.0 Page 1/4
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
90MHz IF SAW Filter 24MHz Bandwidth
Part Number: LBN09019
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5
SIPAT LBN09019 07XX
4.7 4.5
0.450.05 2.540.2 7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
1) 2) 3) 4)
*: Pad Number 1 Index SIPAT: Manufacturer name LBN09019: Part Number 07XX: Date Code
Input Output Ground
1 5 2,3,4,6
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN09019 2007-07-04 1.0 Page 2/4
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
90MHz IF SAW Filter 24MHz Bandwidth
Part Number: LBN09019
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -20.8215 -30.8215 3dB CF = 89.8916MHz -40.8215 3dB = 24.1261MHz
1dB = 23.9399MHz 1.5dB = 24.0044MHz
-29.8215 -29.3215
Passband Respond
Magnitude(dB)
25dB = 24.6958MHz 40dB = 24.8612MHz Insert Loss = -30.8215dB -50.8215 Passband Ripple = 0.8074dB Ultimate Rejection = 52.8566dB Group Delay = 69.1022ns -60.8215 Phase Linearity = 5.3642deg Absolute Delay = 3742.0861ns
-30.3215
-30.8215
-70.8215 -80.8215 -90.8215
-31.3215
-31.8215
-32.3215
-100.8215
-32.8215
-110.8215 -120.8215
-33.3215 60 70 80 90 100 110 120
60
70
80
90 100 Frequency(MHz)
110
120
Horizontal:10MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f011MHz)
Type Performance 4000
Phase Linearity(f011MHz)
Type Performance 15
10
3900
5
3800 Group Delay Time(ns)
X: 78.99 Y: 3725 X: 90 Y: 3739 X: 101 Y: 3748
X: 78.99 Y: 0.1757
X: 101 Y: 1.537 X: 90 Y: -0.7311
3700
Degree(deg)
85 90 Frequency(MHz) 95 100 105 110
0
-5
3600
-10
3500
-15
3400 70
75
80
-20 70
75
80
85
90 Frequency(MHz)
95
100
105
110
Horizontal: 5MHz/Div
Vertical: 100ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN09019 2007-07-04 1.0 Page 3/4
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
90MHz IF SAW Filter 24MHz Bandwidth
Part Number: LBN09019
www.sipatsaw.com
SIPAT Co., Ltd.
Maximum Ratings
Operating Temperature Range Storage Temperature Range
DC Voltage Input Power ESD Class C C V dBm
[-40C;+85C] [-40C;+105C]
0 10 max 1
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN09019 2007-07-04 1.0 Page 4/4
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN09019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X