Part Number Hot Search : 
D1857L IL2595Q ICX207AL HVU300A FM130 SPM2001A 05D12 HCTS245T
Product Description
Full Text Search
 

To Download LBN09015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
90MHz SAW Filter 23MHz Bandwidth
Part Number: LBN09015
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth 55 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f023.2MHz) Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec
Minimum
89.85 23.1 -
Typical
90 27 23 23.2 23.9 24 24.05 24.1
Maximum
90.15 28 23.3 24 24.4 25.2 33.2 1 4 -
50
24.2 0.8 3.42 52 -8.46 25
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1
INPUT 50 L3
L2
OUTPUT 50 C1
L1=68nH
L2=47nH
L3=120nH C1=33pF Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN09015 2006-5-22 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
90MHz SAW Filter 23MHz Bandwidth
Part Number: LBN09015
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5 4.7 4.5
0.450.05
2.540.2
7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
Input Output Ground
1 5 2346
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN09015 2006-5-22 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
90MHz SAW Filter 23MHz Bandwidth
Part Number: LBN09015
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-22
-26.7757
Passband Respond
-23
-36.7757
-24
-46.7757
-25
-56.7757
-26
-66.7757
-27
-28
-76.7757
-29
-86.7757
-30
-96.7757
-31
-106.7757
50
60
70
80
90
100
110
120
130
75
80
85
90
95
100
105
Group Delay Variation(f011.5Hz)
Phase Linearity(f011.5MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN09015 2006-5-22 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN09015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X