|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 24MHz Bandwidth Part Number: LBN09009 www.sipatsaw.com SIPAT Co., Ltd. Specifications Parameter Center Frequency Insertion Loss 2 dB Bandwidth 35 dB Bandwidth Group Delay Variation(f011MHz) Phase Linearity(f011MHz) Passband Variation Ultimate Rejection Absolute delay Material Temperature coefficient Ambient Temperature Package Size Unit MHz dB MHz MHz nsec degree Minimum 89.875 Typical 90 34 Maximum 90.125 35 24 24.11 24.75 120 10 1 1.5 24.8 dB dB usec KHz/C C 48 52 3.83 -8.46 25 DIP3512 (35.0x12.8x4.7mm3) Notes: 1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance shown Matching Configuration Source/Load Impedance=50 ohm Notes - Component values may change depending on board layout. SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. SP LBN09009 2005-8-1 1.0 Page 1/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 24MHz Bandwidth Part Number: LBN09009 www.sipatsaw.com SIPAT Co., Ltd. Package Dimension 35.000.5 12.800.5 4.7 4.5 0.450.05 2.540.2 7.620.2 3 6 2 1 4 5 25.400.2 2.540.2 Input:1 Output:5 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. SP LBN09009 2005-8-1 1.0 Page 2/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 24MHz Bandwidth Part Number: LBN09009 www.sipatsaw.com SIPAT Co., Ltd. Typical Performance Frequency Response Type performance Passband Response -30 -44.1586 -31 -54.1586 -32 -64.1586 Magnitude(dB) -33 -34 -74.1586 -35 -84.1586 -36 -37 -94.1586 -38 -104.1586 -39 58 66 74 82 90 98 Frequency(MHz) 106 114 122 7.5 8 8.5 9 f scale=3MHz 9.5 10 10.5 x 10 7 Phase Linearity(f09.6MHz) Group delay Variation(f09.6MHz) Simth Chart S11 Simth Chart S22 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. SP LBN09009 2005-8-1 1.0 Page 3/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com |
Price & Availability of LBN09009 |