Part Number Hot Search : 
067492 SM6800AB ET9570LH 15111 SC156 L5871 MB103 CR02A
Product Description
Full Text Search
 

To Download LB357DS01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
357.5MHz SAW Filter 35MHz Bandwidth
Part Number: LB357DS01
www.sipatsaw.com
3
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth Passband Variation Ultimate Rejection(f035MHz) Group Delay Variation Subatrate Material Ambient Temperature Package Size C
Unit
MHz dB MHz MHz dB
Minimum
Typical
357.5 13.4
Maximum
15
35
38.8 40.28 0.6 1
dB nsec
35
38 60 YZ 25
SMD0705A (7x5x1.6mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1
L2
C1
C2
L1=27nH C1=10pF
L2=18nH C2=12pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LB357DS01 2005-6-27 4.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
357.5MHz SAW Filter 35MHz Bandwidth
Part Number: LB357DS01
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
8 9
7
6 5
10 1 2 3
4
1 10
2
3 4
9
5
Input:9 Output:4
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LB357DS01 2005-6-27 4.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
357.5MHz SAW Filter 35MHz Bandwidth
Part Number: LB357DS01
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-12.2411
Passband Respond
-8
-22.2411
-9
-10
-32.2411
-11
-12
-42.2411
-13
-52.2411
-14
-15
-62.2411
-16
-17
297.5 312.5 327.5 342.5 357.5 372.5 387.5 402.5 417.5
3.1
3.2
3.3
3.4
3.5 3.6 f scale=10MHz
3.7
3.8
3.9
4 x 10
8
Wideband Respond
Group delay variation(f017MHz)
-22.7772
-32.7772
-42.7772
-52.7772
-62.7772
-72.7772
-82.7772
-92.7772
200.9
400.8
600.7
800.6
1000.5
1200.4
1400.3
1600.2
1800.1
VSWR S11
VSWR
S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LB357DS01 2005-6-27 4.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LB357DS01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X