Part Number Hot Search : 
56F80 L3015 PT460F SF103 7B991 CM6807CR LT1P53A 2SC4002
Product Description
Full Text Search
 

To Download LB11867RV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1534
Monolithic Digital IC
LB11867RV
Overview
For Fan Motor
Variable Speed Single-phase Full-wave Pre-driver
LB11867RV is a single-phase bipolar driving motor pre-driver with the variable speed function compatible with external PWM signal. With a few external parts, a highly-efficient and highly-silent variable drive fan motor with low power consumption can be achieved. This product is best suited for driving of the server requiring large air flow and large current and the fan motor of consumer appliances.
Features
* Single-phase full-wave driving pre-driver Low-saturation drive using external PMOS-NMOS enables high-efficiency low power-consumption drive. * Variable speed control possible with external PWM input Separately-excited upper direct PWM (f =30kHz) control method ensures highly silent speed control. * Current limiting circuit incorporated Chopper type current limiting made at startup and during lock. * Reactive current cut circuit incorporated Reactive current before phase changeover is cut, ensuring highly silent and low power-consumption drive. * Minimum speed setting pin Minimum speed can be set by setting the resistance. * Soft start setting pin * Lock protection and automatic reset circuits incorporated * RD (lock detection) output * Thermal shutdown circuit incorporated
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
72909 SY 20080204-S00002 No.A1534-1/9
LB11867RV
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter VCC pin maximum supply voltage OUTN pin maximum output current OUTP pin maximum Sink current OUT pin output withstand voltage VTH, RMI pins withstand voltage S-S pin withstand voltage RD output pin withstand voltage RD pin maximum output current 5VREG pin maximum output current Allowable power dissipation Operating temperature Storage temperature *2 Tj max=150C must not be exceeded. Pd max Topr Tstg with specified substrate *1 *2 800 -30 to 90 -55 to 150 mW C C IOUTP max VOUT max VVTH, VRMI max VS-S max VRD max IRD max I5VREG max 20 18 7 7 19 10 20 mA V V V V mA mA Symbol VCC max IOUTN max Conditions Ratings 18 20 Unit V mA
*1 Specified substrate: 114.3mmx76.1mmx1.6mm, glass epoxy board.
Recommended Operating Conditions at Ta = 25C
Parameter VCC Supply voltage VTH, RMI input voltage range Hall input common-phase input voltage range Symbol VCC VTH, RMI VICM Conditions Ratings 5.5 to 16 0 to 5 0.2 to 3 Unit V V V
Electrical Characteristics at Ta = 25C, VCC = 12V
Parameter Circuit current Symbol ICC1 ICC2 5VREG voltage Current limiting voltage CPWM pin "H" level voltage CPWM pin "L" level voltage CPWM pin charge current CPWM pin discharge current CPWM Oscillation frequency CT pin "H" level voltage CT pin "L" level voltage CT pin charge current CT pin discharge current CT pin charge/discharge ratio S-S pin discharge current OUTN output H-level voltage OUTN output L-level voltage OUTP output L-level voltage Hall input sensitivity RD output L-level voltage RD pin leakage current VTH/RMI pin bias current 5VREG VLIM VCPWMH VCPWML ICPWM1 ICPWM2 FPWM VCTH VCTL ICT1 ICT2 RCT IS-S VONH VONL VOPL VHN VRDL IRDL IVTH/IRMI VCT = 0.5V VCT = 3.5V ICT1/ICT2 VS-S = 1V IO = 10mA IO = 10mA IO = 10mA IN+, IN- differential voltage (including offset and hysteresis) IRD = 5mA VRD = 19V CPWM = VTH/RMI = 2V 0.15 0.30 20 0.1 V A A VCPWM = 0.5V VCPWM = 3.5V C = 220PF 2.8 0.9 1.6 0.16 8 0.4 During drive During lock protection I5VREG = 5mA Conditions Ratings min 5.5 5.5 4.80 185 2.8 0.9 24 21 typ 7.5 7.5 4.95 200 3.0 1.1 30 27 30 3.0 1.1 2.0 0.20 10 0.5 VCC-0.85 0.9 0.5 10 3.2 1.3 2.5 0.25 12 0.6 VCC-1.00 1.00 0.65 20 max 9.5 9.5 5.10 215 3.2 1.3 36 33 Unit mA mA V mV V V A A kHz V V A A times A V V V mV
No.A1534-2/9
LB11867RV
Package Dimensions
unit : mm (typ) 3178B
Allowable power dissipation, Pd max -- mW
5.2 16 9
1000
Pd max -- Ta
Mounted on a specified board: 114.3x76.1x1.6mm3, glass epoxy
800
4.4
6.4
600
0.5
400
384
1 0.65 (0.33)
8 0.15 0.22
1.5max
200
0 -30
0
30
60
90
120
(1.3)
Ambient temperature, Ta -- C
SANYO : SSOP16(225mil)
Pin Assignment
OUT2P 1 OUT2N 2 VCC 3 SENSE 4 RMI 5 VTH 6 CPWM 7 RD 8 Top View 16 OUT1P 15 OUT1N 14 SGND 13 5VREG 12 S-S 11 CT 10 IN+ 9 IN-
0.1
No.A1534-3/9
LB11867RV
Block Diagram
CT 0.47 to 1 F
Discharge circuit
Thermal shat down
RD
Discharge pulse VCC 5VREG 5VREG
OUT1N OUT1P
Controller HALL IN+ INOUT2N OUT2P
Osillaton S-S RMI VTH CPWM SENSE SGND
Truth table
(1) Drive lock CPWM=H VTH, RMI, S-S=L
INH L H L IN+ L H L H CT L OUT1P L OFF OFF OFF OUT1N L H L H OUT2P OFF L OFF OFF OUT2N H L H L RD L L OFF OFF Mode OUT1 2 drive OUT2 1 drive Lock protection
H
(2) Speed control CT, S-S=L
VTH, RMI L CPWM H INH L H L IN+ L H L H OUT1P L OFF OFF OFF OUT1N L H L H OUT2P OFF L OFF OFF OUT2N H L H L Mode OUT1 2 drive OUT2 1 drive Regeneration mode
H
L
For VTH, RMI, and S-S pins, refer to the timing chart.
No.A1534-4/9
LB11867RV
Application Circuit Example (12V)
*3
1 2 RF
3 4
*2 VCC 5VREG RD SENSE H *4 ININ+ *11 *6 S-S RMI SGND *7 PWM-IN VTH CPWM CP=220pF 30kHz *5 *10 CT *1 *9 *8 1 2 3 4
*1. Power-GND wiring SGND is connected to the control circuit power supply system. *2. Power stabilization capacitor For the power stabilization capacitor on the signal side, use the capacitance of 1F or more. Connect VCC and GND with a thick and shortest pattern. *3. Power stabilization capacitor on the power side For the power stabilization capacitor on the power side, use the capacitance of 1F or more. Connect the power supply on the power side and GND with a thick and shortest pattern. *4. IN+, IN- pins Hall signal input pin. Wiring should be short to prevent carrying of noise. If noise is carried, insert the capacitor between IN+ and IN- pins. The Hall input circuit functions as a comparator with hysteresis (15mV). This also has a soft switch section with 30mV (input signal differential voltage). It is also recommended that the Hall input level is minimum 100mV(p-p). *5. CPWM pin Pin to connect the capacitor for generation of the PWM basic frequency The use of CP = 220pF causes oscillation at f = 30kHz, which is the basic frequency of PWM. As this is used also for the current limiting canceling signal, be sure to connect the capacitor even when the speed control is not made.
No.A1534-5/9
LB11867RV
*6. RMI pin Minimum speed setting pin. Perform pull-up with 5VREG when this pin is not to be used. If the IC power supply is likely to be turned OFF first when the pin is used with external power supply, be sure to insert the current limiting resistor to prevent inflow of large current. (The same applies to the VTH pin.) *7. VTH pin Speed control pin. Connect this pin to GND when it is not used (at full speed). For the control method, refer to the timing chart. For control with pulse input, insert the current limiting resistor and use the pin with the frequency of 20k to 100kHz (20kHz to 50kHz recommended). *8. SENSE pin Current limiting detection pin. When the pin voltage exceeds 0.2V, the current is limited and the operation enters the lower regeneration mode. Connect this pin to GND when it is not to be used. *9. RD pin Lock detection pin In open collector output, L upon rotation and H when locked (using pull-up resistance). Keep this pin open when it is not to be used. *10. CT pin Pin to connect the lock detection capacitor. The constant-current charge and discharge circuits incorporated cause locking when the pin voltage becomes 3.0V and unlocking when it is 1.1V. Connect the pin to GND when it is not to be used (locking not necessary). *11. S-S pin Pin to connect the soft-start setting capacitor. Connect the capacitor between 5VREG and S-S pin. This pin enables setting of the soft start time according to the capacity of the capacitor. See the timing char. Connect the pin to GND when it is not to be used.
No.A1534-6/9
LB11867RV
Control timing chart (Speed control)
VTH voltage RMI voltage
f=30kHz (CP=220pF) 3.0V
CPWM
1.1V
0V
Minimum speed setting rotation (stop mode) 100%
Low speed High speed PWM control speed variable
Full speed
ONDUTY
0%
(1) Minimum speed setting (stop) mode The low-speed fan rotation occurs at the minimum speed set with the RMI pin. When the minimum speed is not set (RMI pin pulled up to 5VREG), the motor stops. (2) Low speedhigh speed PMW control is made by comparing the CPWM oscillation voltage (1.1V3.0V) and VTH voltage. Both upper and lower output TRs are turned ON when the VTH voltage is low. The upper output TR is turned OFF when the VTH voltage is high, regenerating the coil current in the lower TR. Therefore, as the VTH voltage decreases, the output ON-DUTY increases, causing increase in the coil current, raising the motor rotation speed. (3) Full speed mode The full speed mode becomes effective when the VTH voltage is 1.1V or less. (Set VTH = GND when the speed control is not to be made.)
No.A1534-7/9
LB11867RV
Control timing chart (Soft start)
(1)At VTH < RMI voltage
S-S voltage 3.0V RMI voltage
CPWM
VTH voltage 1.1V
0V Lock protection Soft start section VTH set speed
100%
ONDUTY
0%
T
(2) At VTH > RMI voltage
VTH voltage RMI voltage S-S voltage 3.0V
CPWM
1.1V
0V Lock protection Soft start section RMI set speed
100%
ONDUTY
0%
T
Adjust the S-S pin voltage gradient by means of the capacitance of the capacitor between the S-S pin and 5VREG.. Recommended capacitor: 0.1 to 1F
No.A1534-8/9
LB11867RV
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of July, 2009 Specifications and information herein are subject to change without notice. PS No.A1534-9/9


▲Up To Search▲   

 
Price & Availability of LB11867RV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X