Part Number Hot Search : 
SRIX4K KT03RH FF0300UD 400SJ AO4607 33990 SRIX4K 1S1834
Product Description
Full Text Search
 

To Download KW1-1001A26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KW1-1001XY SERIES
Multi-Color LED Numeric Display Single Digit (1.00")
DESCRIPTION:
The KW1-1001XY series is large multi-color single digit display in 1.00 inch (25.40mm) height designed for accurate readable displays need to be viewed over a distance. This series is suitable for use in instruments, digital readout displays. All devices are available as either common anode or common cathode.
PACKAGE DIMENSIONS
15.0(0.591) 8
o
+
ABSOLUTE MAXIMUM RATINGS: (Ta=25 C)
Parameter Max Reverse Voltage per segment 5V Reverse Current per segment (Vr = 5V) 100A Derating Linear from 25oC per segment 0.4mA/ oC Operating Temperature Range -40oC To 85oC Storage Temperature Range -40oC To 100oC Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260oC
NOTES : 1. All dimensions are in millimeters (inches). 2. Tolerance is +0.25mm(0.010) unless otherwise specified. 3. Specifications are subject to change without notice. 4. NP: No Pin. 5. NC: No Connect.
o
PIN 1.
33.0(1.299)
22.50(0.015) 8.50(0.335) F
A B
G C D
0.50(0.020) 2.54*7=17.78
5.80(0.228) min.
E
INTERNAL CIRCUIT DIAGRAM
8,11
A B C D E F G 12 13 9 10 6 7 4 5 2 3 14 15 16 1 8,11
TESTING CONDITION FOR EACH PARAMETER :
Parameter Forward Voltage Peak Emission Wave Length Spectral Line Half-Width Reverse Current Average Luminous Intensity Symbol Vf Ir Iv Unit V nm nm A cd Test Condition If=20mA If=20mA If=20mA Vr=5V If=10mA
A B C D E F G 12 13 9 10 6 7 4 5 2 3 14 15 16 1
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25 C AMBIENT)
Chip Part No. Raw Material GaAsP/GaP GaP KW1-1001ASG GaAlAs GaP KW1-1001A26 GaAsP/GaP GaP KW1-1001C32 GaAsP/GaP GaP KW1-1001CSG GaAlAs GaP KW1-1001C26 GaAsP/GaP GaP Emitted Color Hi-Eff Red Green Super Red Super Green Yellow Green Hi-Eff Red Green Super Red Super Green Yellow Green Common Cathode Common Anode C.C or C.A Wave Length (nm) 635 565 660 570 585 565 635 565 660 570 585 565 Absolute Maximum Ratings Pd If Electro-optical Data(at 10mA)
o
If If Vf (V) Iv (cd) (Peak) Per Segment (Rec) Per Segment (nm) (mW) (mA) (mA) Min. Typ. Max. mA Min. Typ. 45 30 20 30 30 30 45 30 20 30 30 30 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50 50 50 50 50 100 100 100 100 100 100 100 100 100 100 100 100 3.4 3.4 3.0 3.4 3.4 3.4 3.4 3.4 3.0 3.4 3.4 3.4 3.8 4.4 3.8 4.4 3.8 4.4 3.8 4.4 3.8 4.4 3.8 4.4 5.2 10-20 1600 4200 5.2 10-20 1200 4000 5.2 10-20 10000 40000 5.2 10-20 1350 4500 5.2 10-20 1200 3200 5.2 10-20 1200 4000 5.2 10-20 1600 4200 5.2 10-20 1200 4000 5.2 10-20 10000 40000 5.2 10-20 1350 4500 5.2 10-20 1200 3200 5.2 10-20 1200 4000
KW1-1001A32
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments. 2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve. 3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
GREEN
RED
GREEN
RED
29.0(1.142)
25.4(1.0)


▲Up To Search▲   

 
Price & Availability of KW1-1001A26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X