Part Number Hot Search : 
C229PDR L692807 30302 HER1601G B655M C229PDR A12JVAA NME1205
Product Description
Full Text Search
 

To Download KBPC1005PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SINGLE-PHASE PASSIVATED
SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 3.0 Amperes
FEATURES
* * * * Surge overload rating 50 amperes peak Low forward voltage drop Small size : simple installation Silver-plated copper leads
KBPC1005PT
THRU
KBPC110PT
KBPC-1
.213(5.4) .193(4.9)
MECHANICAL DATA
Case: JEDEC KBPC-1 molded plastic Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting position: Any Mounting: Hole thru for # 6 screw Weight: 3.36 grams
.035(0.9) DIA. .028(0.7) TYP. .620(15.7) .580(14.7) .445(11.3) .405(10.3)
AC
HOLE FOR NO.6 SCREW
.445(11.3) .620(15.7) .405(10.3) .580(14.7)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
AC
Dimensions in inches and (millimeters)
KBPC-1
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 50 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) IFSM 50 Amps
o
SYMBOL VRRM VRMS VDC IO
KBPC101PT
KBPC1005PT
KBPC102PT
KBPC104PT
KBPC106PT
KBPC108PT
KBPC110PT
50 35 50
100 70 100
200 140 200
400 280 400 3.0
600 420 600
800 560 800
1000 700 1000
Operating Temperature Range Storage Temperature Range
TJ TSTG
-55 to +125 -55 to +150
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.5 A DC Maximum Reverse Current at rated DC blocking Voltage per element @ TA = 25oC IR @ TA = 100oC 0.1 mAmps 2001-6 SYMBOL VF
KBPC101PT KBPC1005PT KBPC102PT KBPC104PT KBPC106PT KBPC108PT KBPC110PT
UNITS Volts uAmps
1.0 10
RATING CHARACTERISTIC CURVES ( KBPC1005PT THRU KBPC110PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 CASE TEMPERATURE, ( oC )
Single Half Wave 60HZ Resistive or Inductive Load
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 70 60 50 40 30 20 10 0
8.3 ms Single Half Sine-Wave (JEDEC Method)
0
2
4
6 8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 20 INSTANTANEOUS FORWARD CURRENT, (A) 10 INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4
TJ = 100oC
1.0
TJ = 25oC
1.0
0.4
0.1
0.1
.04
TJ = 25oC
PULSE WIDTH=300uS 1% DUTY CYCLE
.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of KBPC1005PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X