Part Number Hot Search : 
MPC2003 1N4148WS 2SK2679 X9401 5KE350CA AOZ101 HC373 HZ4C2
Product Description
Full Text Search
 

To Download KBP208PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 2.0 Amperes
FEATURES
* Ideal for printed circuit board * Surge overload rating - 60 Amperes peak * Plastic material used carries Underwriters Laboratory Recongnition * Exceeds environmental standards of MIL-STD-19500
KBP200PT THRU KBP2010PT
KBP
.600 (15.24) .563 (14.32)
AC
.460 (11.68) .420 (10.67)
MECHANICAL DATA
Case: JEDEC KBP molded plastic Mounting position: Any Polarity: Polarity symbols marked on body
.034 (0.86) .030 (0.76) .500Min. (12.7)
.047 (1.20) .035 (0.90)
.161 (4.1) .142 (3.6) .144 (3.65) .132 (3.35)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
KBP
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) IFSM 60 Amps
o
SYMBOL VRRM VRMS VDC IO
KBP200PT KBP201PT KBP202PT KBP204PT KBP206PT KBP208PT KBP2010PT
50 35 50
100 70 100
200 140 200
400 280 400 2.0
600 420 600
800 560 800
1000 700 1000
Operating Temperature Range Storage Temperature Range
TJ TSTG
-55 to +150 -55 to +150
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0 A DC Maximum Reverse Current at rated DC blocking Voltage per element @ TA = 25oC IR @ TA = 100oC 0.2 mAmps 2006-6 SYMBOL VF
KBP200PT KBP201PT KBP202PT KBP204PT KBP206PT KBP208PT KBP2010PT
UNITS Volts uAmps
1.0 10
RATING CHARACTERISTIC CURVES ( KBP200PT THRU KBP2010PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, (A) AVERAGE FORWARD CURRENT, (A) 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 AMBIENT TEMPERATURE, ( oC )
Single Half Wave 60HZ Resistive or Inductive Load
75 60
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3 ms Single Half Sine-Wave (JEDEC Method)
45 30 15
0
0
2
4
6 8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 10 INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4
TJ = 100oC
1.0
1.0
0.4
TJ = 25oC
0.1
0.1
.04
TJ = 25oC
PULSE WIDTH=300uS 1% DUTY CYCLE
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of KBP208PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X