Part Number Hot Search : 
MDSF1 40014 M2560 MBRB2 7139A T2001 18F6622 185N55
Product Description
Full Text Search
 

To Download KBL06PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 4.0 Amperes
FEATURES
* Ideal for printed circuit board * Surge overload rating - 200 Amperes peak * Plastic material used carries Underwriters Laboratory Recognition * Exceeds environmental standards of MIL-STD-19500
KBL005PT THRU KBL10PT
KBL-4
.768(19.5) .728(18.5) .640(16.3) .600(15.2) .580(14.7) .540(13.7)
AC
MECHANICAL DATA
Case: JEDEC KBL-4 molded plastic Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting position: Any Polarity: Polarity symbols marked on body Weight: 4.8 grams
.052(1.3) DIA. .048(1.2) TYP. .750 (19.0) MIN.
.083 (2.1)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
.220(5.6) .180(4.6) .256(6.5) .236(6.0)
Dimensions in inches and (millimeters)
KBL-4
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) IFSM 200 Amps
o
SYMBOL VRRM VRMS VDC IO
KBL005PT
K B L 0 1PT K B L 0 2PT K B L 0 4PT K B L 0 6PT K B L 0 8PT K B L 1 0PT
50 35 50
100 70 100
200 140 200
400 280 400 4.0
600 420 600
800 560 800
1000 700 1000
Operating Temperature Range Storage Temperature Range
TJ TSTG
-55 to +125 -55 to +150
o
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 4.0 A DC Maximum Reverse Current at rated DC blocking Voltage per element @ TA = 25oC IR @ TA = 100oC 0.2 mAmps 2001-6 SYMBOL VF
KBL005PT K B L 0 1PT K B L 0 2PT K B L 0 4PT K B L 0 6PT K B L 0 8PT K B L 1 0PT
UNITS Volts uAmps
1.0 10
RATING CHARACTERISTIC CURVES ( KBL005PT THRU KBL10PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, (A) AVERAGE FORWARD CURRENT, (A) 5.0 4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 120 140 160 AMBIENT TEMPERATURE, ( oC )
Single Half Wave 60HZ Resistive or Inductive Load
250 200
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3 ms Single Half Sine-Wave (JEDEC Method)
150 100 50
0
0
2
4
6 8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 100 INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4
TJ = 100oC
10
1.0
0.4
TJ = 25oC
1.0
0.1
.04
TJ = 25oC
PULSE WIDTH=300uS 1% DUTY CYCLE
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of KBL06PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X