Part Number Hot Search : 
P40NE 001544 MAX6909 IRF247 SR1030 CR22M 00TTS V103MD
Product Description
Full Text Search
 

To Download ISL6611A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6611A
Data Sheet March 19, 2009 FN6881.0
Phase Doubler with Integrated Drivers and Phase Shedding Function
The ISL6611A utilizes Intersil's proprietary Phase Doubler scheme to modulate two-phase power trains with single PWM input. It doubles the number of phases that Intersil's ISL63xx multiphase controllers can support. At the same time, the PWM line can be pulled high to disable the corresponding phase or higher phase(s) when the enable pin (EN_PH) is pulled low. This simplifies the phase shedding implementation. For layout simplicity and improving system performance, the device integrates two 5V drivers (ISL6609) and current balance function. The ISL6611A is designed to minimize the number of analog signals interfacing between the controller and drivers in high phase count and scalable applications. The common COMP signal, which is usually seen with conventional cascaded configuration, is not required; this improves noise immunity and simplifies the layout. Furthermore, the ISL6611A provides low part count and a low cost advantage over the conventional cascaded technique. The IC is biased by a single low voltage supply (5V), minimizing driver switching losses in high MOSFET gate capacitance and high switching frequency applications. Bootstrapping of the upper gate driver is implemented via an internal low forward drop diode, reducing implementation cost, complexity, and allowing the use of higher performance, cost effective N-Channel MOSFETs. Adaptive shoot-through protection is integrated to prevent both MOSFETs from conducting simultaneously. The ISL6611A features 4A typical sink current for the lower gate driver, enhancing the lower MOSFET gate hold-down capability during PHASE node rising edge, preventing power loss caused by the self turn-on of the lower MOSFET due to the high dV/dt of the switching node. The ISL6611A also features an input that recognizes a high-impedance state, working together with Intersil multiphase PWM controllers to prevent negative transients on the controlled output voltage when operation is suspended. This feature eliminates the need for the Schottky diode that may be utilized in a power system to protect the load from negative output voltage damage. In addition, the ISL6611A's bootstrap function is designed to prevent the BOOT capacitor from overcharging, should excessively large negative swings occur at the transitions of the PHASE node.
Features
* Proprietary Phase Doubler Scheme with Phase Shedding Function (Patent Pending) - Enhanced Light to Full Load Efficiency * Patented Current Balancing with rDS(ON) Current Sensing and Adjustable Gain * Quad MOSFET Drives for Two Synchronous Rectified Bridge with Single PWM Input * Channel Synchronization and Interleaving Options * Adaptive Zero Shoot-Through Protection * 0.4 On-Resistance and 4A Sink Current Capability * 36V Internal Bootstrap Schottky Diode * Bootstrap Capacitor Overcharging Prevention (ISL6611A) * Supports High Switching Frequency (Up to 1MHz) - Fast Output Rise and Fall * Tri-State PWM Input for Output Stage Shutdown * Phase Enable Input and PWM Forced High Output to Interface with Intersil's Controller for Phase Shedding * QFN Package - Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat No Leads-Product Outline - Near Chip-Scale Package Footprint; Improves PCB Utilization, Thinner Profile - Pb-Free (RoHS Compliant)
Applications
* High Current Low Voltage DC/DC Converters * High Frequency and High Efficiency VRM and VRD * High Phase Count and Phase Shedding Applications
Related Literature
* Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)"
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2009. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6611A Ordering Information
PART NUMBER (Note) ISL6611ACRZ* ISL6611AIRZ* PART MARKING 66 11ACRZ 66 11AIRZ TEMP. RANGE (C) 0 to +70 -40 to +85 PACKAGE (Pb-Free) 16 Ld 4x4 QFN 16 Ld 4x4 QFN PKG. DWG. # L16.4x4 L16.4x4
*Add "-T" suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
ISL6611A (16 LD QFN) TOP VIEW
PHASEA 13 12 UGATEA 17 GND 11 BOOTA 10 BOOTB 9 5 PGND 6 LGATEB 7 EN_PH 8 PHASEB UGATEB PWM1 15 SYNC VCC 14
16 GND 1 LGATEA 2 PVCC 3 IGAIN 4
2
FN6881.0 March 19, 2009
ISL6611A Block Diagram
VCC PVCC RBOOT BOOTA UGATEA
4.9k
SHOOTTHROUGH PROTECTION
PHASEA
CHANNEL A
PVCC
PWM 4.6k LGATEA
PGND CONTROL LOGIC EN_PH SYNC RBOOT PVCC
PGND BOOTB UGATEB
IGAIN
CURRENT BALANCE BLOCK PHASEA PHASEB
SHOOTTHROUGH PROTECTION
PHASEB
CHANNEL B
PVCC
LGATEB PGND GND PAD MUST BE SOLDERED TO THE CIRCUIT'S GROUND
INTEGRATED 3 RESISTOR (RBOOT) IN ISL6611A
3
FN6881.0 March 19, 2009
ISL6611A Functional Pin Descriptions
PACKAGE PIN # 1 2 3 4 5 6 7 8 9 10 PIN SYMBOL GND LGATEA PVCC IGAIN PGND LGATEB EN_PH FUNCTION Bias and reference ground. All signals are referenced to this node. It is also the return of the sample and hold of the rDS(ON) current sensing circuits. Place a high quality low ESR ceramic capacitor from this pin to VCC. Lower gate drive output of Channel A. Connect to gate of the low-side power N-Channel MOSFET. This pin supplies power to both the lower and higher gate drives. Place a high quality low ESR ceramic capacitor from this pin to PGND. A resistor from this pin to GND sets the current balance gain. See "Current Balance and Maximum Frequency" on page 11 for more details. Power ground return of both low gate drivers. It is also the return of the phase node clamp circuits. Lower gate drive output of Channel B. Connect to gate of the low-side power N-Channel MOSFET. Driver Enable Input. A signal high input enables the driver at the PWM rising edge, a signal low input pulls PWM pin to VCC at the PWM falling edge and then enters tri-state.
PHASEB Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET in Channel B. This pin provides a return path for the upper gate drive. UGATEB Upper gate drive output of Channel B. Connect to gate of high-side power N-Channel MOSFET. BOOTB Floating bootstrap supply pin for the upper gate drive of Channel B. Connect the bootstrap capacitor between this pin and the PHASEB pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See"Bootstrap Considerations" on page 9 for guidance in choosing the capacitor value. Floating bootstrap supply pin for the upper gate drive of Channel A. Connect the bootstrap capacitor between this pin and the PHASEA pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See "Bootstrap Considerations" on page 9 for guidance in choosing the capacitor value.
11
BOOTA
12 13 14 15
UGATEA Upper gate drive output of Channel A. Connect to gate of high-side power N-Channel MOSFET. PHASEA Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET in Channel A. This pin provides a return path for the upper gate drive. VCC PWM Connect this pin to a +5V bias supply. It supplies power to internal analog circuits. Place a high quality low ESR ceramic capacitor from this pin to GND. The PWM input signal triggers the J-K flip flop and alternates its input to channel A and B. Both channels are effectively modulated. The PWM signal can enter three distinct states during operation, see "Tri-State PWM Input" on page 9 for further details. Connect this pin to the PWM output of the controller. The pin is pulled to VCC when EN_PH is low and the PWM input starts transitioning low. A signal high synchronizes both channels with no phase shifted. A signal low interleaves both channels with 180 out-of-phase. Connect this pad to the power ground plane (GND) via thermally enhanced connection.
16 17
SYNC PAD
4
FN6881.0 March 19, 2009
ISL6611A Typical Application I (2-Phase Controller for 4-Phase Operation)
+5V +5V SYNC VCC AND PVCC EN_PH +5V FB COMP SYNC BOOTA UGATEA PHASEA LGATEA VSEN VCC VR_RDY EN MAIN CONTROL IGAIN GND AND PGND PWM1 +12V
ISL6611A
PWM BOOTB UGATEB PHASEB LGATEB +12V
+VCORE
ISL63xx
VID ISEN1ISEN1+
+5V FS EN_PH VCC AND PVCC EN_PH SYNC BOOTA UGATEA PHASEA LGATEA +12V
ISL6611A
PWM2 PWM BOOTB UGATEB PHASEB LGATEB IGAIN GND AND PGND +12V
ISEN2ISEN2+ GND
5
FN6881.0 March 19, 2009
ISL6611A Typical Application II (4-Phase Controller to 8-Phase Operation)
+VCORE
+5V SYNC +5V +12V VCC & PVCC BOOTA EN_PH UGATEA SYNC PHASEA LGATEA PWM ISL6611A BOOTB UGATEB PHASEB LGATEB +12V
+5V
FB
COMP PWM1
VSEN VCC VR_RDY EN ISEN1ISEN1+
IGAIN GND & PGND
+5V
MAIN CONTROL
EN_PH2 +12V VCC & PVCC BOOTA EN_PH UGATEA SYNC PHASEA LGATEA
ISL63xx
VID PWM2
PWM ISL6611A
BOOTB UGATEB PHASEB LGATEB
+12V
IGAIN
FS ISEN2ISEN2+
GND & PGND
+5V EN_PH3 +12V VCC & PVCC BOOTA EN_PH UGATEA SYNC PHASEA LGATEA
PWM3
PWM ISL6611A
BOOTB UGATEB PHASEB LGATEB
+12V
IGAIN GND & PGND
ISEN3ISEN3+
+5V EN_PH4 +12V VCC & PVCC BOOTA EN_PH UGATEA SYNC PHASEA LGATEA
PWM4
PWM ISL6611A
BOOTB UGATEB PHASEB LGATEB
+12V
IGAIN GND & PGND
ISEN4GND ISEN4+
6
FN6881.0 March 19, 2009
ISL6611A
Absolute Maximum Ratings
Supply Voltage (PVCC, VCC) . . . . . . . . . . . . . . . . . . . -0.3V to 6.7V Input Voltage (VEN_PH, VPWM, VSYNC) . . . . . -0.3V to VCC + 0.3V BOOT Voltage (VBOOT-GND). . . -0.3V to 27V (DC) or 36V (<200ns) BOOT To PHASE Voltage (VBOOT-PHASE) . . . . . . -0.3V to 7V (DC) -0.3V to 9V (<10ns) PHASE Voltage . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 27V (DC) GND -8V (<20ns Pulse Width, 10J) to 30V (<100ns) UGATE Voltage . . . . . . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT VPHASE - 5V (<20ns Pulse Width, 10J) to VBOOT LGATE Voltage . . . . . . . . . . . . . . . GND - 0.3V (DC) to VCC + 0.3V GND - 2.5V (<20ns Pulse Width, 5J) to VCC + 0.3V
Thermal Information
Thermal Resistance (Typical) JA(C/W) JC(C/W) QFN Package (Notes 1, 2) . . . . . . . . 44 7 Ambient Temperature Range. . . . . . . . . . . . . . . . . .-40C to +125C Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . . .-65C to +150C Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature ISL6611ACRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C ISL6611AIRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40C to +85C Maximum Operating Junction Temperature. . . . . . . . . . . . . +125C Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V 10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty
NOTES: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 2. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
These specifications apply for recommended ambient temperature, unless otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested. SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER SUPPLY CURRENT (Note 3) Bias Supply Current
IVCC+PVCC
PWM pin floating, VVCC = VPVCC = 5V, EN_PH = 5V PWM pin floating, VVCC = VPVCC = 5V, EN_PH = 0V FPWM = 600kHz, VVCC = VPVCC = 5V, EN_PH = 5V; SYNC = 0V FPWM = 300kHz, VVCC = VPVCC = 5V, EN_PH = 5V; SYNC = 5V
-
1.25 1.20 2.20 2.50
-
mA mA mA mA
BOOTSTRAP DIODE Forward Voltage VF Forward bias current = 2mA TA = 0C to +70C Forward bias current = 2mA TA = -40C to +85C POWER-ON RESET POR Rising POR Falling Hysteresis EN_PH INPUT EN_PH Minimum LOW Threshold EN_PH Maximum HIGH Threshold SYNC INPUT SYNC Minimum LOW Threshold SYNC Maximum HIGH Threshold 2.0 0.8 V V 2.0 0.8 V V 2.5 3.4 3.0 400 4.2 V V mV 0.30 0.30 0.60 0.60 0.70 0.75 V V
7
FN6881.0 March 19, 2009
ISL6611A
Electrical Specifications
These specifications apply for recommended ambient temperature, unless otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested. (Continued) SYMBOL TEST CONDITIONS MIN SYNC = 5V, PWM = 300kHz, 10% Width SYNC = 0V, PWM = 300kHz, 10% Width TYP 50 180 0 MAX 40 UNITS ns ns
PARAMETER Minimum SYNC Pulse Synchronization Delay Interleaving Mode Phase Shift Synchronization Mode Phase Shift PWM INPUT Sinking Impedance Source Impedance Tri-State Rising Threshold Tri-State Falling Threshold PWM Pulled High Threshold
RPWM_SNK RPWM_SRC VVCC = VPVCC = 5V (250mV Hysteresis) VVCC = VPVCC = 5V (300mV Hysteresis) EN_PH = LOW, Ramping PWM low
1.00 3.10 -
8.5 10 1.20 3.40 3.4
1.40 3.70 -
k k V V V
SWITCHING TIME (Note 3, See Figure 1 on Page 9) UGATE Rise Time LGATE Rise Time UGATE Fall Time LGATE Fall Time UGATE Turn-Off Propagation Delay LGATE Turn-Off Propagation Delay UGATE Turn-On Propagation Delay LGATE Turn-On Propagation Delay Tri-state to UG/LG Rising Propagation Delay Tri-State Shutdown Holdoff Time OUTPUT (Note 3) Upper Drive Source Resistance Upper Drive Sink Resistance Lower Drive Source Resistance Lower Drive Sink Resistance NOTE: 3. Limits established by characterization and are not production tested. RUG_SRC RUG_SNK RLG_SRC RLG_SNK 50mA Source Current 50mA Sink Current 50mA Source Current 50mA Sink Current 1.0 1.0 1.0 0.4 tRU tRL tFU tFL tPDLU tPDLL tPDHU tPDHL tPTS tTSSHD 3nF Load 3nF Load 3nF Load 3nF Load Unloaded, Excluding Balance Extension Unloaded, Excluding Balance Extension Outputs Unloaded Outputs Unloaded Outputs Unloaded Excluding Propagation Delay (tPDLU, tPDLL) 8.0 8.0 8.0 4.0 40 40 25 20 25 25 ns ns ns ns ns ns ns ns ns ns
8
FN6881.0 March 19, 2009
ISL6611A Timing Diagram
2.5V PWM tPDHU tPDLU tRU tPTS 1V UGATE tRU tTSSHD tFU
LGATE 1V tRL tTSSHD tPDLL tPDHL tFL
tPTS
FIGURE 1. TIMING DIAGRAM
Operation and Adaptive Shoot-Through Protection
Designed for high speed switching, the ISL6611A MOSFET driver controls two-phase power trains' high-side and low-side N-Channel FETs from one externally provided PWM signal. A rising transition on PWM initiates the turn-off of the lower MOSFET (see Figure 1). After a short propagation delay [tPDLL], the lower gate begins to fall. Typical fall times [tFL] are provided in the "Electrical Specifications" on page 8. Adaptive shoot-through circuitry monitors the LGATE voltage and turns on the upper gate following a short delay time [tPDHU] after the LGATE voltage drops below ~1V. The upper gate drive then begins to rise [tRU] and the upper MOSFET turns on. A falling transition on PWM indicates the turn-off of the upper MOSFET and the turn-on of the lower MOSFET. The upper gate begins to fall [tFU] after a propagation delay [tPDLU], which is modulated by the current balance circuits. The adaptive shoot-through circuitry monitors the UGATE-PHASE voltage and turns on the lower MOSFET a short delay time, tPDHL, after the upper MOSFET's gate voltage drops below 1V. The lower gate then rises [tRL], turning on the lower MOSFET. These methods prevent both the lower and upper MOSFETs from conducting simultaneously (shoot-through), while adapting the dead time to the gate charge characteristics of the MOSFETs being used. This driver is optimized for voltage regulators with large step down ratio. The lower MOSFET is usually sized larger compared to the upper MOSFET because the lower MOSFET conducts for a longer time during a switching period. The lower gate driver is therefore sized much larger to meet this application requirement. The 0.4
ON-resistance and 4A sink current capability enable the lower gate driver to absorb the current injected into the lower gate through the drain-to-gate capacitor (CGD) of the lower MOSFET and help prevent shoot through caused by the self turn-on of the lower MOSFET due to high dV/dt of the switching node.
Tri-State PWM Input
A unique feature of the ISL6611A is the adaptable tri-state PWM input. Once the PWM signal enters the shutdown window, either MOSFET previously conducting is turned off. If the PWM signal remains within the shutdown window for longer than 25ns of the previously conducting MOSFET, the output drivers are disabled and both MOSFET gates are pulled and held low. The shutdown state is removed when the PWM signal moves outside the shutdown window. The PWM Tri-state rising and falling thresholds outlined in the "Electrical Specifications" on page 8 determine when the lower and upper gates are enabled. During normal operation in a typical application, the PWM rise and fall times through the shutdown window should not exceed either output's turnoff propagation delay plus the MOSFET gate discharge time to ~1V. Abnormally long PWM signal transition times through the shutdown window will simply introduce additional dead time between turn off and turn on of the synchronous bridge's MOSFETs. For optimal performance, no more than 100pF parasitic capacitive load should be present on the PWM line of ISL6611A (assuming an Intersil PWM controller is used).
Bootstrap Considerations
This driver features an internal bootstrap diode. Simply adding an external capacitor across the BOOT and PHASE
9
FN6881.0 March 19, 2009
ISL6611A
pins completes the bootstrap circuit. The ISL6611A's internal bootstrap resistor is designed to reduce the overcharging of the bootstrap capacitor when exposed to excessively large negative voltage swing at the PHASE node. Typically, such large negative excursions occur in high current applications that use D2-PAK and D-PAK MOSFETs or excessive layout parasitic inductance. Equation 1 helps select a proper bootstrap capacitor size:
Q GATE C BOOT_CAP ------------------------------------V BOOT_CAP Q G1 * PVCC Q GATE = ----------------------------------- * N Q1 V GS1
(EQ. 1)
maximum recommended operating junction temperature of +125C. The maximum allowable IC power dissipation for the 4x4 QFN package, with an exposed heat escape pad, is around 2W. See "Layout Considerations" on page 12 for thermal transfer improvement suggestions. When designing the driver into an application, it is recommended that the following calculation is used to ensure safe operation at the desired frequency for the selected MOSFETs. The total gate drive power losses due to the gate charge of MOSFETs and the driver's internal circuitry and their corresponding average driver current can be estimated with Equations 2 and 3, respectively,
P Qg_TOT = 2 * ( P Qg_Q1 + P Qg_Q2 ) + I Q * VCC Q G1 * PVCC 2 P Qg_Q1 = -------------------------------------- * F SW * N Q1 V GS1 Q G2 * PVCC 2 P Qg_Q2 = -------------------------------------- * F SW * N Q2 V GS2 Q G1 * N Q1 Q G2 * N Q2 I DR = 2 * ----------------------------- + ----------------------------- * F SW + I Q V GS2 V GS1 (EQ. 2)
where QG1 is the amount of gate charge per upper MOSFET at VGS1 gate-source voltage and NQ1 is the number of control MOSFETs. The VBOOT_CAP term is defined as the allowable droop in the rail of the upper gate drive. As an example, suppose two HAT2168 FETs are chosen as the upper MOSFETs. The gate charge, QG, from the data sheet is 12nC at 5V (VGS) gate-source voltage. Then the QGATE is calculated to be 26.4nC at 5.5V PVCC level. We will assume a 100mV droop in drive voltage over the PWM cycle. We find that a bootstrap capacitance of at least 0.264F is required. The next larger standard value capacitance is 0.33F. A good quality ceramic capacitor is recommended.
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 QGATE = 100nC 0.4 50nC 0.2 20nC 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.0 0.0
(EQ. 3)
where the gate charge (QG1 and QG2) is defined at a particular gate to source voltage (VGS1and VGS2) in the corresponding MOSFET datasheet; IQ is the driver's total quiescent current with no load at both drive outputs; NQ1 and NQ2 are number of upper and lower MOSFETs, respectively. The factor 2 is the number of active channels. The IQ VCC product is the quiescent power of the driver without capacitive load. The total gate drive power losses are dissipated among the resistive components along the transition path. The drive resistance dissipates a portion of the total gate drive power losses, the rest will be dissipated by the external gate resistors (RG1 and RG2, should be a short to avoid interfering with the operation shoot-through protection circuitry) and the internal gate resistors (RGI1 and RGI2) of MOSFETs. Figures 3 and 4 show the typical upper and lower gate drives turn-on transition path. The power dissipation on the driver can be roughly estimated as Equation 4:
P DR = 2 * ( P DR_UP + P DR_LOW ) + I Q * VCC R HI1 R LO1 P Qg_Q1 P DR_UP = -------------------------------------- + --------------------------------------- * --------------------R HI1 + R EXT1 R LO1 + R EXT1 2 R LO2 R HI2 P Qg_Q2 P DR_LOW = -------------------------------------- + --------------------------------------- * --------------------2 R HI2 + R EXT2 R LO2 + R EXT2 R GI1 R EXT2 = R G1 + ------------N
Q1
CBOOT_CAP (F)
VBOOT (V)
(EQ. 4)
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE VOLTAGE
Power Dissipation
Package power dissipation is mainly a function of the switching frequency (FSW), the output drive impedance, the external gate resistance, and the selected MOSFET's internal gate resistance and total gate charge. Calculating the power dissipation in the driver for a desired application is critical to ensure safe operation. Exceeding the maximum allowable power dissipation level will push the IC beyond the
R GI2 R EXT2 = R G2 + ------------N
Q2
10
FN6881.0 March 19, 2009
ISL6611A
PVCC BOOT D CGD RHI1 RLO1 G RG1 RGI1 CGS S PHASE Q1 CDS
this channel should remain ON to protect the system from an overvoltage event even when the controller is disabled.
SYNC Operation
The ISL6611A can be set to interleaving mode or synchronous mode by pulling the SYNC pin to GND or VCC, respectively. A synchronous pulse can be sent to the phase doubler during the load application to improve the voltage droop and current balance while it still can maintain interleaving operation at DC load conditions. However, an excessive ringback can occur; hence, the synchronous mode operation could have drawbacks. Figure 6 shows how to generate a synchronous pulse only when an transient load is applied. The comparator should be a fast comparator with a minimum delay.
49.9k 20k CDS + VCC 1k SYNC 0 DNP
UGATE
FIGURE 3. TYPICAL UPPER-GATE DRIVE TURN-ON PATH
PVCC D CGD RHI2 RLO2 LGATE G RG2 RGI2 CGS GND S Q2
2k 1.0 nF COMP
FIGURE 6. TYPICAL SYNC PULSE GENERATOR FIGURE 4. TYPICAL LOWER-GATE DRIVE TURN-ON PATH
Current Balance and Maximum Frequency EN_PH Operation
EN_PH
PWM
The ISL6611A utilizes rDS(ON) sensing technique to balance both channels, while the sample and hold circuits refer to GND pin. The phase current sensing resistors are integrated, while the current gain can be scaled by the impedance on the IGAIN pin, as shown in Table 1. In most applications, the default option should just work fine.
TABLE 1. CURRENT GAIN SELECTION IMPEDANCE TO GND CURRENT GAIN DEFAULT DEFAULT/2 DEFAULT/5
UGATE
LGATE
OPEN 0 49.9k
FIGURE 5. TYPICAL EN_PH OPERATION TIMING DIAGRAM
The ISL6611A disables the phase doubler operation when the EN_PH pin is pulled to ground and after it sees the PWM falling edge. The PWM pin is pulled to VCC at the PWM falling edge. With the PWM line pulled high, the controller will disable the corresponding phase and the higher number phases. When the EN_PH is pulled high, the phase doubler will pull the PWM line to tri-state and then will be enabled at the leading edge of PWM input. Prior to a leading edge of PWM, if the PWM is low, both LGATEA and LGATEB remain in tristate unless the corresponding phase node (PHASEA, PHASEB) is higher than 80% of VCC. This provides additional protection if the doubler is enabled while the high-side MOSFET is shorted. However, this feature limits the pre-charged output voltage to less than 80% of VCC. Note that the first doubler should always tie its EN_PH pin high since Intersil controllers do not allow PWM1 pulled high and
In addition to balancing the effective UGATE pulse width of phase A and phase B via standard rDS(ON) current sensing technique, a fast path is also added to swap both channels' firing order when one phase carries much higher current than the other phase. This improves the current balance between phase A and phase B during high frequency load transient events. Each phase starts to sample current 200ns (tBLANK) after LGATE falls and lasts for 400ns (tSAMP) or ends at the rising edge of PWM if the available sampling time (tAVSAMP) is < 400ns. The available sampling time (tAVSAMP) depends upon the blanking time (tBLANK), the duty cycle (D), the rising and falling time of low-side gate drive (tLR, tLF), the total propagation delay (tPD = tPDLL + tPDLU), and the switching frequency (FSW). As the switching frequency and the duty cycle increase, the available sampling time could be
11
FN6881.0 March 19, 2009
ISL6611A
< 400ns. For a good current balance, it is recommended to keep at least 200ns sampling time, if not the full 400ns. Equations 5 and 6 show the maximum frequency of each channel in interleaving mode and synchronous mode, respectively. Assume 80ns each for tPD, tLR, tLF and 200ns each for tAVSAMP, tBLANK, the maximum channel frequency can be set to no more than 500kHz at interleaving mode and 1MHz at synchronous mode, respectively, for an application with a maximum duty cycle of 20%. The maximum duty cycle occurs at the maximum output voltage (overvoltage trip level as needed) and at the minimum input voltage (undervoltage trip level as needed). The efficiency of the voltage regulator is also a factor in the theoretical approximation. Figure 7 shows the relationship between the maximum channel frequency and the maximum duty cycle in the previous assumed conditions. For interleaving mode (SYNC = "0"),
1 - 2 D ( MAX ) F SW ( MAX ) --------------------------------------------------------------------------------------------------------------( t AVSAMP + t PD + t LR + t LF + t BLANK ) 2 (EQ. 5) VOUT ( MAX ) D ( MAX ) -----------------------------------VIN ( MIN )
PHASE RPH = 1 TO 2
Application Information
MOSFET and Driver Selection
The parasitic inductances of the PCB and of the power devices' packaging (both upper and lower MOSFETs) can cause serious ringing, exceeding absolute maximum rating of the devices. The negative ringing at the edges of the PHASE node could increase the bootstrap capacitor voltage through the internal bootstrap diode, and in some cases, it may overstress the upper MOSFET driver. Careful layout, proper selection of MOSFETs and packaging, as well as the proper driver can go a long way toward minimizing such unwanted stress.
PVCC BOOT D
RHI1 RLO1
G Q1 UGATE S
For synchronous mode (SYNC = "1"),
1 - D ( MAX ) F SW ( MAX ) ------------------------------------------------------------------------------------------------------( t AVSAMP + t PD + t LR + t LF + t BLANK ) (EQ. 6)
10k
FIGURE 8. PHASE RESISTOR TO MINIMIZE SERIOUS NEGATIVE PHASE SPIKE IF NEEDED
The selection of D2-PAK, or D-PAK packaged MOSFETs, is a much better match (for the reasons discussed) for the ISL6611A with a phase resistor (RPH), as shown in Figure 8. Low-profile MOSFETs, such as Direct FETs and multi-source leads devices (SO-8, LFPAK, PowerPAK), have low parasitic lead inductances and can be driven by ISL6611A (assuming proper layout design) without the phase resistor (RPH).
FSW (Hz)
1k
SYNCHRONOUS
Layout Considerations
A good layout helps reduce the ringing on the switching node (PHASE) and significantly lower the stress applied to the output drives. The following advice is meant to lead to an optimized layout and performance: * Keep decoupling loops (VCC-GND, PVCC-PGND and BOOT-PHASE) short and wide, at least 25 mils. Avoid using vias on decoupling components other than their ground terminals, which should be on a copper plane with at least two vias. * Minimize trace inductance, especially on low-impedance lines. All power traces (UGATE, PHASE, LGATE, PGND, PVCC, VCC, GND) should be short and wide, at least 25 mils. Try to place power traces on a single layer, otherwise, two vias on interconnection are preferred where possible. For no connection (NC) pins on the QFN
INTERLEAVING
100 0
20
40 60 DUTY CYCLE (%)
80
100
FIGURE 7. MAXIMUM CHANNEL SWITCHING FREQUENCY vs MAXIMUM DUTY CYCLE IN ASSUMED CONDITIONS
Note that the PWM controller should be set to 2 x FSW for interleaving mode and the same switching frequency for the synchronous mode.
12
FN6881.0 March 19, 2009
ISL6611A
part, connect it to the adjacent net (LGATE2/PHASE2) can reduce trace inductance. * Shorten all gate drive loops (UGATE-PHASE and LGATE-PGND) and route them closely spaced. * Minimize the inductance of the PHASE node. Ideally, the source of the upper and the drain of the lower MOSFET should be as close as thermally allowable. * Minimize the current loop of the output and input power trains. Short the source connection of the lower MOSFET to ground as close to the transistor pin as feasible. Input capacitors (especially ceramic decoupling) should be placed as close to the drain of upper and source of lower MOSFETs as possible. * Avoid routing relatively high impedance nodes (such as PWM and ENABLE lines) close to high dV/dt UGATE and PHASE nodes. In addition, connecting the thermal pad of the QFN package to the power ground through multiple vias, or placing a low noise copper plane (such as power ground) underneath the SOIC part is recommended. This is to improve heat dissipation and allow the part to achieve its full thermal potential. CDS/CGS ratio, and a lower gate-source threshold upper FET will require a smaller resistor to diminish the effect of the internal capacitive coupling. For most applications, the integrated 20k typically sufficient, not affecting normal performance and efficiency. The coupling effect can be roughly estimated with the equations in Equation 7, which assume a fixed linear input ramp and neglect the clamping effect of the body diode of the upper drive and the bootstrap capacitor. Other parasitic components such as lead inductances and PCB capacitances are also not taken into account. These equations are provided for guidance purposes only. Thus, the actual coupling effect should be examined using a very high impedance (10M or greater) probe to ensure a safe design margin.
DS --------------------------------- dV ------- R C dV iss V GS_MILLER = ------- R C rss 1 - e dt dt -V
(EQ. 7)
R = R UGPH + R GI
C rss = C GD
C iss = C GD + C GS
Upper MOSFET Self Turn-On Effects At Start-up
Should the driver have insufficient bias voltage applied, its outputs are floating. If the input bus is energized at a high dV/dt rate while the driver outputs are floating, due to the self-coupling via the internal CGD of the MOSFET, the UGATE could momentarily rise up to a level greater than the threshold voltage of the MOSFET. This could potentially turn on the upper switch and result in damaging in-rush energy. Therefore, if such a situation (when input bus powered up before the bias of the controller and driver is ready) could conceivably be encountered, it is common practice to place a resistor (RUGPH) across the gate and source of the upper MOSFET to suppress the Miller coupling effect. The value of the resistor depends mainly on the input voltage's rate of rise, the CGD/CGS ratio, as well as the gate-source threshold of the upper MOSFET. A higher dV/dt, a lower
VCC
BOOT CBOOT CGD
VIN D
ISL6611A
DU DL
UGATE RUGPH
G RGI CGS S
CDS
QUPPER
PHASE
FIGURE 9. GATE TO SOURCE RESISTOR TO REDUCE UPPER MOSFET MILLER COUPLING
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 13
FN6881.0 March 19, 2009
ISL6611A
Package Outline Drawing
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE Rev 6, 02/08
4X 1.95 4.00 A B 6 PIN 1 INDEX AREA 13 12X 0.65 16 6 PIN #1 INDEX AREA
12
1
4.00
2 . 10 0 . 15
9
4
(4X)
0.15 8
TOP VIEW
5 0.10 M C A B 4 0.28 +0.07 / -0.05
BOTTOM VIEW
+0.15 16X 0 . 60 -0.10
SEE DETAIL "X" 1.00 MAX ( 3 . 6 TYP ) ( 2 . 10 )
SIDE VIEW
0.10 C
C
BASE PLANE
SEATING PLANE 0.08 C
( 12X 0 . 65 )
( 16X 0 . 28 ) ( 16 X 0 . 8 )
C
0 . 2 REF
5
0 . 00 MIN. 0 . 05 MAX.
TYPICAL RECOMMENDED LAND PATTERN DETAIL "X"
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal 0.05 4. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature.
14
FN6881.0 March 19, 2009


▲Up To Search▲   

 
Price & Availability of ISL6611A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X