Part Number Hot Search : 
ITC1000 EC3SM AB805 EC3SM C59RM71 2812D 7687M00 LT3782
Product Description
Full Text Search
 

To Download HWFR-B310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HWFR B310
HWFR B410
HWFR B510
Lumileds P3 Series TS AlInGaP Chips
Technical Data DS31 P3 Series transperent substrate AlInGaP chips deliver high flux performance.
Outline Drawings
Al Bond Pad Au/Zn Contact P-type GaP Window P-type AlInGaP UCL Multi-well Active Region N-typeAlInGaP LCL N-GaP Substrate
Benefits
* Fewer LEDs Required * Lowers Lighting System Cost
Features
* High Luminous Flux * Higher Forward Current Operation
Au Alloy
Capability
Optical Characteristics at T=25oC [See notes 1, 2, and 3]
Dominant Wavelength @5mA Part Number
HWFR-B310 HWFR-B310 HWFR-B310 HWFR-B410 HWFR-B510 HWFR-B510 HWFR-B510 #101 #102 #112 #102 #101 #102 #112
Color
Amber Amber Amber Red/Orange Red Red Red
Min. 584 584 584 612 624 624 624
(D, nm) Typ. 590.5 629
Intensity @20mA
(lv, mcd)
Flux @20mA
(mlm/A)
Typical Applications
* Signs/Signals * Machine Vision * Automotive Lighting * Illumination
Max. 595 595 595 625 635 635 635
Min.
Max.
Typ. 55 70
70 90 90 70, 60%Min >90 100 70 100 100 70, 60%Min >100
Electrical Characteristics at T=25oC [See notes 1 and 3]
Reverse Voltage @ 100A (Vbr, V) Color
Amber Red/Orange Red Min -6.0 -6.0 -6.0
Part Number
HWFR-B310 HWFR-B410 HWFR-B510
Forward Voltage @20mA (Vf, V)
Min. 2.0 2.0 2.0 Typ. 2.35 2.25 2.25 Max. 2.6 2.6 2.6
Notes:
1. lv and lambda values are based on a 21 die sample. Vf, and Vr are 100% tested. Flux measurements were made using 5mm LED lamp packages encapsulated with epoxy and are for information only. Typical values given are the average values expected and are for information only. Chips are mounted on 6 inch diameter photon rings utilizing 4 mil thick tape.
2.
Visual Inspection and Testing [See note 1]
Visual Inspection Vf & Vr Testing Iv Testing Lambda Testing 100% 100% Sample Sample
Nominal Mechanical Specifications
Chip Size (mils) 8.6 X 8.6 Chip Height (mils) 10.5 +/- 1.5 mils Junction Area (sq. mils) 74 Top Metal Al/Au Zn Back Metal Au/Ge Chip Presentation [See Note 4]
3.
4.
Company Information
Lumileds is a world class supplier of Light Emitting Diodes (LEDs) producing billions of LEDs annually. Lumileds is a fully integrated supplier, producing core LED material in all three base colors (Red, Green, Blue) and White. Lumileds has R&D development centers in San Jose, California and Best, The Netherlands. Production capabilities in San Jose, California and Malaysia.
Lumileds is pioneering the high flux LED technology and bridging the gap between solid state LED technology and the lighting world. Lumileds is absolutely dedicated to bringing the best and brightest LED technology to enable new applications and markets in the Lighting world.
Lumileds may make process or materials changes affecting the performance or other characteristics of our products. These products supplied after such changes will continue to meet published specifications, but may not be identical to products supplied as samples or under prior orders.
LUMILEDS
www.luxeon.com www.lumileds.com For technical assistance or the location of your nearest Lumileds sales office, call: Worldwide: +1 408 435 6044 US Toll free: 877 298 9455 Europe: +31 499 339 439 Asia: +60 4680 5342 Japan: +81 426 60 8532 Fax: +1 408 435 6855 Email us at info@lumileds.com
2003 Lumileds Lighting, US, LLC. All rights reserved. Luxeon is a trademark of Lumileds Lighting. Product specifications are subject to change without notice.
Document #: DS31 (04/04)
Lumileds Lighting, U.S. LLC 370 West Trimble Road San Jose, CA 95131


▲Up To Search▲   

 
Price & Availability of HWFR-B310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X