Part Number Hot Search : 
C74AC SR215 SA617 6SERI F10U20S ACE4441B 1N4852 SDA94
Product Description
Full Text Search
 

To Download HER604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
HER601 THRU HER608
HIGH EFFICIENCY PLASTIC RECTIFIER
VOLTAGE50-1000V CURRENT6.0A
FEATURES
*Low power loss, high efficiency *Low leakage *Low forward voltage *High current capability *High speed switching *High surge capability *High reliability
R-6
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 1.20 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. HER HER SYMBOL 601 602 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=50C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 6.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C VRRM VRMS VDC Io IFSM VF 1.0 180 1.3 10 IR A 150 50 30 75 20 nS pF 50 35 50 100 70 100
HER 603 200 140 200
HER 604 300 210 300
HER 605 400 280 400
HER 606 600 420 600
HER 607 800 560 800
HER units 608 1000 700 1000 V V V A
6.0 150 1.7
A V
Maximum Full Load Reverse Current Full Cycle Average,.375"(9.5mm) lead length at TL=55C trr Maximum Reverse Recovery Time (Note 1) CJ Typical Junction Capacitance (Note 2) Notes: 1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volts
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of HER604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X