Part Number Hot Search : 
7014BCA1 4HC154 TS521507 DMC16 NLP150H CGRA157 SG20JC6M GM2621
Product Description
Full Text Search
 

To Download HER604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER601
THRU
HER606
6.0 AMP HIGH EFFICIENCY RECTIFIERS
VOLTAGE RANGE
50 TO 600 Volts
CURRENT
FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * High speed switching
6.0 Amperes
R-6
.360(9.1) .340(8.6) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.65 grams
.360(9.1) .340(8.6)
.052(1.3) .048(1.2) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=50 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 6.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
HER601
HER602
HER603
HER604
HER605
HER606 UNITS
50 35 50
100 70 100
200 140 200 6.0 300
300 210 300
400 280 400
600 420 600
V V V A A V A A nS pF C
1.0 10.0 200 60 -55 100 +150
1.3
1.85
100
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
RATING AND CHARACTERISTIC CURVES (HER601 THRU HER606)
FIG.1-TYPICAL FORWARD CHARACTERISTICS 100
AVERAGE FORWARD CURRENT,(A) 6 5 4 3 2 1
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT,(A)
Ground Plane 1" X 1" Copper surface area PC BOARD Recommended PC BOARD Standard PC Board Mounting PC Board Mounting
-6 0
HE R6
HE R6
04
-6 0
01
5
10.0
3
1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
HE R6
06
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
500
.1
.01 .2
.4
.6
.8
1.0
1.2
1.4
1.6
400
FORWARD VOLT AGE,(V)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50W NONINDUCTIVE 10W NONINDUCTIVE
300
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
200
100
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
175 150 125 100 75 50 25
trr +0.5A
| | | | | | | |
0 -0.25A
JUNCTION CAPACITANCE,(pF)
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0
0.1
0.5
1
2
5
10
20
50
100
200
500
1000
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of HER604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X