Part Number Hot Search : 
40HFR40M T3474 MAD24051 25P10 2SD1288 FM1233AC 2E1C2 HUR6060
Product Description
Full Text Search
 

To Download GBJ15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ15005 THRU GBJ1510
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
REVERSE VOLTAGE: 50 to 1000 V FORWARD CURRENT: 15 A
Features * Glass passivated chip junction
* Reliable low cost construction utilizing molded plastic technique * Ideal for printed circuit board * Low reverse leakage current * Low forward voltage drop * High surge current capabiliy
Mechanical data
* Case:Molded plastic, GBJ * Epoxy: UL 94V-0 rate flame retardant * Terminals: Leads solderable per MIL-STD-202 method 208 guaranteed * Mounting Position: Any
Absolute Maximum Ratings and Characteristics Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current with Heatsink at TC = 100 OC Peak Forward Surge Current, 8.3 ms Single Half-Sine -Wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at 7.5 A DC and 25 OC Maximum Reverse Current at TA = 25 OC at Rated DC Blocking Voltage TA = 125 OC Typical Junction Capacitance 1) Typical Thermal Resistance
2)
Symbols VRRM VRMS VDC I(AV) IFSM VF IR CJ RJC TJ,TS
GBJ 15005 50 35 50
GBJ 1501 100 70 100
GBJ 1502 200 140 200
GBJ 1504 400 280 400 15 200 1.05 10 500 60 0.8
GBJ 1506 600 420 600
GBJ 1508 800 560 800
GBJ Units 1510 1000 700 1000 V V V A A V A pF
O
C/W
O
Operating and Storage Temperature Range
1) 2)
-55 to +150
C
Measured at 1 MHz and applied reverse voltage of 4 VDC. Thermal resistance from junction to case with device mounted on 300 mm X 300 mm X 1.6 mm Cu plate heatsink.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 19/02/2006 H
GBJ15005 THRU GBJ1510
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 19/02/2006 H


▲Up To Search▲   

 
Price & Availability of GBJ15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X