Part Number Hot Search : 
BCM1115R 30M35V8X KN4A4M MICRO 2N2527 01C18 XF001 MM5Z3V9
Product Description
Full Text Search
 

To Download GBJ15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single-Phase Glass Passivated Bridge Rectifier GBJ15005 - GBJ1510
Single-Phase Glass Passivated Bridge Rectifier
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94 V-0 * Glass passivated die construction * High case dielectric strength of 1500 VRMS * Low reverse leakage current * Ideal for printed circuit boards * Surge overload rating to 240A Peak * This series is UL recognized under component index, File number E194718 * RoHS Compliant
GBJ
Mechanical Data
Case: Terminals: Polarity: Mounting: Mounting Torque: Weight: Molded Plastic Plated leads solderable per MIL-STD-202, method 208 Molded on Body Through Hole for #6 Screw 6.0 In-1bs Max. 6.6 grams
Maximum Ratings (TAmbient=25C unless noted)
Symbol Description Max. Repetitive Peak Reverse Voltage Max. RMS Voltage Max. DC Blocking Voltage Max. Average Forward Rectified Output Current at TC=100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load(JEDEC method) Rating for Fusing (t<8.3ms) Operating and Storage Temperature Range GBJ15 005 50 35 50 GBJ15 01 100 70 100 GBJ15 02 200 140 200 GBJ15 04 400 280 400 15 240 240 -65 to +150 GBJ15 06 600 420 600 GBJ15 08 800 560 800 GBJ15 10 1000 700 1000 Unit V V V A A As C
VRRM VRMS VDC I(AV) IFSM lt TJ, TSTG
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2007-11-29 Page 1 of 4
Single-Phase Glass Passivated Bridge Rectifier GBJ15005 - GBJ1510
Electrical Characteristics (TAmbient=25C unless noted otherwise)
Symbol Description Max. Instantaneous Forward Voltage Drop per leg at 7.5A DC Max. DC Reverse Current at Rated DC Blocking Voltage per leg TC=25C TC=125C GBJ15 005 GBJ15 01 GBJ15 02 GBJ15 04 1.05 10 250 60 2.7 GBJ15 06 GBJ15 08 GBJ15 10 Unit V A pF C/W
VF IR CJ R-JC Notes:
Typical Junction Capacitance per leg (Note2) Typical Thermal Resistance Junction to case (Note3)
1. Non-repetitive. For 1>1ms and <8.3ms. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3. Thermal resistance from junction to case per leg. Unit mounted 300 x 300 x 1.0mm aluminum plate heat sink. 4. Single phase, 60Hz, resistive or inductive load. 5. For capacitive load, derate current by 20%.
Typical Characteristics Curves
Fig.1- Derating Curve Output Rectified Current Average Forward Output Current (A) Peak Forward Surge Current (A) Fig.2- Max. Non-Repetitive Peak Forward Surge Current per leg
Ambient Temperature (C)
Number of Cycle at 60Hz
Rev. A/AH 2007-11-29 www.taitroncomponents.com Page 2 of 4
Single-Phase Glass Passivated Bridge Rectifier GBJ15005 - GBJ1510
Fig.3- Typical Forward Characteristics per leg Instantaneous Forward Current (A) Instantaneous Reverse Current (A) Fig.4- Typical Reverse Characteristics per leg
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance per leg Transient Thermal Impedance (C/W)
Fig.6- Typical Transient Thermal Impedance
Junction Capacitance (pF)
Reverse Voltage (V)
t, Heating Time (sec)
Rev. A/AH 2007-11-29 www.taitroncomponents.com Page 3 of 4
Single-Phase Glass Passivated Bridge Rectifier GBJ15005 - GBJ1510
Dimensions in mm
GBJ
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2007-11-29 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of GBJ15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X