Part Number Hot Search : 
LS386A HCS0901F FF2AS BD809G LGA80D BD799 2SC3189 EVQPC1
Product Description
Full Text Search
 

To Download FST3244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FST3244 -- 8-Bit Bus Switch
March 2008
FST3244 -- 8-Bit Bus Switch
Features
4 Switch Connection between Two Ports Minimal Propagation Delay through the Switch Low ICC Zero Bounce in Flow-through Mode Control Inputs Compatible with TTL Level
Description
The FST3244 switch provides eight-bits of high-speed, CMOS, TTL-compatible bus switching in a standard '244 pin-out. The low on resistance allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. The device is organized as two four-bit switches with separate /OE inputs. When /OE is LOW, the switch is ON and port A is connected to port B. When /OE is HIGH, the switch is OPEN and a high-impedance state exists between the two ports.
Ordering Information
Operating Part Number Temperature Range
FST3244WMX FST3244QSCX FST3244MTCX -40 to +85C -40 to +85C -40 to +85C
Package
20-Lead, Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300-inch Wide 20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150-inch Wide
Packing Method
Tape and Reel Tape and Reel
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, Tape and 4.4mm Wide Reel
All packages are lead free per JEDEC: J-STD-020B standard. The Fairchild switch family derives from and embodies Fairchild's proven switch technology used for several years in its 74LVX3L384 (FST3384) bus switch product.
Logic Diagram
1A0 2 18 1B0
1A3
8
12 1B 3
/OE1 1 2A0 11 9 2B 0
2A3
17
3
2B3
/OE2 19
Figure 1. Logic Diagram
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com
FST3244 -- 8-Bit Bus Switch
Pin Configurations
/OE1 1A0 2B3 1A1 2B2 1A2 2B1 1A3 2B0 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC /OE2 1B0 2A3 1B1 2A2 1B2 2A1 1B3 2A0
Figure 2. Pin Configuration
Pin Descriptions
Pin #
1,19 2,4,6,8,11,13,15,17 3,5,7,9,12,14, 16,18 20 10
Pin Names
/OE1, /OE2 1A, 2A 1B, 2B VCC GND
Description
Bus Switch Enables Bus A Bus B Supply Voltage Ground
Truth Table
Inputs
/OE1 LOW LOW HIGH HIGH /OE2 LOW HIGH LOW HIGH
Inputs/Outputs 1A, 1B
1A = 1B 1A = 1B High Impedance High Impedance
2A, 2B
2A = 2B High Impedance 2A = 2B High Impedance
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com 2
FST3244 -- 8-Bit Bus Switch
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC VS VIN IIK IOUT ICC / IGND TSTG Supply Voltage DC Switch Voltage DC Input Voltage
(1)
Parameter
Min.
-0.5 -0.5 -0.5
Max.
7.0 7.0 7.0 -50 128 100
Unit
V V V mA mA mA C
DC Input Diode Current VIN<0V DC Output Sink Current DC VCC / GND Current Storage Temperature Range -65
+150
Note: 1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
VCC VIN VOUT tr , tf TA Input Voltage Output Voltage
Parameter
Power Supply Operating
Min.
4.0 0 0
Max.
5.5 5.5 5.5 5 DC +85
Unit
V V V ns/V C
Input Rise and Fall Time
Switch Control Input Switch I/O
(2)
0 0 -40
Operating Temperature, Free Air
Note: 2. Unused control inputs must be held HIGH or LOW. They may not float.
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com 3
FST3244 -- 8-Bit Bus Switch
DC Electrical Characteristics
Typical values are at VCC = 5.0V and TA = 25C.
Symbol
VIK VIH VIL IIN IOZ
Parameter
Clamp Diode Voltage High-Level Input Voltage Low-Level Input Voltage Input Leakage Current Off-state Leakage Current
Conditions
IIN = -18mA
VCC (V)
4.5 4.0 to 5.5 4.0 to 5.5
TA=-40 to +85C Min.
2.0 0.8 1.0 1.0 4 4 8 11 7 7 15 20 3 2.5
Units
V V V A A
Typ.
Max.
-1.2
0 VIN 5.5V 0 A, B VCC VIN = 0V, IIN = 64mA
5.5 5.5 4.5 4.5 4.5 4.0 5.5 5.5
RON
Switch On Resistance
(3)
VIN = 0V, IIN = 30mA VIN = 2.4V, IIN = 15mA VIN = 2.4V, IIN = 15mA VIN = VCC or GND, IOUT = 0 One Input at 3.4V, Other Inputs at VCC or GND
ICC ICC
Quiescent Supply Current Increase in ICC per Input
A mA
Note: 3. Measured by the voltage drop between the A and B pins at the indicated current through the switch. On resistance is determined by the lower of the voltages on the A or B pins.
AC Electrical Characteristics
TA = -40 to +85C, CL = 50pF, and RU = RD = 500.
Symbol
tPHL, tPLH
Parameter
Propagation Delay (4) Bus-to Bus Output Enable Time
Conditions
VIN = Open VIN = 7V for tPZL VIN = Open for tPZH VIN = 7V for tPLZ VIN = Open for tPHZ
VCC = 4.5 - 5.5V Min. Max.
0.25
VCC = 4.0V Min. Max.
0.25
Units
ns
Figure
Figure 3 Figure 4 Figure 3 Figure 4 Figure 3 Figure 4
tPZH ,tPZL
1.0
5.6
6.1
ns
tPHZ, tPLZ
Output Disable Time
1.0
6.2
5.6
ns
Note: 4. This parameter is guaranteed by design, but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical on resistance of the switch and the 50pF load capacitance when driven by an ideal voltage source (zero output impedance).
Capacitance
TA = +25C, f = 1MHz. Capacitance is characterized, but not tested.
Symbol
CIN CI/O
Parameter
Control Pin Input Capacitance Input/Output Capacitance
Conditions
VCC = 5.0V VCC, /OE = 5.0V
Typ.
3 5
Units
pF pF
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com 4
FST3244 -- 8-Bit Bus Switch
AC Loadings and Waveforms
Notes: Input driven by 50 source terminated in 50. CL includes load and stray capacitance. Input PRR = 1.0MHz, tw = 500ns. Figure 3. AC Test Circuit
Figure 4. AC Waveforms
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com 5
FST3244 -- 8-Bit Bus Switch
Physical Dimensions
13.00 12.60 11.43
20 B 11
A
9.50 10.65 7.60 10.00 7.40 2.25
1 PIN ONE INDICATOR
0.51 0.35
0.25
M
10
1.27
CBA
1.27
0.65
LAND PATTERN RECOMMENDATION
2.65 MAX
SEE DETAIL A
C
0.33 0.20
0.10 C SEATING PLANE
0.75 0.25 (R0.10) (R0.10)
8 0
X 45
0.30 0.10
NOTES: UNLESS OTHERWISE SPECIFIED
GAGE PLANE
0.25 1.27 0.40 (1.40)
A) THIS PACKAGE CONFORMS TO JEDEC MS-013, VARIATION AC, ISSUE E B) ALL DIMENSIONS ARE IN MILLIMETERS. C) DIMENSIONS DO NOT INCLUDE MOLD FLASH OR BURRS. D) CONFORMS TO ASME Y14.5M-1994 E) LANDPATTERN STANDARD: SOIC127P1030X265-20L F) DRAWING FILENAME: MKT-M20BREV3
SEATING PLANE
DETAIL A
SCALE: 2:1
Figure 5. 20-Lead, Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300-inch Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com 6
FST3244 -- 8-Bit Bus Switch
Physical Dimensions
TOP VIEW
LAND PATTERN RECOMMENDATION
SIDE VIEW
END VIEW
DETAIL A
Figure 6. 20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150-inch Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com 7
FST3244 -- 8-Bit Bus Switch
Physical Dimensions
Figure 7. 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com 8
FST3244 -- 8-Bit Bus Switch
(c) 1997 Fairchild Semiconductor Corporation FST3244 * Rev. 1.0.3
www.fairchildsemi.com 9


▲Up To Search▲   

 
Price & Availability of FST3244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X