Part Number Hot Search : 
HCF40 P20N60 84134041 12TRPBF MC54H 6KE18CA 3002E 5KP24A
Product Description
Full Text Search
 

To Download FSA215607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
August 2007
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
Features
Maximum 0.7 On Resistance (RON) for +2.7V Supply 0.25 Maximum RON Flatness for +2.7V Supply Space-Saving MicroPakTM and SC70 Packaging Broad VCC Operating Range: 1.65 to 4.3V Fast Turn-on and Turn-off Times Over-Voltage Tolerant TTL-Compatible Control Input Suitable for 2 UL USB2.0 Applications (200mA) Low ICCT Current Over Expanded Control Input Range
Description
The FSA2156 is a high-performance Single-Pole Single-Throw (SPST) analog switch that features ultra low RON of 0.4 (typ.) at 2.7V VCC. The FSA2156 operates over the wide VCC range of 1.65V to 4.3V and is fabricated with sub-micron CMOS technology to achieve fast switching speeds. The select input is TTLlevel compatible. FSA2156 features very low quiescent current even when the control voltage is lower than the VCC supply. This feature facilitates longer battery life in mobile handset applications and allows for the direct interface with baseband-processor, general-purpose I/Os.
Ordering Information
Part Number
FSA2156P6 FSA2156P6X FSA2156L6X
Top Mark Pb-Free
2156 2156 FY
Package Description
6-lead SC70, EIAJ SC88, 1.25mm Wide 6-lead SC70, EIAJ SC88, 1.25mm Wide 6-lead MicroPakTM, 1.0mm Wide
Packing Method
250 Units on Tape and Reel 3000 Units on Tape and Reel 5000 Units on Tape and Reel
Pb-free package per JEDEC J-STD-020B.
Analog Symbol
A1
6
VCC
VCC 1
6
A
GND 2
5
NC
NC 2
5
B
B3
4
Sel
Sel 3
4 GND
Figure 1.
SC70 Pin Assignments (Top View)
Figure 2.
MicroPakTM Pin Assignments (Top View)
Truth Table Control Input (S)
L (LOW Logic Level) H (HIGH Logic Level)
Pin Descriptions Function Name
A, B Sel
Function
Switch I/O Data Ports Control Input
Switch Open (OFF) Switch Closed (ON)
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol VCC VSW VCNTRL IIK ISW ISWPEAK PD TSTG TJ TL ESD Note: 1. The input and output negative ratings may be exceeded if the input and output diode current ratings are observed. Supply Voltage Switch I/O Voltage
(1) (1)
Parameter
Min. -0.5 -0.5 -0.5 50
Max. 4.6 VCC + 0.3 4.6 50 500 500 180 180
Unit V V V mA mA mA mW mW C C C kV kV kV
Control Input Voltage
Input Clamp Diode Current Switch I/O Current (Continuous) Pulsed at 1ms Duration, <10% Duty Cycle Power Dissipation at 85C Storage Temperature Range Maximum Junction Temperature Lead Temperature (Soldering, 10 seconds) All Pins Human Body Model I/O to GND Charge Discharge Model SC70 Package MicroPakTM Package
-65
+150 +150 +260 2 8 2
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Symbol VCC VCNTRL VSW ISW TA JA Note: 2. Control input must be held HIGH or LOW; it must not float. Supply Voltage Control Input Voltage Switch I/O Voltage Switch I/O Load Current Operating Temperature Thermal Resistance (free air) SC70 6L package MicroPakTM 6L package -40
(2)
Parameter
Min. 1.65 0 0
Max. 4.3 VCC VCC 350 85 350 310
Unit V V V mA C C/W C/W
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 2
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
DC Electrical Characteristics
All typical values are at 25C unless otherwise specified. Symbol Parameter Conditions VCC (V) Min.
3.6 - 4.3 VIH Input Voltage High 2.7 - 3.6 2.3 - 2.7 1.65 - 1.95 3.6 - 4.3 VIL Input Voltage Low 2.7 - 3.6 2.3 - 2.7 1.65 - 1.95 IIN INO(0FF) Control Input Leakage Off Leakage Current of Port B On Leakage Current of Port A Power Off Leakage Current Power Off Leakage Current(3) VCNTRL = 0 to VCC VA = 0.3V, VCC - 0.3V, VB = 0.3V, VCC - 0.3V or Floating Figure 4 VA = 0.3V, VCC - 0.3V, VB = Floating Figure 5 Port A VA = 0.3V, 4.3V, VCC = 0V, VB = 0V Port A VA = 0.3V, 4.3V, VCC = 0V, VB = Floating ION = 100mA, VB = 0V, 0.7V, 3.6V and 4.3V RON Switch On Resistance(4) Figure 3 ION = 100mA, VB = 0V, 0.7V, 2.0V and 2.7V ION = 100mA, VB = 0V, 0.7V, 1.6V and 2.3V ION = 100mA, VB = 0.7V ION = 100mA, VB = 0V, 0.7V, 3.6V and 4.3V On Resistance Flatness(5) Figure 3 ION = 100mA, VB = 0V, 0.7V, 2.0V and 2.7V ION = 100mA, B = 0V, 0.7V, 1.6V and 2.3V ION = 100mA, VB = 0V, 0.7V, 0.9V and 1.65V ICC ICCT Quiescent Supply Current Increase in Icc per Input VSW = 0 or VCC, IOUT = 0 VCNTRL = 2.6V VCNTRL = 1.8V 1.65 - 4.3 1.95 - 4.3 -10 10 -0.5 -50
TA = +25C Typ. Max.
TA = -40 to +85C Min.
1.4 1.3 1.1 0.9 0.7 0.5 0.4 0.4 0.5 50
Units
Max.
V
V V
A nA
IA(ON)
1.95 - 4.3 0V 0V 4.3 2.7 2.3 1.65 4.3 2.7 2.3 1.65 4.3 4.3
-20
20
-100
100 25
nA A nA
I0FF
-4 0.36 0.4 0.55 1.5
+4
-35
35 0.60 0.7 0.80
0.25 0.25 0.3 0.9 -100 30 3 7 12 100 -500 500 6.0 15.0 nA A
RFLAT(ON)
Notes: 3. Guaranteed by characterization; not production tested. 4. On resistance is determined by the voltage drop between A and B pins at the indicated current through the switch. 5. Flatness is defined as the difference between the maximum and minimum value of on resistance over the specified range of conditions.
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 3
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
AC Electrical Characteristics
All typical values are at 25C unless otherwise specified. Symbol Parameter Conditions VCC (V) 3.6 - 4.3 tON VB = 1.5V, Turn-On Time RL = 50, CL = 35pF 2.7 - 3.6 2.3 - 2.7 1.65 - 1.95 3.6 - 4.3 tOFF VB = 1.5V, Turn-Off Time RL = 50, CL = 35pF Charge Injection Off Isolation -3db Bandwidth Total Harmonic Distortion CL = 1.0nF, VS = 0V , RS = 0 f = 100kHz RT = 50 RT = 50 CL = 0pF RT = 600, VSW = 0.5VPP, f = 20Hz to 20kHz 2.7 - 3.6 2.3 - 2.7 1.65 - 1.95 Q OIRR BW THD 2.3 - 4.3 1.65 - 1.95 1.65 - 4.3 1.65 - 4.3 1.65 - 4.3 90 6 1.3 -65 80 .02 pC dB MHz % Figure 10 Figure 9 Figure 8 40 65 70 75 70 75 80 ns Figure 6 Figure 7 TA = +25C Min. Typ. Max. 55 60 65 TA = -40C to +85C Min. Max. 60 65 70 ns Figure 6 Figure 7 Units Figure
Capacitance
Symbol CIN COFF CON Parameter Control Pin Input Capacitance B-Port Off Capacitance A-Port On Capacitance Conditions f = 1MHz f = 1MHz f = 1MHz VCC (V) 0 4.3 4.3 TA = +25C Min. Typ. 1.5 38 115 Max. Units pF pF pF Figures Figure 11 Figure 11 Figure 12
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 4
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
Test Diagrams
VON Floating, 0.3V or Vcc-0.3V A ION VCNTRL RON = VON / ION GND B FSA2156 A IA(OFF) A VSW VCNTRL GND
B VSW GND
FSA2156
Figure 3.
On Resistance
Figure 4.
Off Leakage
FSA2156 B
Floating B FSA2156 A IA(ON) A VSW VCNTRL GND
VSW GND RS
A CL GND RL VOUT
VCNTRL GND RL and CL are functions of the application environment (see AC/DC tables for values). CL includes test fixture and stray capacitance.
Figure 5.
On Leakage
Figure 6.
Test Circuit Load
Figure 7.
Turn-On / Turn-Off Waveforms
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 5
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
Test Diagrams (Continued)
Network Analyzer FSA2156 GND VCNTRL GND GND VIN RS VS GND
V CNTRL GND GND V OUT GND R S and R T are fun ction s of the app lication en viron men t (see AC/DC tab les for value s). Off is olation = 20 Log (V OUT/V IN). RT GND RT GND V IN Network Ana lyzer FSA 215 6 RS VS GND
RT GND
CL
VOUT
RT and CL are functions of the application environment (see AC/DC tables for values). CL includes test fixtures and stray capacitance.
Figure 8.
Bandwidth
Figure 9.
Channel Off Isolation
Generator B VS RS GND nSn VCNTRL GND VSW
FSA2156 A CL GND VOUT
VCC Input - VCNTRL Off 0V DVOUT VOUT On Off
CL includes test fixture and stray capacitance
Q = DVOUT / CL
Figure 10.
Charge Injection Test
B Capacitance Meter F=1MHz
FSA2156
Capacitance Meter VCNTRL F=1MHz
B
FSA2156
VCNTRL A
A
Figure 11.
Channel Off Capacitance
Figure 12.
Channel On Capacitance
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 6
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
Physical Dimensions
Dimensions are in millimeters unless otherwise noted.
Figure 13.
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
6-Lead, SC70 Package
www.fairchildsemi.com 7
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
Physical Dimensions (Continued)
Dimensions are in inches (millimeters) unless otherwise noted.
Figure 14.
6-Lead, MicroPakTM Package
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 8
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
Tape and Reel Specification
Tape Format for SC70
Package Designator
P6X
Tape Section
Leader (Start End) Carrier Trailer (Hub End)
Number Cavities
125 (typical) 3000 75 (typical)
Cavity Status
Empty Filled Empty
Cover Tape Status
Sealed Sealed Sealed
Tape Dimensions
Dimensions are in inches (millimeters).
Tape Size (8mm)
DIM A 0.093 (2.35)
DIM B 0.096 (2.45)
DIM F 0.138 0.004 (3.50 0.10)
DIM Ko 0.053 0.004 (1.35 0.10)
DIMP1 0.157 (4.00)
DIM W 0.315 0.004 (8.00 0.1)
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 9
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
Tape Format for MicroPakTM
Package Designator Tape Section
Leader (Start End) L6X Carrier Trailer (Hub End)
Number Cavities
125 (typical) 5000 75 (typical)
Cavity Status
Empty Filled Empty
Cover Tape Status
Sealed Sealed Sealed
Tape Dimensions
Dimensions are in inches (millimeters).
Reel Dimensions
Dimensions are in inches (millimeters).
Tape Size (8mm)
A 7.000 (177.80)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 .0331 +0.059 / -0.000 (8.40 +1.50 / -0.00)
W2 0.567 (14.40)
W23 W1 +0.078 / -0.039 (W1 +2.00 / -1.00)
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 10
FSA2156 -- Low-Voltage SPST 0.4 Analog Switch
(c) 2006 Fairchild Semiconductor Corporation FSA2156 Rev. 1.0.3
www.fairchildsemi.com 11


▲Up To Search▲   

 
Price & Availability of FSA215607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X