Part Number Hot Search : 
MHW5382 MAX6033 83C51 N6105 64472 TSOP11TB R1045 TSOP11TB
Product Description
Full Text Search
 

To Download FR103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR101 THRU FR107
FAST RECOVERY RECTIFIERS
Reverse Voltage - 50 to 1000 V Forward Current - 1 A
Features * High current capability * High reliability * Low leakage
Mechanical Data * Case: Molded plastic, DO-41 * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting Position: Any
Maximum Ratings and Electrical Characteristics Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half-wave, 60 Hz, resistive or inductive load, for capacitive load, derate current by 20%.
Parameter Symbols FR101 FR102 FR103 FR104 FR105 FR106 FR107 Units VRRM VRMS VDC 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 V V V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5 mm) Lead Length at TA = 55 OC Peak Forward Surge Current 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 1 A Maximum Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance 1) Typical Thermal Resistance
2) 3)
IF(AV)
1
A
IFSM VF
30 1.3 5 500 15 50 150 250 - 55 to + 150 500
O
A V A pF C/W nS
O
TA = 25 OC TA = 100 OC
IR CJ RJA trr Tj, Tstg
Maximum Reverse Recovery Time
Operating and Storage temperature range
1) 2)
C
Measured at 1 MHz and applied reverse voltage of 4 V D.C. Thermal resistance from junction to ambient 0.375"(9.5 mm) lead length P.C.B mounted. 3) Reverse recovery test conditions: IF = 0.5 A, IR = 1 A, Irr = 0.25 A.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 14/07/2008 H
FR101 THRU FR107
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 14/07/2008 H


▲Up To Search▲   

 
Price & Availability of FR103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X