Part Number Hot Search : 
2SB822R LTC1658 3BGXC LC66566A 1N4420 TN7279 2664AJ 2102C
Product Description
Full Text Search
 

To Download F555H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCMOS 5x3.2mm 5.0V SMD Oscillator
Model: F550H SERIES
Page 1 of 2
RoHS Compliant / Pb Free
Rev. 7/23/2007
http://www.foxonline.com/need_a_sample.htm
FEATURES
* 5.0V Operation * HCMOS Output * Tape and Reel (2,000 pcs. STD)
* PART nUMbER SELECTIOn Learn More - Internet Required
Part Number 480-Frequency-xxxxx 481-Frequency-xxxxx 482-Frequency-xxxxx 723-Frequency-xxxxx 493-Frequency-xxxxx Model Frequency Operating Number Stability1 Temperature (C) F550H 100PPM -10 ~ +70 F550HR 100PPM -40 ~ +85 F555H 50PPM -10 ~ +70 F555HR 50PPM -40 ~ +85 F556H 25PPM -10 ~ +70 Frequency Range (MHz) 1.800 ~ 50.000 1.800 ~ 50.000 1.800~ 50.000 1.800~ 50.000 1.800~ 50.000
5 .0 0 .2
3 .2 0 .2
* ELECTRICAL CHARACTERISTICS
PARAMETERS
Frequency Range (Fo) Storage Temperature Range (Tstg) Supply Voltage (Vdd) Input Current (Idd) 1.800 ~ 50.000 MHz Output Symmetry (50% Vdd) Rise Time (10% ~ 90% Vdd) (Tr) Fall Time (90% ~ 10% Vdd) (Tf) Output Voltage (Vol) (Voh) Output Current (Iol) (Ioh) Output Load (HCMOS) Start-up Time (Ts) Output Disable Time 2 Output Enable Time 2
1
MAX (unless otherwise noted)
1.800 ~ 50.000 MHz -55C ~ +125C 5.0V 5% 45mA 40% ~ 60% 7nS 7nS 10% Vdd 90% Vdd Min 4mA Min 4mA Min 50pF 10mS 100nS 100nS
1 .3 M ax
2 .5 40.1
1.0
1 .2
One center castellation, two offset from center castellations, or no castellations may be present on 3.2mm sides.
Inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration. *Excludes Shock/Vibration 2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. All specifications subject to change without notice.
2.25
Recommended Solder Pad Layout
2.54 1.29
1.24
All dimensions are in millimeters.
Pin Connections
# 1 E /D #2 G ND # 3 O u tp u t #4 V DD
* EnAbLE / DISAbLE FUnCTIOn INH (Pin 1) OUTPUT (Pin 3) OPEN 2 ACTIVE '1' Level Vih 70% Vdd ACTIVE '0' Level Vil 30% Vdd High Z
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2007 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
HCMOS 5x3.2mm 2.5V SMD Oscillator
Model: F550H SERIES
Page 2 of 2
RoHS Compliant / Pb Free
Rev. 7/23/2007
http://www.foxonline.com/need_a_sample.htm
* TAPE SPECIFICATIOnS (millimeters)
MODEL F550H Series
* REEL SPECIFICATIOnS (millimeters)
GH I J K LM b CD E F STD Reel QTY MODEL A 2.0 13 21 80 250 13.5 2.0 F550H Series 2,000 1.5 4.0 8.0 7.5 16.0 2.5
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2007 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
41


▲Up To Search▲   

 
Price & Availability of F555H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X