Part Number Hot Search : 
KBPC50 TA143E P6KE100A KRF2805S ICS8402I MVAM108 ENA0299 5N20F
Product Description
Full Text Search
 

To Download EVOA1600000221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electronically Variable Optical Attenuators
EVOA Series
Product Description
Oplink's electronically variable optical attenuator (EVOA) is a high performance opto-mechanical device. EVOA operates by moving an obstructing element into the optical beam and the position of the obstructing element can be adjusted by an integrated, electronically controlled step motor, resulting in fine tuning of attenuation. Oplink's EVOA features a large dynamic attenuation range of >30dB and an excellent optical performance over C- or L-band. Its latching operation retains recent attenuation setting upon removal of drive voltage. Applications include pre-emphasis attenuation, detector saturation control, in-line power equalization and amplifier power control applications. Also, it can be used to extend the dynamic range of optical measurement instruments. Oplink's EVOA is designed to withstand the diverse environmental conditions and compliance to the Telcordia standard GR-1221. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Performance Specificationns
Parameter Min
[1]
Typical
Max
Unit
Operating wavelength range Insertion Loss Attenuation range Temperature dependence of attenuation Wavelength dependence of attenuation Polarization dependence of attenuation PMD Return Loss Resolution Repeatability Back lash Response speed Optical power Operating Temperature Storage Temperature Fiber type POT resistance Package Dimensions
Notes: 1) Excluding connectors. 2) Relative to 23C.
[3] [1] [2]
1525 ~ 1570 or 1570 ~1610 1.0 0 30 0.15 0.2 0.3 0.15 0.2 0.1 40 0.15 0.2 0.3 0.2 100 -5 to +70 -40 to +85 SMF-28 9 10 11
nm dB dB dB dB dB ps dB dB dB dB sec mW C C K mm
Features
Operates over C or L Band Low Insertion Loss and PDL Latching Capability PCB Mountable
0~15dB Attenuation 15~30dB attenuation 0 to15 dB > 15 dB
Applications
Pre-emphasis Attenuation Detector Input Power Control In-line Power Equalization Gain Control in Optical Amplifiers On/Off Switch Instrumentation, Testing and Measurement
P2: 50.0 (L) x25.0 (W) x 12.0 (H P3: 45.0 (L) x18.0 (W) x 12.0 (H)
3) At 3 dB attenuation change.
R09.20090302
Electronically Variable Optical Attenuators
EVOA Series
Mechanical Drawing / Package Dimensions (dimension in mm)
1) Standard Package Type P2 2) Mini Package Type P3
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Electrical Connector Configuration P2
Pin# Pin1 Pin2 Pin3 Pin4 Pin5 Pin6 Pin7 Pin8
Electrical Connector Configuration P3
Pin# Pin1 Pin2 Pin3 Pin4 Pin5 Pin6 Pin7
Function
Motor Phase A-
Motor Phase B+
Motor Phase B-
Motor Phase A+
Pot Wiper
Pot +V
Pot GND
NC
Function
Pot GND
Pot wiper
Motor Phase A-
Motor Phase B+
Motor Phase B-
Motor Phase A+
Pot +V
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
EVOA
0
0
0
Operating Wavelength
C Band = 1550 L Band = 1600
Package Type
P2 = 2 P3 = 3
Fiber Length
0.5meter= H 1.0meter= 1 1.5meter= 5 2.0meter= 2
Connector Type
None = 1 FC/PC=2 FC/SPC=3 FC/APC=4 SC/PC=5 SC/SPC=6 SC/APC=7 ST=8 LC=9 MU=A
Fiber Type
SMF-28 250m =1 SMF-28 w/ 900m loose tube =2
R09.20090302
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of EVOA1600000221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X