Part Number Hot Search : 
74004 M32186 BYX90G SILICON 2SD24 1SMA5935 190MS8E ISL97692
Product Description
Full Text Search
 

To Download ENA1150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1150
CMOS IC
LV51137T
Overview
2-Cell Lithium-Ion Secondary Battery Protection IC
The LV51137T is a protection IC for 2-cell lithium-ion secondary batteries.
Features
* Monitoring function for each cell: * High detection voltage accuracy: * Hysteresis cancel function: * Discharge current monitoring function: * Low current consumption: * 0V cell charging function: Detects overcharge and over-discharge conditions and controls the charging and discharging operation of each cell. Over-charge detection accuracy 25mV Over-discharge detection accuracy 100mV The hysteresis of over-discharge detection voltage is made small by sensing the connection of a load after overcharging has been detected. Detects over-currents, load shorting, and excessively high voltage of a charger and regulates charging and discharging operations. Normal operation mode typ. 6.0A Stand by mode max. 0.2A Charging is enabled even when the cell voltage is 0V by giving a potential difference between the VDD pin and V- pin.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
51408 MS PC 20080312-S00001 No.A1150-1/8
LV51137T
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Power supply voltage Input voltage Charger minus voltage Output voltage Cout pin voltage Dout pin voltage Allowable power dissipation Operating ambient temperature Storage temperature Vcout Vdout Pd max Topr Tstg Independent IC VDD-28 to VDD+0.3 VSS-0.3 to VDD+0.3 170 -30 to +85 -40 to +125 V V mW C C Symbol VDD VConditions Ratings -0.3 to +12 VDD-28 to VDD+0.3 Unit V V
Electrical Characteristics at Ta = 25C, unless especially specified.
Parameter Operation input voltage 0V cell charging minimum operation voltage Over-charge detection voltage Vd1 Ta = 0C to 45C *2 Over-charge reset voltage Vh1 VM Vd3 VM > Vd3 Over-charge detection delay time Over-charge reset delay time Over-discharge detection voltage Over-discharge reset hysteresis voltage Over-discharge detection delay time Over-discharge reset delay time Over-current detection voltage Over-current reset hysteresis voltage Over-current detection delay time Over-current reset delay time Short circuit detection voltage Short circuit detection delay time Over-charger detection voltage Overcharge reset hysteresis voltage Standby reset voltage Excessively high voltage charger detection delay time Excessively high voltage charger reset delay time Reset resistance (connected to VDD) Reset resistance (connected to VSS) Cout Nch ON voltage Cout Pch ON voltage Dout Nch ON voltage Dout Pch ON voltage Vc input current Current drain Standby current T-terminal input ON voltage RDD RSS VOL1 VOH1 VOL2 VOH2 Ivc IDD Istb Vtest IOL=50A, VDD-Vc=4.4V, Vc-VSS=4.4V IOL=50A, VDD-Vc=3.9V, Vc-VSS=3.9V IOL=50A, VDD-Vc=2.2V, Vc-VSS=2.2V IOL=50A, VDD-Vc=3.9V, Vc-VSS=3.9V VDD-Vc=3.5V, Vc-VSS=3.5V VDD-Vc=3.5V, Vc-VSS=3.5V VDD-Vc=2.2V, Vc-VSS=3.5V VDD-Vc=3.5V, Vc-VSS=3.5V VDDx0.4 VDDx0.5 VDD-0.5 0.0 6.0 1.0 13.0 0.2 VDDx0.6 VDD-0.5 0.5 100 7.5 200 15 400 30 0.5 k k V V V V A A A V tr5 td1 tr1 Vd2 Vh2 td2 tr2 Vd3 Vh3 td3 tr3 Vd4 td4 Vd5 Vh5 Vstb td5 VDD-Vc=3.5V2.2V, Vc-VSS=3.5V VDD-Vc=2.2V3.5V, Vc-VSS=3.5V VDD-Vc=3.5V, Vc-VSS=3.5V VDD-Vc=3.5V, Vc-VSS=3.5V VDD-Vc=3.5V, Vc-VSS=3.5V VDD-Vc=3.5V, Vc-VSS=3.5V VDD-Vc=3.5V, Vc-VSS=3.5V VDD-Vc=3.5V, Vc-VSS=3.5V Between VDD-Vc=3.5V, Vc-VSS=3.5V (V-)-VSS VDD-Vc=3.5V, Vc-VSS=3.5V Between VDD-Vc=2.0V, Vc-VSS=2.0V (V-)-VSS VDD-Vc=3.5V, Vc-VSS=3.5V *1 VDD-Vc=3.5V, Vc-VSS=3.5V 0.5 1.5 3.0 ms VDD-Vc=3.5V4.5V, Vc-VSS=3.5V VDD-Vc=4.5V3.5V, Vc-VSS=3.5V 4.185 4.175 4.000 4.110 0.5 20.0 2.20 10.0 50 0.5 0.135 5.0 2.5 0.5 1.0 0.2 -0.275 10.0 VDDx0.4 0.5 1.0 40.0 2.30 20.0 100 1.0 0.150 10.0 5.0 1.0 1.3 0.5 -0.200 30.0 VDDx0.5 1.5 4.210 4.210 4.050 4.235 4.245 4.100 4.220 1.5 60.0 2.40 40.0 150 1.5 0.165 20.0 7.5 1.5 1.6 0.8 -0.125 50.0 VDDx0.6 3.0 V V V V s ms V mV ms ms V mV ms ms V ms V mV V ms Symbol Vcell Vmin Conditions Between VDD and VSS Between VDD-VSS =0 and VDD-VRatings min 1.5 typ max 10 1.5 Unit V V
*1 : Upon connecting to charger upon over-discharge, the delay time after recovery from over-discharge. *2 : The ratings in the temperature range of the table above are design target values and are not tested at the time of shipment.
No.A1150-2/8
LV51137T
Package Dimensions
unit : mm (typ) 3245B
200
Pd max -- Ta
Independent IC
3.0 8
Allowable power dissipation, Pd max -- mW
170 150
3.0
4.9
100
0.5
1 (0.53)
2 0.65 0.25
(0.85) 1.1MAX
68 50
0.125
0 -30 -20
0
20
40
60
80
100
Ambient temperature, Ta -- C
0.08
SANYO : MSOP8(150mil)
Pin Assignment
Dout 8 T 7 Vc Sense 6 5
2 VDD Cout
1
3 V-
4 VSS
Top view
Pin Functions
Pin No. 1 2 3 4 5 6 7 8 VDD Cout VVSS Sense Vc T Dout Symbol VDD pin Overcharge detection output pin Charger minus voltage input pin VSS pin Sense pin Intermediate voltage input pin Pin to shorten detection time ("H":Shortening mode, "L":Normal mode) Overdischarge detection output pin Description
No.A1150-3/8
LV51137T
Block Diagram
Sence 5 VDD 1 Level shift
+ + + td5,tr5
td1,tr1 Delay control logic td2,tr2
2 Cout
Vc 6
+ + + -
8 Dout
td3,tr3 + td4
4 VSS
3 V-
7 T
No.A1150-4/8
LV51137T
Functional Description
Over-charge detection If either of the cell voltage is equal to or more than the over-charge detection voltage, stop further charging by turning "L" the Cout pin and turning off external Nch MOS FET after the over-charge detection delay time. This delay time is set by the internal counter. The over-charge detection comparator has the hysteresis function. Note that this hysteresis can be cancelled by connecting the load after detection of over-charge detection. and it becomes small to hysteresis peculiar to a comparator. Over-charge release If both cell voltages become equal to or less than the over-charge release voltage (VM Vd3) when charger is connected, or if it become equal to or less than the over-charge release voltage (VM > Vd3) when load is connected, the Cout pin returns to "H" after the over-charge release delay time set by the internal counter. When load is connected and either cell or both cell voltages are equal to or more than the over-charge release voltage (VM > Vd3), the Cout pin does not return to "H". But the load current flows through the parasitic diode of external Nch MOS FET on Cout, consequently each cell voltage becomes equal to or less than over-charge release voltage, (VM > Vd3) the Cout pin returns to "H." after the over-charge release delay time. However, excessive voltage charger is connected as mentioned below, Cout pin does not return to "H" because excessive charger detection starts after over-charge release operation. Over-discharge detection When either cell voltage is equal to or less than over-discharge voltage, the IC stops further discharging by turning the Dout pin "L" and turning off external Nch MOS FET after the over-charge detection delay time. The IC goes into stand-by mode after detecting over-discharge and its consumption current is kept at about 0A. After over-discharge detection, the V- pin will be connected to VDD pin via internal resistor (typ 200k). Over-discharge release Release from over-discharge is made by only connecting charger. If the V- pin voltage becomes equal to or lower than the stand-by release voltage by connecting charger after detecting over-discharge, The IC is released from the stand-by state to start cell voltage monitoring. If both cell voltages become equal to or more than the over-discharge detection voltage by charging, the Dout pin returns to "H" after the over-discharge release delay time set by the internal counter. Over-current detection When excessive current flows through the battery, the V- pin voltage rises by the ON resister of external MOS FET and becomes equal to or more than the over-current detection voltage, the Dout pin turns to "L" after the over-current detection delay time and the external Nch MOS FET is turned off to prevent excessive current in the circuit. The detection delay time is set by the internal counter. After detection, the V- pin will be connected to VSS via internal resistor (typ 15k). It will not go into stand-by mode after detecting over-current. Short circuit detection If greater discharging current flows through the battery and the V- pin voltage becomes equal to or more than the short-circuit detection voltage, it will go into short-circuit detection state after the short circuit delay time shorter than the over-current detection delay time. When short-circuit is detected, just like the time of over-current detection, the Dout pin turns to "L" and external Nch MOS FET is turned off to prevent high current in the circuit. The V- pin will be connected to VSS after detection via internal resistor (typ. 15k). It will not go into stand-by mode after detecting short circuit. Over-current/short-detection release After detecting over-current or short circuit, the internal resistor (typ. 15k) between V- pin and VSS pin becomes effective. If the load resistor is removed, the V- pin voltage will be pulled down to the VSS level. Thereafter, the IC will be released from the over-current/short-circuit detection state when the V- pin voltage becomes equal to or less than the over-current detection voltage, and the Dout pin returns to "H" after over-current release delay time set by the internal counter.
No.A1150-5/8
LV51137T
Excessive charger detection/release If the voltage between V- pin and VSS pin becomes equal to or less than the excessive charger detection voltage by connecting a charger, no charging can be made by turning the Cout pin "L" after delay time and turning off the external Nch MOS FET. If that voltage returns to equal to or more than the excessive charger detection voltage during detection delay time, the excessive charger detection will be stopped. If the voltage between V- pin and VSS pin becomes equal to or more than the excessive charger detection voltage after excessive charger detection, the Cout returns to "H" after delay time. The detection/return delay time is set internally. If Dout pin is "L", charging will be made through the parasitic diode of external Nch FET on Dout pin. In that case, the voltage between V- pin and VSS pin is nearly -Vf which is less than the over-charger detection voltage, therefore no excessive charger detection will be made during over-discharge, over-current and short-circuit detection. Furthermore, if excessive voltage charger is connected to the over-discharged battery, no excessive charger detection is made while the Dout pin is "L". But the battery is continued charging through the parasitic diode. If the battery voltage rises to the over-discharge detection voltage and the voltage between V- pin and VSS pin remains equal to or less than the excessive charger detection voltage, the delay operation will be started after Dout pin turns to "H." 0V cell charging operation If voltage between VDD and V becomes equal to or more than the 0V cell charging lowest operation voltage when the cell voltage is 0V, the Cout pin turns to "H" and charging is enabled. Shorten the test time By turning T pin to the VDD , the delay times set by the internal counter can be cut. If T pin is open, the delay times are normal. Delay time not set by the counter just like as short circuit detection delay cannot be controlled by this pin. And we recommend that T pin is connected to VSS to prevent malfunction when excessive current flows in short circuit operation.
Operation in case of detection overlap
Overlap state When, during overcharge detection, Over-discharge detection is made, Operation in case of detection overlap Over-charge detection is preferred. If overdischarge state continues even after overcharge detection, over-discharge detection is resumed. State after detection When over-charge detection is made first, V- is released. When over-discharge is detected after over-charge detection, the standby state is not effectuated. Note that V- is connected to VDD via 200k. (*2) When over-current is detected first, V- is connected to VSS via 15k. When over-charge detection is made first, V- is released.
Over-current detection is made,
(*1) Both detections' can be made in parallel. Over-charge detection continues even when the over-current state occurs. If the over-charge state occurs first, over-current detection is interrupted.
When, during overdischarge detection,
Over-charge detection is made,
Over-discharge detection is interrupted and over-charge detection is preferred. When overdischarge state continues even after overcharge detection, over-discharge detection is resumed.
The standby state is not effectuated when overdischarge detection is made after over-charge detection. Note that V- is connected to VDD via 200k. (*4) If over-current is detected in advance, V will be connected to VSS via 15k. After detecting over-discharge, V will be connected to VDD via 200k to get into standby state. If overdischarge is detected in advance, V will be connected to VDD via 200k to get into standby state. (*2) (*4)
Over-current detection is made,
(*3) Both detections can be made in parallel. Over-discharge detection continues even when the over-current state is effectuated first. Overcurrent detection is interrupted when the overdischarge state is effectuated first,
When, during overcurrent detection,
Over-charge detection is made, Over-discharge detection is made,
(*1) (*3)
(Note) Short-circuit detection can be made independently. Over-charger detection does not work during over-discharge, over-current or short-circuit detection and the delay time starts after return from these states.
No.A1150-6/8
LV51137T
Timing Chart
[Cout Output System]
Charger connection Hysteresis cancellation by load connection
Load connection
Charger connection
Load connection
Charger connection
Over-charger connection
Load connection
Vd1 Vr1 Charging recovery depends on charger voltage when connecting charger.
VDD Vd2
VDD Vd4 VVd3 VSS Vd5
Discharging via FETparasite Di
Discharging via FETparasite Di
VDD td1 VOver-charge detection state Over-charge detection state Over-charger detection state tr1 td1 tr1 td5 tr5
Cout
[Dout Output System]
Load connection Charger connection Load connection Over-current occurrence Vd1 Vr1 Load connection Load short-circuit occurrence Load connection Over-charger connection
VDD Vd2
To standby VDD Vd4 VVd3 VSS Vd5
To standby
Charging via FETparasite Di
VDD Dout VSS Over-discharge detection state Over-current detection state Short-circuit detection state td2 tr2 td3 tr3 td4 tr3 td2 tr2
VDD Cout VOver-charger detection upon charging over-discharged battery is activated after return from over-charge. td5
No.A1150-7/8
LV51137T
Application Circuit Example
+
R1 C1 R2 C2 VDD Vc R4 Sense T C3 VSS VVSS Dout Cout R3
LV51137T
-
Components R1, R2 R3 R4 C1, C2, C3
Recommended value 100 2k 100 0.1
max 1k 4k 10k 1
unit F
* These numbers don't mean to guarantee the characteristic of the IC. * In addition to the components in the upper diagram, it is necessary to insert a capacitor with enough capacity between VDD and VSS of the IC as near as possible to stabilize the power supply voltage to the IC.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of May, 2008. Specifications and information herein are subject to change without notice. PS No.A1150-8/8


▲Up To Search▲   

 
Price & Availability of ENA1150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X