|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: DUY08C-A www.SunLED.com 9.9mm (0.39") SINGLE DIGIT NUMERIC DISPLAY Features 0.39 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD: GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UY (GaAsP/GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR UY (GaAsP/GaP) 1.95 2.5 10 Unit V V uA Unit V mA mA mW C P 590 nm D 588 nm 35 nm 260C For 3~5 Seconds C 20 pF Part Number Emitting Color Emitting Material Luminous Intensity (IF=10mA) ucd min. typ. 2990 Wavelength nm P Description DUY08C-A Yellow GaAsP/GaP 800 590 V3 Common Cathode, Rt. Hand Decimal. Checked : Shin Chi P.1/4 Published Date : MAR 05,2008 Drawing No : SDSA2027 Part Number: DUY08C-A www.SunLED.com 9.9mm (0.39") SINGLE DIGIT NUMERIC DISPLAY UY Published Date : MAR 05,2008 Drawing No : SDSA2027 V3 Checked : Shin Chi P.2/4 Part Number: DUY08C-A www.SunLED.com 9.9mm (0.39") SINGLE DIGIT NUMERIC DISPLAY Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : MAR 05,2008 Drawing No : SDSA2027 V3 Checked : Shin Chi P.3/4 Part Number: DUY08C-A www.SunLED.com 9.9mm (0.39") SINGLE DIGIT NUMERIC DISPLAY PACKING & LABEL SPECIFICATIONS DUY08C-A Published Date : MAR 05,2008 Drawing No : SDSA2027 V3 Checked : Shin Chi P.4/4 |
Price & Availability of DUY08C-A |