Part Number Hot Search : 
X1N965A TM24064 R1005 87HFR160 CNY29 250BZX GL3T422 2SB955K
Product Description
Full Text Search
 

To Download DUY07A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
DUY07A
7.62mm (0.3") SINGLE DIGIT NUMERIC DISPLAY
Features
0.3 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD: GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice.
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg
UY (GaAsP/GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
UY (GaAsP/GaP) 1.95 2.5 10
Unit
V V uA
P
590
nm
260C For 3~5 Seconds
D
588
nm
35
nm
C
20
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 4690
Wavelength nm P
Description
DUY07A
Yellow
GaAsP/GaP
1200
590
Common Anode, Rt. Hand Decimal.
Published Date : FEB 29, 2008
Drawing No : SDSA2006
V3
Checked : Shin Chi
P.1/4
www.SunLED.com
Part Number:
DUY07A
7.62mm (0.3") SINGLE DIGIT NUMERIC DISPLAY
UY
Published Date : FEB 29, 2008
Drawing No : SDSA2006
V3
Checked : Shin Chi
P.2/4
www.SunLED.com
Part Number:
DUY07A
7.62mm (0.3") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 29, 2008
Drawing No : SDSA2006
V3
Checked : Shin Chi
P.3/4
www.SunLED.com
Part Number:
DUY07A
7.62mm (0.3") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUY07A
Published Date : FEB 29, 2008
Drawing No : SDSA2006
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUY07A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X