Part Number Hot Search : 
01112 GAANUA 10TFI0 AD9049BR 1H222M L9637D CAT28 01112
Product Description
Full Text Search
 

To Download DUY07A2-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DUY07A2-A
www.SunLED.com
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
Features
0.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UY (GaAsP/ GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) mcd min. typ. 1890 V2 590 Wavelength nm P VF VF IR
UY (GaAsP/ GaP) 1.95 2.5 10
Unit
V V uA
P
590
nm
D
588
nm
35
nm
260C For 3~5 Seconds
C
20
pF
Part Number
Emitting Color
Emitting Material
Description
DUY07A2-A
Yellow
GaAsP/GaP
480
Common Anode, Rt. Hand Decimal P.1/4
Published Date : FEB 28, 2008
Drawing No : SDSA4536
Checked : Shin Chi
Part Number:
DUY07A2-A
www.SunLED.com
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
UY
Published Date : FEB 28, 2008
Drawing No : SDSA4536
V2
Checked : Shin Chi
P.2/4
Part Number:
DUY07A2-A
www.SunLED.com
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 28, 2008
Drawing No : SDSA4536
V2
Checked : Shin Chi
P.3/4
Part Number:
DUY07A2-A
www.SunLED.com
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUY07A2-A
Published Date : FEB 28, 2008
Drawing No : SDSA4536
V2
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUY07A2-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X