Part Number Hot Search : 
SB360S S2506 5933B SM5520 RELAYS EA100 2SA1288 MV3507DG
Product Description
Full Text Search
 

To Download DUG57A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
DUG57A
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Features
2.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C.BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) Absolute Maximum Ratings (TA=25C) Reverse Voltage
Per Segment Or ( DP) Per Segment Or ( DP)
UG (GaP) VF 8.0(4.0)
Unit
UG (GaP) VR IF 20(10) 25(25)
Unit V mA
(IF=10mA) Forward Voltage (Max.)
Per Segment Or ( DP)
V
(IF=10mA) Reverse Current
Per Segment Or (Dp)
VF
10.0(5.0)
V
Forward Current
Per Segment Or ( DP)
Forward Current (peak)
Per Segment Or ( DP)
(VR=20(10)V) iFS 140 mA Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 52990 V4 565 Wavelength nm P
IR
10
uA
1/10Duty Cycle 0.1ms Pulse Width Power Dissipation
Per Segment Or ( DP)
P
565
nm
PT TA Tstg
250(125) -40 ~ +85 -40 ~ +85
mW C
Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base]
D
568
nm
30
nm
260C For 3~ 5 Seconds
C
15
pF
Part Number
Emitting Color
Emitting Material
Description
DUG57A
Green
GaP
12000
Common Anode, Rt. Hand Decimal Checked : Shin Chi P.1/5
Published Date : MAR 04, 2008
Drawing No : SDSA2166
Part Number:
www.SunLED.com
DUG57A
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 04, 2008
Drawing No : SDSA2166
V4
Checked : Shin Chi
P.2/5
Part Number:
www.SunLED.com
DUG57A
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 04, 2008
Drawing No : SDSA2166
V4
Checked : Shin Chi
P.3/5
Part Number:
www.SunLED.com
DUG57A
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 04, 2008
Drawing No : SDSA2166
V4
Checked : Shin Chi
P.4/5
Part Number:
www.SunLED.com
DUG57A
56.9mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUG57A
Published Date : MAR 04, 2008
Drawing No : SDSA2166
V4
Checked : Shin Chi
P.5/5


▲Up To Search▲   

 
Price & Availability of DUG57A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X