Part Number Hot Search : 
GBL408 29F80 S2401 MB358 FR40JR02 DT54F 12812 H3900
Product Description
Full Text Search
 

To Download DMR25C-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
DMR25C-1
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
Features
1.02 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment or (DP) Forward Current Per Segment or (DP) Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Per Segment or (DP) Power Dissipation Per Segment or (DP) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF MR (GaAlAs) 10(5) 30(30) Unit V mA Operating Characteristics (TA=25C) Forward Voltage (Typ.) Per Segment Or ( DP) (IF=10mA) Forward Voltage (Max.) Per Segment Or ( DP) (IF=10mA) Reverse Current (Max.) Per Segment Or (DP) (VR=10(5)V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF MR (GaAlAs) 3.6(1.8) Unit
V
VF
5.0(2.5)
V
iFS
155(155)
mA
IR
10(10)
uA
PT TA Tstg
150(75) -40 ~ +85 -40 ~ +85
mW C
P
660
nm
D
640
nm
260C For 3~5 Seconds
20
nm
C
45
pF
Published Date : MAR 14,2008
Drawing No : SDSA2135
V3
Checked : Shin Chi
P.5/5
Part Number:
www.SunLED.com
DMR25C-1
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 59990
Wavelength nm P
Description
DMR25C-1
Red
GaAlAs
12000
660
Common Cathode, Rt. Hand Decimal
MR
Published Date : MAR 14,2008
Drawing No : SDSA2135
V3
Checked : Shin Chi
P.5/5
Part Number:
www.SunLED.com
DMR25C-1
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 14,2008
Drawing No : SDSA2135
V3
Checked : Shin Chi
P.5/5
Part Number:
www.SunLED.com
DMR25C-1
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 14,2008
Drawing No : SDSA2135
V3
Checked : Shin Chi
P.5/5
Part Number:
www.SunLED.com
DMR25C-1
26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DMR25C-1
Published Date : MAR 14,2008
Drawing No : SDSA2135
V3
Checked : Shin Chi
P.5/5


▲Up To Search▲   

 
Price & Availability of DMR25C-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X