Part Number Hot Search : 
SRT50 PMEG4010 I74F776N 47100801 L3VXXW 0603H 12B30 SRT50
Product Description
Full Text Search
 

To Download DMR20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
DMR20A
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
Features
0.8 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. DMR20A Red GaAlAs 8000 typ. 35990 V3 660 Common Anode, Rt. Hand Decimal Checked : Shin Chi P.1/4 Wavelength nm P VF VF IR MR (GaAlAs) 1.8 2.5 10 Unit V V uA
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg
MR (GaAlAs) 5 30 155 75 -40 ~ +85 -40 ~ +85
Unit V mA mA mW C
P
660
nm
D
640
nm
260C For 3 -5Seconds
20
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Description
Published Date : MAR.01.2008
Drawing No : SDSA2104
Part Number:
www.SunLED.com
DMR20A
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
MR
Published Date : MAR.01.2008
Drawing No : SDSA2104
V3
Checked : Shin Chi
P.2/4
Part Number:
www.SunLED.com
DMR20A
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR.01.2008
Drawing No : SDSA2104
V3
Checked : Shin Chi
P.3/4
Part Number:
www.SunLED.com
DMR20A
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DMR20A
Published Date : MAR.01.2008
Drawing No : SDSA2104
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DMR20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X