Part Number Hot Search : 
2N4093 C876764 SMBJ90CA ASWSS01 00059 200000 10310 RURG306
Product Description
Full Text Search
 

To Download DMR20A-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
DMR20A-B
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
Features
0.8 INCH DIGIT HEIGHT. EXCELLENT CHARACTER APPEARANCE. HIGHLIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg MR (GaAlAs) 5 30 155 75 -40 ~ +85 -40 ~ +85
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
MR (GaAlAs) 1.8 2.5 10
Unit V V uA
Unit V mA mA mW C
P
660
nm
D
640
nm
20
nm
260C For 3 ~5 Seconds
C
45
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 35990
Wavelength nm P
Description
DMR20A-B
Red
GaAlAs
8000
660 V3
Common Anode, Lt. Hand Decimal Checked : Shin Chi P.1/4
Published Date : FEB.29,.2008
Drawing No : SDSA2106
www.SunLED.com
Part Number:
DMR20A-B
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
MR
Published Date : FEB.29,.2008
Drawing No : SDSA2106
V3
Checked : Shin Chi
P.2/4
www.SunLED.com
Part Number:
DMR20A-B
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB.29,.2008
Drawing No : SDSA2106
V3
Checked : Shin Chi
P.3/4
www.SunLED.com
Part Number:
DMR20A-B
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DMR20A-B
Published Date : FEB.29,.2008
Drawing No : SDSA2106
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DMR20A-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X