Part Number Hot Search : 
SK13B PE3608 5HJ43 SQJ469EP 9015A 0512M MJ100 CS9248
Product Description
Full Text Search
 

To Download CX4VSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX4VSM CRYSTAL
30 kHz to 200 kHz
TM
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
DESCRIPTION
STATEK's ultra-miniature CX4VSM quartz crystals are hermetically sealed in surface mount ceramic packages and custom laser-tuned to frequencies ranging from 30 kHz to 200 kHz. This high quality tuning fork resonator is intended for use in Pierce (single inverter) oscillators with a maximum process temperature not to exceed 260OC.
FEATURES
actual size side view Glass Lid Shown
PACKAGE DIMENSIONS D
Ultra-miniature, surface mount design Available with glass or ceramic lid Hermetically sealed ceramic package Quartz crystal tuning fork design High shock and vibration survival Excellent aging characteristics Designed for low power applications Full military testing available Designed and manufactured in the USA
TYP.
APPLICATIONS B C D E A TOP F BOTTOM
MAX. mm 5.00 1.83 0.91 0.51 0.64 inches 0.210 0.085 0.046 CERAMIC LID inches 0.050 0.051 0.053 mm 1.27 1.30 1.35 mm 5.33 2.16 1.16 -
DIM A B C D E F DIM "C" MAX SM1 SM2 SM3
inches 0.197 0.072 0.036 0.020 0.025
Medical Implantable and Non-Implantable Devices Military Devices Smart Card Transponder / Animal Migration Space Limited Devices Handheld Battery Operated Devices Down Hole / Industrial Instrumentation Computer / Computer Peripherals
see below
GLASS LID inches 0.045 0.046 0.048 mm 1.14 1.17 1.22
SUGGESTED LAND PATTERN EQUIVALENT CIRCUIT 0.059 (1.5)
C0
0.092 (2.3)
1
L1
C1
R1
2
0.160 (4.0) inches (mm)
10103 - Rev C
S
R1 Motional Resistance L1 Motional Inductance C1 Motional Capacitance C0 Shunt Capacitance
YS
ERTI FI TE M C CT A
N IO
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
IS O
90
01
SPECIFICATIONS
TYPICAL APPLICATION FOR A PIERCE OSCILLATOR
Specifications are typical at 25OC unless otherwise noted. Specifications are subject to change without notice. Parameters Fundamental Overtone Frequency, (kHz) Motional Resistance R1(k) Motional Capacitance C1 (fF) Quality Factor Q (k) Shunt Capacitance C0 (pF) Load Capacitance (pF)* Turning Point ( C)* Standard Calibration Tolerance** Glass Lid: Ceramic Lid: Drive Level 30 ppm (0.003%)
+ _ + _ + _
o
32.768 50 2.3 40 1.1 9 25
100 18 1.07 85 0.7 8 10
200 2.4 2.2 140 1.2 5 29
The CX4 family of surface mount crystals are ideal for small, high density, battery operated portable products. The CX4 crystal designed in a Pierce oscillator (single inverter) circuit provides very low current consumption and high stability. A conventional CMOS Pierce oscillator circuit is shown below. The crystal is effectively inductive and in a PInetwork circuit with CD and CG provides the additional phase shift necessary to sustain oscillation. The oscillation frequency (f0) is 50 to 150 ppm above the crystal's series resonant frequency (fS). Drive Level RA is used to limit the crystal's drive level by forming a voltage divider between RA and CD. RA also stabilizes the oscillator against changes in the amplifiers output resistance (R0). RA should be increased for higher voltage operation. Load Capacitance The CX4 crystal calibration tolerance is influenced by the effective circuit capacitances, specified as the load capacitance (CL). CL is approximately equal to: CL = CD x CG CD + CG
+ CS
100 ppm (0.01%) 1000 ppm (0.1%)
+ _
1000 ppm (0.1%) 10000 ppm (1.0%)
100 ppm (0.01%)
+ _
+ _
0.5 W MAX
Temperature Coefficient (k) -0.035 ppm/OC2 Note: Frequency f at temperature T is related to frequency f0 at turning point temperature T0 by: f-f0 2 = k(T-T0) f0 Aging, first year 5 ppm Shock, survival Vibration, survival Operating Temp. Range 5,000 g peak, 0.3 ms, 1/2 sine 20 g RMS, 10-2,000 Hz random -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military) -55OC to +125OC 260OC for 20 sec.
(1)
NOTE: CD and CG include stray layout to ground and CS is the stray shunt capacitance between the crystal terminal. In practice, the effective value of CL will be less than that calculated from CD, CG and CS values because of the effect of the amplifier output resistance. CS should be minimized. The oscillation frequency (f0) is approximately equal to: f0 = fS 1 + Where f S C1 C0 C1 2(C0 + CL)
Storage Temp. Range Max Process Temperature
* Other values available ** Tighter tolerances available
[
]
(2)
= Series resonant frequency of the crystal = Motional Capacitance = Shunt Capacitance
TERMINATIONS
CONVENTIONAL CMOS PIERCE OSCILLATOR CIRCUIT
Designation SM1 SM2 SM3 CX4VSM
Termination Gold Plated Solder Plated Solder Dipped - Tray Pack - 16mm tape, 7" or 13" reels
(Reference tape and reel data sheet 10109)
Rf BUFFER OSC Freq (fO )
PACKAGING OPTIONS
AMPLIFIER
RA
HOW TO ORDER CX4VSM CRYSTALS CX4V S C
C = Ceramic Lid Blank = Glass Lid "S" if special or custom design. Blank if standard
SM1
32.768K , 100
Frequency K = kHz Calibration Tolerance @25OC (in ppm)
/
I
CG
SM1 = Gold Plated SM2 = Solder Plated SM3 = Solder Dipped
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
CX4 XTAL
CD
10103 - Rev C
S
YS
ERTI FI TE M C CT A
N IO
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
IS O
90
01


▲Up To Search▲   

 
Price & Availability of CX4VSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X