Part Number Hot Search : 
SB103 MC5832 1A37TSM HSR0612A KE47A SM7153 1N5999B HSR0612A
Product Description
Full Text Search
 

To Download CX3HCSM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX3HSM CRYSTAL
18 kHz to 600 kHz
TM
Low Profile Surface Mount Quartz Crystal for Series Oscillators
DESCRIPTION
The CX3HSM quartz crystals are leadless devices designed for surface mounting on printed circuit boards or hybrid substrates. These miniature crystals are intended to be used in Series oscillators. They are hermetically sealed in a rugged, miniature ceramic package. They are manufactured using the STATEKdeveloped photolithographic process, and were designed utilizing the experience acquired by producing millions of crystals for industrial, commercial, military and medical applications. Maximum process temperature should not exceed 260O C.
FEATURES
actual size
Glass Lid Shown PACKAGE DIMENSIONS D
side view
A
TOP D
BOTTOM
Miniature tuning fork design High shock resistance Designed for low power applications Compatible with hybrid or PC board packaging Low aging Full military testing available Designed and manufactured in the USA
DIM A B C D E
EQUIVALENT CIRCUIT B C
D E
TYP. inches 0.263 0.097 0.052 0.030 mm 6.68 2.46 1.32 0.76 inches 0.270 0.104 0.058 0.035
MAX. mm 6.86 2.64 1.47 0.89
see below
DIM "C"" MAX SM1 SM2 SM3
GLASS LID inches 0.053 0.055 0.058 mm 1.35 1.40 1.47
CERAMIC LID inches 0.067 0.069 0.072 mm 1.70 1.75 1.83
C0 1 L1 C1 R1 2
R1 Motional Resistance L1 Motional Inductance C1 Motional Capacitance C0 Shunt Capacitance
CONVENTIONAL SERIES OSCILLATOR CIRCUIT
Rf
SUGGESTED LAND PATTERN
0.070 (1.78)
OSCILLATOR
0.110 (2.79)
CA RA RB
BUFFER
CX3H XTAL
Contact factory for design guidelines
inches (mm)
0.210 (5.33)
10146 - Rev D
S
YS
ERTI FI TE M C CT A
N IO
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
IS O
90
01
SPECIFICATIONS
FIGURE 1 CX3H TYPICAL MOTIONAL RESISTANCE (R1)
(in 1000's)
Specifications are typical at 25OC unless otherwise noted. Specifications are subject to change without notice. Frequency Range 18 kHz to 600 kHz Functional Mode Tuning Fork (Flexure) Standard Calibration Tolerance* (see table below) Motional Resistance (R1) See Figure 1 MAX: 18-25 kHz, 2x Typ. 25-600 kHz, 2.5x Typ. Motional Capacitance (C1) Figure 2 Quality Factor (Q) Figure 3 MIN is 0.25x Typ. Shunt Capacitance (C0) 1.8 pF MAX. Drive Level 18-24.9 kHz 0.5 W MAX. 25-600 kHz 1.0 W MAX. Turning Point (T0)** Figure 4 Temperature Coefficient (k) -0.035 ppm/0C2 Aging, first year 5 ppm MAX Shock, survival*** 1,500 g peak, 0.3 ms, 1/2 sine Vibration, survival*** 10 g RMS, 20-2,000 Hz random Operating Temp. Range -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military) Storage Temp. Range -55OC to +125OC Max Process Temperature 260OC for 20 sec.
* Other calibration values available, consult factory. ** Other turning point available. *** Higher shock and vibration available.
1000 500
R1(k )
2
100 50 20 10 18 50 100 200 600
0 0
Frequency (kHz)
FIGURE 2 CX3H TYPICAL MOTIONAL CAPACITANCE (C1)
5
C1(fF)
2 1.0 0.5
18
50
100
200
600
Frequency (kHz)
FIGURE 3 CX3H TYPICAL QUALITY FACTOR (Q)
50 20 10 5 2 18 50 100 200 600
CX3H Standard Calibration T olerance at 25OC
Frequency Range (kHz) 18-74.9 30 ppm (0.003%)
+ _ + _
Frequency (kHz)
75-169.9 50 ppm (0.005%)
+ _ + _
170-249.9
+ _
250-600
+ _
FIGURE 4 CX3H TYPICAL TURNING POINT TEMP (T0) .
100 ppm (0.01%) 200 ppm (0.02%)
200 ppm (0.02%)
+ _
1000 ppm (0.1%)
+ _
1000 ppm (0.1%)
+ _
2000 ppm (0.2%)
+ _
5000 ppm (0.5%)
TERMINATIONS
TO( C)
100 ppm (0.01%)
100 ppm (0.01%)
+ _
+ _
500 ppm (0.05%)
+80 +70 +60 +50 +40 +30 +20 +10 0 -10 -20
O
Designation SM1 SM2 SM3
Termination Gold Plated Solder Plated Solder Dipped
18
50
100
200
600
Frequency (kHz)
Note: Frequency f at temperature T is related to frequency f0 at turning point temperature T0 by: f-f0 = k(T-T0)2
f0
HOW TO ORDER CX3HSM CRYSTALS CX3H S C SM1 32.0K,
Frequency K = kHz SM1 = Gold Plated SM2 = Solder Plated SM3 = Solder Dipped
PACKAGING OPTIONS
30
Calibration Tolerance @ 25OC (in ppm)
/
M
CX3HSM - Tray Pack - Tape and Reel
(Reference tape and reel data sheet 10109)
"S" if special or custom design. Blank if Std.
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
Blank = Glass Lid C = Ceramic Lid
10146 - Rev D
S
YS
ERTI FI TE M C CT A
N IO
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
IS O
90
01


▲Up To Search▲   

 
Price & Availability of CX3HCSM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X