Part Number Hot Search : 
SP6126 LVC4066D OPL71 ZMC5271 FOD8318 TLP3041F 30030 2009DHI
Product Description
Full Text Search
 

To Download CPE-164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 page date
1 of 5
11/12/2007
PART NUMBER: CPE-164
DESCRIPTION: piezo audio transducer
SPECIFICATONS
operating voltage current consumption sound pressure level electrostatic capacity operating tempurature storage tempurature dimensions weight material terminal RoHS 20 Vp-p max. 10 mA max. 80 db min. 16,000 30% -20 ~ +70 C -30 ~ +80 C O13.7 x H7.6 mm 0.9 g max. NORYL (black) pin type (Au plating) yes at 10 Vp-p, sqaure wave, 4.0 Khz at 10 cm/10 Vp-p, sqaure wave, 4.0 Khz at 1 Khz/1 V
APPEARANCE DRAWING
tolerance: 0.5 units: mm
13.7 7.6 0.7 0.1 (2 PLCS)
+
masking lable 5.5
-
7.62
4.5
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
2 of 5
11/12/2007
PART NUMBER: CPE-164
DESCRIPTION: piezo audio transducer
FREQUENCY RESPONSE CURVE
MEASUREMENT METHOD
S.P.L. Measuring Circuit Input Signal: 10 Vp-p, 4.0 KHz, square wave Mic: RION S.P.L. meter UC30 or equivalent S.G.: Hewlett Packard 33120A function generator or equivalent
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
3 of 5
11/12/2007
PART NUMBER: CPE-164
DESCRIPTION: piezo audio transducer
MECHANICAL CHARACTERISTICS
item solderability test condition evaluation standard Lead terminals are immersed in rosin for 90% min. of the lead terminals 5 seconds and then immersed in solder bath will be wet with solder of 270 5C for 3 1 seconds. (except the edge of the terminal). Lead terminals are immersed up to 1.5mm from buzzer's body in solder bath of 300 5C for No interference in operation. 3 0.5 seconds or 260 5C for 10 1 seconds. For 10 seconds, the force of 9.8N (1.0kg) is No damage or cutting off. applied to each terminal in axial direction. The buzzer shall be measured after applying a vibration amplitude of 1.5 mm with 10 to The value of oscillation 55 Hz band of vibration frequency to each of frequency/current consumption the 3 perpendicular directions for 2 hours. should be 10% of the initial The part will be dropped from a height of measurements. The SPL should 75 cm onto a 40 mm thick wooden board 3 be within 10dB compared with times in 3 axes (X, Y, Z) for a total of 9 drops. the initial measurement.
soldering heat resistance
terminal mechanical strength vibration
drop test
ENVIRONMENT TEST
item high temp. test low temp. test humidity test temp. cycle test test condition After being placed in a chamber at +80C for 240 hours. After being placed in a chamber at -30C for 240 hours. After being placed in a chamber at +40C and 905% relative humidity for 240 hours. The part shall be subjected to 5 cycles. One cycle will consist of:
+80 +25 -30 0.5hr 0.5hr 0.25 0.5hr 0.5hr 0.5hr 0.25 +25
evaluation standard
The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
3hours
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
4 of 5
11/12/2007
PART NUMBER: CPE-164
DESCRIPTION: piezo audio transducer
RELIABILITY TEST
item operating (life test) test condition 1. Continuous life test: The part will be subjected to 48 hours of continuous operation at +55C with rated voltage applied. 2. Intermittent life test: A duty cycle of 1 minute on, 1 minutes off, a minimum of 5,000 times at room temp (+25 2C) with rated voltage applied. evaluation standard The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
TEST CONDITIONS
standard test condition judgement test condition a) tempurature: +5 ~ +35C a) tempurature: +25 2C b) humidity: 45 - 85% b) humidity: 60 - 70% c) pressure: 860-1060 mbar c) pressure: 860-1060 mbar
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
5 of 5
11/12/2007
PART NUMBER: CPE-164
DESCRIPTION: piezo audio transducer
PACKAGING
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383


▲Up To Search▲   

 
Price & Availability of CPE-164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X