Part Number Hot Search : 
VQ240 2N60S CR1300SC D2915 LC96P T221034 74HCT574 P1200
Product Description
Full Text Search
 

To Download CHDTA123YKPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTA123YKPT
CURRENT 100 mAmpere
FEATURE
* Small surface mounting type. (SC-59/SOT-346) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=2.2k, Typ. )
SC-59/SOT-346
(2) (3)
0.95 2.7~3.1 0.95
(1)
1.7~2.1
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one package.
0.3~0.51 1.2~1.9
MARKING
YK1
0.085~0.2
Gnd In 1
0.89~1.3 0.3~0.6 2.1~2.95 0~0.1
CIRCUIT
2
R2 TR R1
3 Out
Dimensions in millimeters
SC-59/SOT-346
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VIN IO DC Output current IC(Max.) PTOT TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2004-01
PARAMETER Supply voltage Input voltage
CONDITIONS -
MIN.
MAX. -50 +5 -100 V V
UNIT
-12 - - Tamb 25 OC, Note 1 - -55 - junction - soldering point -
mA -100 200 +150 150 140 mW
O
Total power dissipation Storage temperature Junction temperature Thermal resistance
C C C/W
O
O
RATING CHARACTERISTIC ( CHDTA123YKPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL VIoff) VI(on) VO(on) II IC(off) hFE R1 R2/R1 fT PARAMETER Input off voltage Input on voltage Output voltage Input current Output current DC current gain Input resistor Resistor ratio Transition frequency IC=-5mA, VCE=-10.0V f=100MHz = CONDITIONS IO=-100uA; VCC=-5.0V IO=-20mA; VO=-0.3V IO=-10mA; II=-0.5mA VI=-5V VI=0V; VCC=-50V IO=-10mA; VO=-5.0V - - - - 33 1.54 3.6 - MIN. -0.3 - - - - - - 2.2 4.5 250 TYP. - -3.0 -0.3 -3.8 -0.5 - 2.86 5.5 - K MHz MAX. V V V mA uA UNIT
Note 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHDTA123YKPT )
Typical Electrical Characteristics
Fig.1 Input voltage vs. output current (ON characteristics)
-100 -50
Fig.2 Output current vs. input voltage (OFF characteristics)
-10m -5m
Vo = -0.3V
OUTPUT CURRENT : Io (A)
VCC= -5V
INPUT VOLTAGE : VI(on) (V)
-2m -1m -500u -200u -100u -50u -20u -10u -5u
-20 -10 -5 -2 -1 -500m
Ta=-40OC 25OC 100OC
Ta=100OC 25OC -40 OC
-200m -100m -100u
-2u -1u -1m -10m -100m 0 -0.4 -1.0 -1.4 -2.0 -2.4 -3.0
OUTPUT CURRENT : IO (A)
INPUT VOLTAGE : VI(off) (V)
Fig.3 DC current gain vs. output current
1k 500
-1
Fig.4 Output voltage vs. output current
lO/lI=20 Ta=100 C 25OC -40 OC
O
VO =- 5V
-500m
DC CURRENT GAIN : GI
200 100 50 20 10 5
Ta=100OC 25OC -40OC
OUTPUT VOLTAGE : VO(on) (V)
-200m -100m -50m -20m -10m -5m
2 1 -100u
-2m -1m -100u
-1m
-10m
-100m
-1m
-10m
-100m
OUTPUT CURRENT : IO (A)
OUTPUT CURRENT : IO (A)


▲Up To Search▲   

 
Price & Availability of CHDTA123YKPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X