Part Number Hot Search : 
30N60A 1903X2XX MMBT4 IRFF113 MAX17075 LC74411N DG211 CX20106A
Product Description
Full Text Search
 

To Download CHDTA114TEPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Digital Silicon Transistor
VOL TA GE 50 Vo l t s
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTA114TEPT
CURRENT 100 m A m p er e
FEATURE
* Small surface mounting type. (SC-75/SOT-416) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=10k, Typ. )
0.1 0.20.05 0.5 1.60.2 0.5
SC-75/SOT-416
(2)
(3)
1.00.1 0.1 0.30.05
(1)
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one package.
0.1 0.20.05 0.80.1
MARKING
TE2
E B 2 1
0.150.05 0.1Min.
0.6~0.9 0~0.1 1.60.2
CIRCUIT
TR R1
3 C
Dimensions in millimeters
SC-75/SOT-416
LIMITING VALUES In accordance with the Absolute Maximum Rating System . SYMBOL VCBO VCEO VEBO IC PC TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2003-12
PARAMETER Coll ector -Base voltage Collector-Emitter voltage Emitter-Base voltage Coll ector current Collector Power dissipation Storage temperature Junction temperature Thermal resistance , Note 1
CONDITIONS -50 -50 -5
VALUE V V V mA
UNIT
-100 Tamb 25 OC, Note 1 150 -55 +150 -55 +150 junction - soldering point 140
mW
O
C
O
C C/W
O
RATING CHARACTERISTIC ( CHDTA114TEPT )
CHARA CTERISTICS Tamb = 25 C unless otherwise specied. SY MBOL BVCBO BVCEO BVEBO VCE(sat) ICBO IEBO hFE R1 fT PARAMETER Collector-Base breakdown voltage Emitter-Base breakdown voltage Collector-Emitter Saturation voltage Collector-Base current Emitter-Base current DC current gain Input resistor Transition frequency CONDITIONS IC= -50uA IE= -50uA IC= -10mA; IB= -1mA VCB= -50V VEB= -4V IC= -1mA; VCE= -5.0V IE=5mA, VCE= -10.0V f=100MHz = MIN. -50.0 -50.0 -5.0 - - - 100 7 - - - - - - - 250 10 250 TY P . - - - -0.3 -0.5 -0.5 600 13 - K MHz MAX. V V V V uA uA UNIT
Collector-Emitter breakdown voltage IC= -1mA
Not e 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHDTA114TEPT )
Typical Electrical Characteristics
1k 500
DC CURRENT GAIN : hFE
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
Fig.1 DC current gain vs. collector current
VCE=-5V
Fig.2 Collector-emitter saturation voltage vs. collector current
-1 -500m -200m -100m -50m -20m -10m -5m -2m -1m -100u -500u -1m -5m -10m -50m -100m 100 C 25OC -40 OC
O
lC/lB=10
200 100 50 20 10 5 2 1 -100u -1m -5m -10m -50m -100m Ta=100OC 25OC -40OC
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)


▲Up To Search▲   

 
Price & Availability of CHDTA114TEPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X