Part Number Hot Search : 
2004A 200BZ 121SV5S0 394J250 76633 TDA7050 K4H5108 2062S
Product Description
Full Text Search
 

To Download ATS-53270K-C2-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Performance BGA Cooling Solutions w/ maxiGRIPTM Attachment
ATS PART # ATS-53270K-C2-R0
Features & Benefits

High aspect ratio, straight fin heat sinks that are ideal for compact PCB environments maxiGRIPTM attachment applies steady, even pressure to the component and does not require holes in the PCB Designed specifically for BGAs and other surface mount packages Meets Telcordia GR-63-Core Office Vibration; ETSI 300 019 Transportation Vibration; and MIL-STD-810 Shock Testing and Unpackaged Drop Testing standards Comes preassembled with high performance, phase changing, thermal interface material
B A C D
thermal Performance
AIR VELOCITy
*Image above is for illustration purposes only.
THERMAL RESISTANCE
FT/MIN
200 300 400 500 600 700 800
M/S
1.0 1.5 2.0 2.5 3.0 3.5 4.0
C/W (UNDUCTED FLOW)
7.6 5.9 5.1 4.6 4.2 3.9 3.7
C/W (DUCTED FLOW)
4.5
Product Details
DIMENSION A 27 mm
Notes:
1) 2) 3) 4) 5) 6)
DIMENSION B 27 mm
DIMENSION C 14.5 mm
DIMENSION D 27 mm
INTERFACE MATERIAL SAINT-GOBAIN C1100F
FINISH BLACK-ANODIZED
Dimension C = heat sink height from bottom of the base to the top of the fin field. ATS-53270K-C1-R0 is a subsitute item available utilizing an equivalent phase change material (Chomerics T766). Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. Optional maxiGRIPTM Installation/Removal Tool Set P/N: MGT270 Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe).
REV1_0908


▲Up To Search▲   

 
Price & Availability of ATS-53270K-C2-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X