Part Number Hot Search : 
2107P VLZ12C MPG1668 SMCJ58 P16NF06L 20M000 LC753 2SC39
Product Description
Full Text Search
 

To Download AEO20B48-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
AEO/ALO Series
66/120 Watts
Total Power: Upto120Watts Input Voltage: 48V # of Outputs: Single
Rev. 09.30.08_100 AEO/ALO Series 1 of 4
Electrical Specifications
Special Features
Input
Inputrange: Inputsurge: InputUVLO: Efficiency2: 36-75VDC 100V/100ms 33-36V(UVLOON) 31-31V(UVLOOFF) 93%@5V(typical) <0.1%vo(typical) Upto25AforVo<1.8V 20mVPK-PK(typicalforVo<2.5V) 2%typicaldeviation(50%to75%StepLoad) <100ussettlingtime(typ) 130%Votyp(autorecovery) 130%Io,maxtyp(autorecovery) * 2.3"x0.9"IndustryStandard 8th brick outline * BaseplateorOpenframe construction * LowRippleandNoise * Regulationtozeroload * HighCapacitiveloadstart-up * FixedFrequencySwitching forEMIpredictability * IndustryStandardfeatures: InputUVLOwith hysteresis,Enable,OVP,OCP, OTP,Output,VoltageTrim, DifferentialRemoteSense * MeetsBasicInsulation * EUDirective2002/95/EC compliantforRoHS
Output
Line/LoadRegulation: LoadCurrent: Noise/Ripple1: TransientResponse: OverVoltageProtection: OverCurrentProtection:
OverTemperatureProtection: 115CaveragePCBtemperature(autorecovery) SwitchingFrequency: FixedFrequency IsolationVoltage: 1500Vdc
Control
OutputVoltageTrim: Enable: 10%VO,NOM T TLcompatible(PositiveorNegativelogic)
Safety
UL, cUL 60950-1Recognized TUV EN60950-1Licensed
Embedded Power for Business-Critical Continuity
Rev. 09.30.08_100 AEO/ALO25 Series 2 of 4
EnvironmentalSpecifications
Operatingambienttemperature Openframe: Baseplate: Storagetemperature: MTBF: -40Cto+85CAmbient -40Cto+100CCase -55Cto+125C >1 Million hours
OrderingInformation
120W Series
Output Voltage 12.0V 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V Output Voltage 10.0A 20.0A 30.0A 35.0A 40.0A 40.0A 40.0A Output Voltage 4.0A 12.0A 20.0A 20.0A 25.0A 25.0A 25.0A Efficiency 93.0% 92.0% 91.0% 89.5% 88.0% 86.0% 85.0% Efficiency 93.0% 92.0% 91.0% 90.0% 88.5% 86.5% 85.5% Model Number ALO10B48N-L ALO20A48N-L ALO30F48N-L ALO35G48N-L ALO40Y48N-L ALO40M48N-L ALO40K48N-L Model Number ALO4B48N-L ALO12A48N-L ALO20F48N-L ALO20G48N-L ALO25Y48N-L ALO25M48N-L ALO25K48N-L
NotforNewDesigns-PleasecheckLESASeries
NotforNewDesigns-PleasecheckLESASeries NotforNewDesigns-PleasecheckLESBSeries NotforNewDesigns-PleasecheckLESBSeries NotforNewDesigns-PleasecheckLESBSeries NotforNewDesigns-PleasecheckLESBSeries NotforNewDesigns-PleasecheckLESBSeries NotforNewDesigns-PleasecheckLESBSeries NotforNewDesigns-PleasecheckLESBSeries NotforNewDesigns-PleasecheckLESBSeries
66W Series
Output Voltage 12.0V 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V
Options
Construction Size Output Current Output Voltage Input Voltage Remote ON/OFF Logic PIN Length O/P Termination RoHS Designation
A
L
L=LowProfile; Openframe E=Baseplate
O
O=8thBrick
10
10=10Amps 20=20Amps 30=30Amps 35=35Amps 40=40Amps
B
B=12.0V A=5.0V F=3.3V G=2.5V Y=1.8V M=1.5V K=1.2V
48
48=48V (36-75VRange)
N
N=Negative Blank=Positive
-
6
ThroughHole: 6=3.6mm Blank=5mm S=SurfaceMount* *AvailableforLow Profile;Openframe (ALO)Versiononly
L
L=RoHS6/6 Blank=RoHS5/6
Embedded Power for Business-Critical Continuity
MechanicalDrawing OPENFRAMETHROUGHHOLE
Rev. 09.30.08_100 AEO/ALO25 Series 3 of 4
ALO SERIES THRU ALOSERIESTHRUHOLEPIN
2.30 [58.4]
2.30 [58.4]
HOLE PIN
PinAssignments
Single Output 1. +Vin 2. Enable(On/off) 3. -Vin 4. -VOUT 5. -Sense 6. Trim 7. +Sense 8. +VOUT
+ Vin
0.90 [22.9]
0.90 E [22.9]
+ Vin E - Vin
- Vin
+ Output + Output + Sense + Sense Trim Trim -Sense -Sense -Output -Output
PIN SIDE DOWN DOWN PIN SIDE
0.32 [8.2]
0.32 [8.2]
0.45 [11.4]
0.15 [3.8]
0.45 [11.4]
0.15 [3.8]
0.15 [3.8]
2.00 [50.8]
2.00 [50.8]
0.15 [3.8] 0.30 0.30 [7.6] [7.6]
0.75 [19.0]
0.75 [19.0]
0.45 0.45 [11.4] 0.60 [11.4] 0.60 [15.2] 0.75 [15.2] 0.75 [19.0] [19.0]
PIN SIDE UP PIN SIDE UP
SIDE SIDE VIEWVIEW
BASEPLATETHROUGHHOLE
AEOSERIESTHRUHOLEPIN
2.30 [58.4]
2.30 [58.4]
Notes: 1. Measuredat20MHzbandwidth withexternal10Ftant. capacitorinparallelwith0.1F ceramic capacitor connected across +Voutand-Vout;220Fe-capor equivalentconnectedacross +Vinand-Vin. 2. Efficiencymeasurementsare typicalvaluestakenatfullload, nominallineandTA=25C 3. Allspecificationsaretypicalat nominalline,fullloadandTA= 25Cunlessotherwisenoted. 4. Allspecificationssubjectto changewithoutnotice. 5. Mechanicaldrawingsarefor referenceonly.Dimensionsarein inches[mm].Pinplacement tolerance0.005[0.127]. MechanicalTolerance0.02 [0.5],recommendedsurface mountpads(min:0.080x0.112 [2.03x2.84]/max:0092x0.124 [2.34x3.15]);throughholepin diameter(Pins4&8)f=0.062 [1.57],othersf=0.04[1.0](6X). 6. TechnicalReferenceNotesshould be consulted for detailed informationwhenavailable. 8. Warranty2yrs.
+ Vin
+ Vin
0.90 [22.9]
0.90 [22.9]
E - Vin
E - Vin
+ Output + Sense Trim -Sense -Output
+ Output + Sense Trim -Sense -Output
PINLENGTH
A
PIN SIDE DOWN
PIN SIDE DOWN
0.40 [10.1] 0.23 [5.8]
0.40 [10.1] 0.23 [5.8]
StdPinLength: 0.189[4.8]MIN 0.205[5.2]MAX "-6"Option: 0.137[3.5]MIN 0.152[3.9]MAX
0.15 [3.8] 0.45 [11.4] 0.75 [19.0]
0.15 2.00 [3.8] [50.8] 0.45 [11.4]
2.00 [50.8]
0.15 [3.8]
0.15 [3.8]
0.30 [7.6]
0.30 [7.6]
0.75 [19.0]
0.45 [11.4]
0.45 [11.4]
0.60 [15.2]
0.60 [15.2]
0.75 [19.0]
0.75 [19.0]
PIN SIDE UP
PIN SIDE UP
SIDE VIEW
SIDE VIEW
Embedded Power for Business-Critical Continuity
MechanicalDrawing OPENFRAMESURFACEMOUNT 2.30
+ Vin
0.90 [22.9] [58.4]
Americas
+ Output + Sense Trim -Sense -Output
ALOOPENFRAMESMTPIN
2.30 [58.4]
E - Vin
0.90 [22.9]
5810VanAllenWay Carlsbad,CA92008 USA Telephone:+17609304600 Facsimile: +17609300698
+ Output + Sense Trim -Sense -Output
Rev. 09.30.08_100 AEO/ALO25 Series 4 of 4
+ Vin
0.90 [22.9]
+ Vin E - Vin
Europe (UK)
E - Vin
PIN SIDE DOWN
PIN SIDE DOWN
0.15 [3.9] 0.31 [7.9]
0.15 [3.9] 0.31 [7.9]
Waterfront Business Park MerryHill,Dudley WestMidlands,DY51LX UnitedKingdom Telephone:+44(0)1384842211 Facsimile: +44(0)1384843355
Asia (HK)
2.19 [55.5] 0.15 [3.8] 0.45 [11.4] 0.75 [19.1]
2.19 [55.5] 0.15 [3.8] 0.45 [11.4] 0.75 [19.1]
0.15 [3.8] 0.30 [7.6]
0.15 [3.8] 0.30 [7.6]
14/F,LuPlaza 2WingYipStreet KwunTong,Kowloon HongKong Telephone:+85221763333 Facsimile: +85221763888
0.31 [7.9]
Forglobalcontact,visit:
www.powerconversion.com techsupport.embeddedpower @emerson.com
0.45 [11.4] 0.75 [19.1]
0.15 [3.8]
0.45 [11.4] 0.60 [15.2] 0.75 [19.1] 0.45 [11.4] 0.60 [15.2] 0.75 [19.1]
PIN SIDE UP
PIN SIDE UP
SIDE VIEW
Whileeveryprecautionhasbeentakentoensure accuracy and completeness in this literature, Emerson NetworkPowerassumesnoresponsibility,anddisclaims allliabilityfordamagesresultingfromuseofthis informationorforanyerrorsoromissions.
SIDE VIEW Emerson Network Power.
Thegloballeaderinenabling business-criticalcontinuity. ACPower Connectivity DC Power EmbeddedComputing Embedded Power Monitoring OutsidePlant PowerSwitching&Controls PrecisionCooling Racks&IntegratedCabinets Services SurgeProtection EmersonNetworkPower.com
EmersonNetworkPowerandtheEmerson NetworkPowerlogoaretrademarksand servicemarksofEmersonElectricCo. (c)2008EmersonElectricCo.


▲Up To Search▲   

 
Price & Availability of AEO20B48-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X