Part Number Hot Search : 
099CURTR B1043 HYAAM SMBJ24A IR21592S S93C86 PESD5 V5A91FZ5
Product Description
Full Text Search
 

To Download 85719-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IntroductIon
HyperJackTM poe+ Integrated connector Module 85719 12-port 2x6 Ganged Modular Jacks with leds
Molex leads the market with the first PoE+ Integrated Connector Module Power over Ethernet (PoE) is a technology that defines the transmission of both data and power to networked devices over a standard ethernet cable, eliminating the need for separate power supplies. PoE+ is the new IEEE 802.3at Power over Ethernet standard. It provides the opportunity for switch makers to increase port-power output to 30 watts and will supersede the existing 15 watt 802.3af standard. The specification of this new 802.3at standard is backward compatible, supporting legacy 802.3af devices. Molex has developed the HyperJack PoE+ Integrated Connector Module (ICM) in a 2x6 configuration. Based on the RJ-45 jack, the ICM has integrated PoE+ controller silicon to manage and deliver 30 watt Power over Ethernet. This is coupled with Gigabit PoE+ magnetics, thermal management and a high level of protection against electro static discharge (ESD), electrical fast transient (EFT) and electro magnetic interference (EMI). PoE+ according to the IEEE standard requires Cat5 cable or higher. The Molex PoE+ ICM complies to PoTec V2.0 with a standardized footprint and register set, allowing for simple drop-in upgrades and product expansion. The Integrated Module provides the customer with flexible port configurations and a fast migration path from non-PoE to fully integrated PoE+ designs. Simply provide a 51-56V and 3.3V power supply to automatically manage and control power to connected Ethernet devices such as voice over internet protocol (VOIP) phones, wireless access points and security cameras. Extra management can be achieved through IC communication.
Features and BeneFIts
Fully integrated design Gigabit Ethernet magnetics Low power consumption 30W PoE+ controller silicon Protection circuitry 2 Bi-color light emitting diodes (LED's) per port Capability to indicate up to 8 operating states Thermally optimized design with excellent heat dissipation IEEE802.3at (draft) and PoETec V2.0 (draft) compliant Fast time to market by using a drop-in solution to add PoE+ technology to a customers switch High-speed data transfer to 1000BASE-T Increased range of PoE+ powered devices Sophisticated protection against various external disturbances: ESD, EFT, EMI Provides 0 to 70C operating temperature rating PoE+ technology in an industry standard footprint Auto, semi-auto and manual mode capability
Markets and applIcatIons Networking equipment with PoE function to support IP phones, security cameras, wireless access points, sensors and actuators, card readers and vision systems - Gigabit Ethernet Switches - Routers - Hubs - Midspans I ndustrial Ethernet Applications - Switches and Routers
specIFIcatIons
HyperJackTM poe+ Integrated connector Module
PoE Output Power Power: 30W per port supplied over RJ-45 contacts 1 and 2 (-) and 3 and 6 (+) All PoE+ parameters according to IEEE802.3at LEDs Connection: Bi-polar Colors: Green and reddish orange Forward voltage: 2.4V max at 20mA Reference Information Packaging: PK-85719-001 cTUVus: CU72090061.01 Mates with: Plugs according to IEC 60603-7 (series 95043, 44915, 85568) Designed-In: Millimeters
Electrical Hipot isolation: 2250.0V DC OCL: 350H at 24.0mA min. Insertion loss: -0.8dB at 100 MHz (typical) Return loss: -13.5dB at 100 MHz (typical) NEXT: - 33dB at 100MHz (typical) CMR: -40dB at 100 MHz (typical) Input voltage: 51.0 to 56.0V Mechanical Connector insertion and removal force: 20N (4.5 lbf) Locking force: 50N (11 lbf) min. Durability: 750 cycles Physical Housing: Thermoplastic UL94V-0, black Contact: Phosphor bronze Plating Contact Area: Gold (Au) Solder Tail Area: Tin (Sn) Underplating: Nickel (Ni) PCB Thickness: 3.56 mm (.140") Ambient Operating Temperature: 0 to +70C
85719 12-port 2x6 Ganged Modular Jacks with leds
orderInG InForMatIon
Order No. 85719-0001 Protocol PoE+ Ports 12 Power per Port 30 Watt Plant No. for Samples 6201
www.molex.com/product/poe.html
america Lisle Illinois 60532 U.S.A. +1-800-78MOLEX amerinfo@molex.com
asia pacific north Yamato, Kanagawa, Japan +84-46-265-2325 apninfo@molex.com
asia pacific south Jurong, Singapore +65-6268-6868 apsinfo@molex.com
europe Walldorf, Germany +49 6227-3091-0 mxgermany@molex.com
corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. +630-969-4550
Order No. 987650-2876
Europe/BvO/09.02
(c) 2009, Molex


▲Up To Search▲   

 
Price & Availability of 85719-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X