Part Number Hot Search : 
SGM8554 F4002 D9483 2SK1105 TA8229K B53TP50C B53TP50C JAN2802J
Product Description
Full Text Search
 

To Download 74LVQ1404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVQ14
LOW VOLTAGE CMOS HEX SCHMITT INVERTER
s
s
s s
s
s
s
s s
s
s
s
HIGH SPEED: tPD = 6 ns (TYP.) at VCC = 3.3 V HYSTERESIS INPUT VOLTAGE: VH = 650mV (TYP.) at VCC = 3.0 V COMPATIBLE WITH TTL OUTPUTS LOW POWER DISSIPATION: ICC = 2A(MAX.) at TA=25C LOW NOISE: VOLP = 0.3V (TYP.) at VCC = 3.3V 75 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12mA (MIN) at VCC = 3.0 V PCI BUS LEVELS GUARANTEED AT 24 mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 14 IMPROVED LATCH-UP IMMUNITY
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R 74LVQ14MTR 74LVQ14TTR
DESCRIPTION The 74LVQ14 is a low voltage CMOS HEX SCHMITT INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications. The internal circuit is composed of 3 stages Figure 1: Pin Connection And IEC Logic Symbols
including buffer output, which enables high noise immunity and stable output. Pin configuration and function are the same as those of the 74LVQ04 but the 74LVQ14 has hysteresis between the positive and negative input threshold typically of 650mV. This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
July 2004
Rev. 5
1/11
74LVQ14
Figure 2: Input And Output Equivalent Circuit Table 2: Pin Description
PIN N 1, 3, 5, 9, 11, 13 2, 4, 6, 8, 10, 12 7 14 SYMBOL 1A to 6A 1Y to 6Y GND VCC NAME AND FUNCTION Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
Table 3: Truth Table
A L H Y H L
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 300 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
Table 5: Recommended Operating Conditions
Symbol VCC VI VO Top Supply Voltage (note 1) Input Voltage Output Voltage Operating Temperature Parameter Value 2 to 3.6 0 to VCC 0 to VCC -55 to 125 Unit V V V C
1) Truth Table guaranteed: 1.2V to 3.6V
2/11
74LVQ14
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) 3.0 3.0 3.0 IO=-50 A 3.0 IO=-12 mA IO=-24 mA VOL Low Level Output Voltage IO=50 A 3.0 IO=12 mA IO=24 mA II ICC IOLD IOHD Input Leakage Current Quiescent Supply Current Dynamic Output Current (note 1, 2) 3.6 3.6 3.6 VI = VCC or GND VI = VCC or GND VOLD = 0.8 V max VOHD = 2 V min 0.1 2 36 -25 0.002 0 0.1 0.36 0.5 0.3 2.9 2.58 2.99 1.2 TA = 25C Min. Typ. Max. 2.2 0.5 0.3 2.9 2.48 2.2 0.1 0.44 0.55 1 20 25 -25 1.2 Value -40 to 85C Min. Max. 2.2 0.5 0.3 2.9 2.48 2.2 0.1 0.44 0.55 1 20 A A mA mA V V 1.2 -55 to 125C Min. Max. 2.2 V V V Unit
Vt+ VtVH VOH
Positive Input Threshold Negative Input Threshold Hysteresis Voltage High Level Output Voltage
1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 75
Table 7: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCC (V) 3.3 3.3 CL = 50 pF 3.3 0.8 V TA = 25C Min. Typ. 0.3 -0.8 2 -0.3 Max. 0.8 V V Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
3/11
74LVQ14
Table 8: AC Electrical Characteristics (CL = 50 pF, RL = 500 , Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 2.7 3.3(*) 2.7 3.3(*) TA = 25C Min. Typ. 7.0 6.0 0.5 0.5 Max. 11.0 9.0 1.0 1.0 Value -40 to 85C Min. Max. 13.0 10.5 1.0 1.0 -55 to 125C Min. Max. 15.0 12.0 1.0 1.0 ns Unit
tPLH tPHL Propagation Delay Time tOSLH tOSHL Output To Output Skew Time (note1, 2)
ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|) 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V
Table 9: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) 3.3 3.3 fIN = 10MHz TA = 25C Min. Typ. 4 29 Max. Value -40 to 85C Min. Max. -55 to 125C Min. Max. pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate)
Table 10: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
4/11
74LVQ14
Figure 3: Waveform - Propagation Delays (f=1MHz; 50% duty cycle)
5/11
74LVQ14
SO-14 MECHANICAL DATA
DIM. A A1 A2 B C D E e H h L k ddd 5.8 0.25 0.4 0 mm. MIN. 1.35 0.1 1.10 0.33 0.19 8.55 3.8 1.27 6.2 0.50 1.27 8 0.100 0.228 0.010 0.016 0 TYP MAX. 1.75 0.25 1.65 0.51 0.25 8.75 4.0 MIN. 0.053 0.004 0.043 0.013 0.007 0.337 0.150 0.050 0.244 0.020 0.050 8 0.004 inch TYP. MAX. 0.069 0.010 0.065 0.020 0.010 0.344 0.157
0016019D
6/11
74LVQ14
TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080337D
7/11
74LVQ14
Tape & Reel SO-14 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.4 9 2.1 3.9 7.9 12.8 20.2 60 22.4 6.6 9.2 2.3 4.1 8.1 0.252 0.354 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.260 0.362 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
8/11
74LVQ14
Tape & Reel TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
9/11
74LVQ14
Table 11: Revision History
Date 29-Jul-2004 Revision 5 Description of Changes Ordering Codes Revision - pag. 1.
10/11
74LVQ14
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of 74LVQ1404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X