Part Number Hot Search : 
CS1101 55T10 SP74HC04 NCP1509 SP200 RF151 S0501L IWD1215
Product Description
Full Text Search
 

To Download 40HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40HF/40HFR
SILICON POWER DIODES
DO-5
FEATURES * All Diffused Series * Available in Normal & Reverse Polarity * Industrial Grade * Available In Avalanche Characteristic * Available in metric and UNF thread ELECTRICAL SPECIFICATIONS IF(AV) Maximum Average Forward Current Te=1400C Maximum peak forward VFM voltage drop @ Rated IF(AV) Maximum peak one cycle IFRM (non-rep) surge current 10 m sec Maximum peak repetitive IFRM surge current I2tMaximum I2t rating (non-rep.) for 5 to 10 m sec 40A
O 8.0
NAINA
40 HF/ HFR
POLARITY A C
Normal Reverse
7 O 4.0 12 27
11.5
C
A
17 A/F M8 x 1.25 16
1.2V 500 A 200 A 1200A2 Sec
POLARITY A C
Normal Reverse
C
A
17 A/F
12
32 11.5
M 8 x 1.25
THERMAL MECHANICAL SPECIFICATIONS
JC
Tj Tstg
W
Maximum thermal resistance Junction to case Operating Junction Temp. Storage temperature Mounting torque (Non-lubricated threads) Approx, weight
10C/W -650C to 1500C -650C to 2000C 0.4 M-kg min, 0.6 M-kg max 13.5 & 30 gms.
ELECTRICAL RATINGS TYPE VRRM 40HF/HFR Max. repetitive peak reverse voltage (v) VR(RMS) VR Max. R.M.S. reverse voltage (V) Max. D.C. Blocking Voltage (V) Recommended R.M.S. working Voltage(v) Max. Average reverse leakage current @ VRMM Tc 250C uA 70 100 40 200 140 200 80 200 280 400 160 200 420 600 240 200 560 800 320 200 700 1000 400 200 840 1200 480 200 980 1120 10 100 20 200 40 400 60 600 80 800 100 1000 120 1200 140 160
1400 1600
1400 1600 560 200 640 200
IR(AV)
NAINA SEMICONDUCTOR LTD D95,SECTOR 63,NOIDA(INDIA) e-mail: sales@nainasemi.com, web site :www.nainasemi.com


▲Up To Search▲   

 
Price & Availability of 40HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X