Part Number Hot Search : 
STW9NK90 00400 01300 20VV6 DF75435 SUR542J N7000 120N60
Product Description
Full Text Search
 

To Download 3G-24-180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRUMPower
D E S C R IP T IO N
The 3G & 3RG series of AC/DC desktop power adapters are capable of delivering 180 watts continuous DC power. They are enclosed in a 94V-1 rated polyphenylene-oxide case with an IEC 320/C14 or IEC 320/C6 inlet to mate with interchangeable cord for world-wide use. All model meet CISPR 22 and FCC class B emission limits, and comply with UL, CSA, IEC and CE requirements.
180 WATT POWER ADAPTERS
3G & 3RG SERIES
RoHS
F E AT U R E S
High Efficiency Low Ripple & Noise O v e r v o l ta g e p r o t e c t i o n Short-circuit protection Overpow er protection Over temperature protection 100% burn-in at full rated load C o m p l i a n t w i t h C E C a n d E n e r g y S ta r e f f i c i e n c y l e v e l I V r e q u i r e m e n ts No load power consumption less than 0.5W Av e r a g e a c t i v e e f f i c i e n c y 8 5 % C o m p l i a n t w i t h R o H S r e q u i r e m e n ts
S a f e t y Sta n d a r d A p p r o va l s
UL 60950 CSA C22.2 No. 60950
TUV EN60950-1
I N P U T S P E C I F I C AT I O N S
I n p u t v o l ta g e Input frequency Input current Earth leakage current: ( To u c h c u r r e n t ) 9 0 t o 2 6 4 VA C 47 to 63 Hz 2 . 5 A r m s f o r 11 5 VA C 1 . 2 5 A r m s f o r 2 3 0 VA C 1 5 0 A m a x . @ 11 5 VA C , 6 0 H z 2 5 0 A m a x . @ 2 3 0 VA C , 5 0 H z
GENERAL SPECIFICATIONS
Hold-up time Turn on delay time Power Factor Efficiency Line regulation Inrush current 5 msec minimum at 100VAC or 240VAC 3 sec maximum at 100VAC 0.95 typical 87% minimum at 100VAC or 240VAC. 0.5% maximum at full load 120A max. @ 240VAC cold start
OUTPUT SPECIFICATIONS
Output voltage/current Total output power Ripple and noise See rating chart See rating chart 380mV peak to peak maximum
Withstand voltage 3000VAC from input to output 1500VAC from input to ground MTBF 100,000 hours at full load at 25C ambient, calculated per MIL-HDBK- 217F EMC Performance (EN55024) EN55022: Class B conducted, Class B radiated FCC: Class B conducted, Class B radiated VCCI: Class B conducted, Class B radiated EN61000-3-2: Harmonic distortion, Class D EN61000-3-3: Line flicker EN61000-4-2: ESD, 8KV air and 4KV contact EN61000-4-3: R a d i a t e d i m m u n i t y, 3 V / m EN61000-4-4: Fast transient/burst, 1KV EN61000-4-5: Surge, 1KV diff, 2KV com. EN61000-4-6: C o n d u c t e d i m m u n i t y, 3 Vr m s EN61000-4-8: M a g n e t i c f i e l d i m m u n i t y, 1 A / m E N 6 1 0 0 0 - 4 - 11 : Vo l t a g e d i p s , 3 0 % r e d u c t i o n f o r 500ms and >95% reduction for 10ms
O v e r v o l ta g e p r o t e c t i o n Set at 110-140% of its nominal output voltage O v e r c u r r e n t p r o t e c t i o n All models protected to short circuit conditions Te m p e r a t u r e All outputs 0.04%/C maximum coefficient Tr a n s i e n t r e s p o n s e Maximum excursion of 4% or better on all models, recovering to 1% of final value within 500s after a 25% step load change
E N V I R O N M E N TA L S P E C I F I C AT I O N S
O p e r a t i n g t e m p e r a t u r e 0C to +40C Storage temperature -20C to +80C Relative humidity 10% to 90% non-condensing
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA Phone: 408-988-6616 Fax: 408-988-6622 email: sales@trumpower.com Website: www.TRUMPower.com
UNIVERSAL INPUT
OUTPUT VOLTAGE/CURRENT RATING CHART
Product No. IEC 320/C14 Inlet 3G-18-180 3G-19-180 3G-24-180 3G-48-180 IEC 320/C6 Inlet 3RG-18-180 3RG-19-180 3RG-24-180 3RG-48-180 Vnom. 18V 19V 24V 48V Output Imax. 10.0A 9.47A 7.5A 3.75A Imin. 0A 0A 0A 0A
3G & 3RG SERIES
Maximum Tol. 5% 5% 5% 5% Output Power 180W 180W 180W 180W
NOTE: Ripple and noise: Peak-to-peak with 20MHz bandwidth and 47F tantalum capacitor in parallel with a 0.1F ceramic capacitor at rated line voltage and load ranges.
MECHANICAL SPECIFICATIONS
or IEC 320/C6 INLET (3 round pins)
NOTES: 1. Dimensions shown in inch [mm] 2 . To l e r a n c e 0 . 0 2 [ 0 . 5 ] m a x i m u m 3. Weight: 860 grams approx. 4 . St a n d a r d o u t p u t c o n n e c t o r i s a m a l e 4 - p i n p o w e r D I N p l u g . P l e a s e c o n s u l t T R U M P o w e r f o r o t h e r o p t i o n s .
PIN CHART
1
2
3
4
Shell of Connector
Output +V
Output +V
Return
Return
Return & AC Ground
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA Phone: 408-988-6616 Fax: 408-988-6622 email: sales@trumpower.com Website: www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of 3G-24-180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X