Part Number Hot Search : 
KAQY412A 7S11BMT TCC720 KJ07ETT US1GB 24BL7 ADF05ST PB0126
Product Description
Full Text Search
 

To Download 390SS058M20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-058 Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief Type E - Self Locking Rotatable Coupling - Low Profile
39
CONNECTOR DESIGNATORS
390 F S 058 M 16 10 D M 6 Product Series Connector Designator Angle and Profile M = 45 N = 90 S = Straight Basic Part No. Finish (Table II) Length * A Thread (Table I) E Typ. (Table I) O-Rings Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Termination (Note 6) D = 2 Rings, T = 3 Rings Cable Entry (Tables X, XI) Shell Size (Table I) 1.281 (32.5) Ref. Typ.
A-F-H-L-S
SELF-LOCKING ROTATABLE COUPLING TYPE E INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
* Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4)
STYLE 2 (STRAIGHT See Note 1) 1.00 (25.4) Max
F (Table III)
Anti-Rotation Device (Typ.) G (Table III)
H (Table III)
J (Table III)
STYLE 2 (45 & 90 See Note 1) STYLE H Heavy Duty (Table X) T STYLE A Medium Duty (Table XI) W STYLE M Medium Duty (Table XI) X STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 56
with Strain Relief Type E - Self Locking Rotatable Coupling - Low Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. A-F-L-S H 08 09 11 10 13 12 14 15 17 16 18 19 21 20 23 22 24 25 28 61 F Max .968 (24.6) 1.031 (26.2) 1.094 (27.8) 1.156 (29.4) 1.218 (30.9) 1.250 (31.8) 1.312 (33.3) 1.344 (34.1) 1.406 (35.7) 1.500 (38.1) 1.406 (35.7) G Max 1.190 (30.2) 1.240 (31.5) 1.300 (33.0) 1.360 (33.3) 1.420 (36.1) 1.490 (37.8) 1.550 (39.4) 1.610 (40.9) 1.670 (42.4) 1.890 (48.0) 1.670 (42.4) H Max 1.281 (32.5) 1.406 (35.7) 1.531 (38.9) 1.656 (42.1) 1.781 (45.2) 1.856 (47.1) 2.031 (51.6) 2.156 (54.8) 2.281 (57.9) 2.531 (64.3) 2.281 (57.9) J Max 1.445 (36.7) 1.570 (39.9) 1.695 (43.1) 1.820 (46.2) 1.945 (49.4) 2.070 (52.6) 2.195 (55.8) 2.320 (58.9) 2.445 (62.1) 2.695 (68.5) 2.445 (62.1) 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. Interface O-Ring not supplied with connector designator A. 6. Designate Symbol T for 3 ring termination of individual and overall braid. Designate D for standard 2 ring termination of individual or overall braid.
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY Cable Range V T Max Min Max Max .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) .250 (6.4) .437 (11.1) .780 (19.8) 1.145 (29.1) .387 (9.8) .562 (14.3) .780 (19.8) 1.332 (33.8) .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) .500 (12.7) .750 (19.1) .811 (20.6) 1.551 (39.4) .625 (15.9) .937 (23.8) .905 (23.0) 1.770 (45.0) .875 (22.2) 1.250 (31.8) 1.092 (27.7) 2.113 (53.7) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6) TABLE XI: CABLE ENTRY Y Z Max Max .843 (21.4) .630 (16.0) .906 (23.0) .755 (19.2) 1.093 (27.8) .942 (23.9) 1.187 (30.1) 1.067 (27.1) 1.281 (32.5) 1.192 (30.3) 1.500 (38.1) 1.380 (35.1) 1.719 (43.7) 1.535 (39.0) 2.062 (52.4) 1.848 (46.9) 2.312 (58.7) 2.255 (57.3) 2.719 (69.1) 2.505 (63.6) 2.969 (75.4) 2.755 (70.0) 3.531 (89.7) 3.255 (82.7)
Dash X W No. Max Max 03* .437 (11.1) .760 (19.3) 04* .437 (11.1) .760 (19.3) 06* .500 (12.7) .760 (19.3) 08 .563 (14.3) .760 (19.3) 10 .563 (14.3) .760 (19.3) 12 .563 (14.3) .760 (19.3) 16 .656 (16.7) 1.073 (27.3) 20 .656 (16.7) 1.323 (33.6) 24 .656 (16.7) 1.323 (33.6) 28 1.188 (30.2) 1.572 (39.9) 32* 1.187 (30.1) 1.572 (39.9) 40* 1.125 (28.6) 1.572 (39.9) * Not available in Style M clamp.
(c) 2005 Glenair, Inc.
Cable Range Min ** Max .156 (4.0) .250 (6.4) .188 (4.8) .312 (7.9) .281 (7.1) .438 (11.1) .387 (9.8) .562 (14.3) .375 (9.5) .625 (15.9) .438 (11.1) .750 (19.1) .625 (15.9) .938 (23.8) .875 (22.2) 1.250 (31.8) 1.000 (25.4) 1.375 (34.9) 1.250 (31.8) 1.625 (41.3) 1.437 (36.5) 1.875 (47.6) 1.875 (47.6) 2.375 (60.3) ** Not Applicable Style D
Printed in U.S.A.
CAGE Code 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 57
39
390-058 Submersible EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390SS058M20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X