Part Number Hot Search : 
30WQ06FN KA3030 UMX5N 1ETTE BC849 1N4007 14N50 2SC44
Product Description
Full Text Search
 

To Download 390SS057M20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-057 Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief Type E - Direct Coupling - Low Profile
39
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 5
CONNECTOR DESIGNATORS *
390 F S 057 M 16 10 D M 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Termination (Note 3) D = 2 Rings, T = 3 Rings Cable Entry (Tables X, XI) Shell Size (Table I) Length * O-Rings 1.281 (32.5) Ref. Typ.
DIRECT COUPLING
TYPE E INDIVIDUAL AND/OR OVERALL Finish (Table II) SHIELD TERMINATION
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 4) A Thread (Table I)
B (Table I)
* Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4)
STYLE 2 (STRAIGHT See Note 1) B (Table I)
J E (Table III) (Table IV) F (Table IV) B (Table I)
J
G
(Table III) (Table IV)
H (Table IV)
STYLE H Heavy Duty (Table X) T
STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 52
with Strain Relief Type E - Direct Coupling - Low Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F D-B-G-K J-H-L-S C 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.735 (44.1) 1.180 (30.0) 1.250 (31.8) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 2.190 (55.6) 1.915 (48.6) TABLE IV: ELBOW DIMENSIONS Elbow E G F Size Max Max Max 03 .630 (16.0) 2.117 (53.8) .636 (16.2) 04 .630 (16.0) 2.117 (35.8) .636 (16.2) 06 .630 (16.0) 2.117 (35.8) .710 (18.0) 08 .692 (17.6) 2.179 (55.3) .731 (18.6) 10 .755 (19.2) 2.862 (72.7) .825 (21.0) 12 .848 (21.5) 2.972 (75.5) .988 (25.1) 16 1.036 (26.3) 3.159 (80.2) 1.087 (27.6) 20 1.130 (28.7) 3.368 (85.5) 1.325 (33.7) 24 1.255 (31.9) 3.408 (86.6) 1.337 (34.0) 28 1.317 (33.5) 3.553 (90.2) 1.827 (46.4) 32 1.348 (34.2) 3.646 (92.6) 2.027 (51.5) H Max 2.067 (52.5) 2.067 (52.5) 2.187 (55.5) 2.207 (39.1) 2.867 (39.6) 2.957 (41.4) 3.132 (48.0) 3.303 (50.8) 3.453 (50.8) 3.703 (55.1) 3.753 (61.5)
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY Cable Range V T Max Min Max Max .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) .250 (6.4) .437 (11.1) .780 (19.8) 1.145 (29.1) .387 (9.8) .562 (14.3) .780 (19.8) 1.332 (33.8) .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) .500 (12.7) .750 (19.1) .811 (20.6) 1.551 (39.4) .625 (15.9) .937 (23.8) .905 (23.0) 1.770 (45.0) .875 (22.2) 1.250 (31.8) 1.092 (27.7) 2.113 (53.7) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6) TABLE XI: CABLE ENTRY Y Z Max Max .843 (21.4) .630 (16.0) .906 (23.0) .755 (19.2) 1.093 (27.8) .942 (23.9) 1.187 (30.1) 1.067 (27.1) 1.281 (32.5) 1.192 (30.3) 1.500 (38.1) 1.380 (35.1) 1.719 (43.7) 1.535 (39.0) 2.062 (52.4) 1.848 (46.9) 2.312 (58.7) 2.255 (57.3) 2.719 (69.1) 2.505 (63.6) 2.969 (75.4) 2.755 (70.0) 3.531 (89.7) 3.255 (82.7)
1. Metric dimensions (mm) are indicated in parentheses. 2. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 3. Designate Symbol T for 3 ring termination of individual and overall braid. Designate D for standard 2 ring termination of individual or overall braid. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development.
Dash X W No. Max Max 03* .437 (11.1) .760 (19.3) 04* .437 (11.1) .760 (19.3) 06* .500 (12.7) .760 (19.3) 08 .563 (14.3) .760 (19.3) 10 .563 (14.3) .760 (19.3) 12 .563 (14.3) .760 (19.3) 16 .656 (16.7) 1.073 (27.3) 20 .656 (16.7) 1.323 (33.6) 24 .656 (16.7) 1.323 (33.6) 28 1.188 (30.2) 1.572 (39.9) 32* 1.187 (30.1) 1.572 (39.9) 40* 1.125 (28.6) 1.572 (39.9) * Not available in Style M clamp.
(c) 2005 Glenair, Inc.
Cable Range Min ** Max .156 (4.0) .250 (6.4) .188 (4.8) .312 (7.9) .281 (7.1) .438 (11.1) .387 (9.8) .562 (14.3) .375 (9.5) .625 (15.9) .438 (11.1) .750 (19.1) .625 (15.9) .938 (23.8) .875 (22.2) 1.250 (31.8) 1.000 (25.4) 1.375 (34.9) 1.250 (31.8) 1.625 (41.3) 1.437 (36.5) 1.875 (47.6) 1.875 (47.6) 2.375 (60.3) ** Not Applicable Style D
Printed in U.S.A.
CAGE Code 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 53
39
390-057 Submersible EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390SS057M20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X