Part Number Hot Search : 
1N4592 RG4BC P2000B 2G40UM MLL5921D 2152A5 UPD42232 3C472K
Product Description
Full Text Search
 

To Download 390SS003M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-003 Water-Tight EMI/RFI Cable Sealing Backshell
with Strain Relief Type A - Rotatable Coupling - Low Profile
39
CONNECTOR DESIGNATORS
390 F S 003 M 16 10 E 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Finish (Table II) A Thread (Table I) C Typ. (Table I) Length * O-Rings Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (C, E) Cable Entry (Tables X, XI) Shell Size (Table I)
A-F-H-L-S
ROTATABLE COUPLING TYPE A OVERALL SHIELD TERMINATION
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
* Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4)
STYLE 2 (STRAIGHT See Note 1) .88 (22.4) Max
E (Table III) F (Table III)
G (Table III)
H (Table III) STYLE 2 (45 & 90 See Note 1) STYLE C Medium Duty (Table X) Clamping Bars STYLE E Medium Duty (Table XI) X (See Note 6) Y
T
Cable Range
W
Cable Range
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 18
with Strain Relief Type A - Rotatable Coupling - Low Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. A-F-L-S H 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 28 32 36 E Max .457 (11.6) .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .926 (23.5) .926 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4) F Max 1.602 (40.7) 1.662 (42.2) 1.722 (43.7) 2.062 (52.4) 2.172 (55.2) 2.362 (60.0) 2.362 (60.0) 2.512 (63.8) 2.512 (63.8) 2.562 (65.1) 2.662 (67.6) 2.752 (69.9) G Max .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1) H Max 1.612 (40.9) 1.732 (44.0) 1.752 (44.5) 2.072 (52.6) 2.162 (54.9) 2.332 (59.2) 2.332 (59.2) 2.442 (62.0) 2.442 (62.0) 2.612 (66.3) 2.862 (72.7) 2.862 (72.7)
Dash No. 03 04 06 08 10 12 16 20 24 28 32
T Max 1.219 (31.0) 1.219 (31.0) 1.219 (31.0) 1.219 (31.0) 1.281 (32.5) 1.281 (32.5) 1.406 (35.7) 1.656 (42.1) 1.906 (48.4) 1.906 (48.4) 2.000 (50.8)
TABLE X: CABLE ENTRY Cable Range X W Ref Min Max Max .156 (4.0) .135 (3.4) .812 (20.6) .219 (5.6) .203 (5.2) .188 (4.8) .937 (23.8) .312 (7.9) .281 (7.1) .285 (7.2) 1.062 (27.0) .438 (11.1) .350 (8.9) .312 (7.9) 1.188 (30.2) .531 (13.5) .375 (9.5) .390 (9.9) 1.312 (33.3) .625 (15.9) .460 (11.7) .500 (12.7) 1.562 (39.7) .750 (19.1) .510 (13.0) .625 (15.9) 1.750 (44.5) .938 (23.8) .695 (17.7) .938 (23.8) 2.250 (57.2) 1.250 (31.8) 1.000 (25.4) .715 (18.2) 2.375 (60.3) 1.375 (34.9) .915 (23.2) 1.250 (31.8) 2.625 (66.7) 1.625 (41.3) 1.500 (38.1) 1.070 (27.2) 2.812 (71.4) 1.875 (47.6)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. Interface O-Ring not supplied with connector designator A. 6. Saddles are bottomed on Clamp Ears.
Dash No. 03 04 06 08 10 12 16 20 24 28 32
TABLE XI: CABLE ENTRY Cable Range Y Z Max Max Max Min .219 (5.6) .739 (18.8) .812 (20.6) .156 (4.0) .312 (7.9) .739 (18.8) .937 (23.8) .188 (4.8) .438 (11.1) .739 (18.8) 1.062 (27.0) .281 (7.1) .531 (13.5) .739 (18.8) 1.188 (30.2) .312 (7.9) .625 (15.9) .791 (20.1) 1.312 (33.3) .375 (9.5) .750 (19.1) .880 (22.4) 1.562 (39.7) .500 (12.7) .938 (23.8) .901 (22.9) 1.750 (44.5) .625 (15.9) 1.250 (31.8) 1.031 (26.2) 2.250 (57.2) .938 (23.8) 1.375 (34.9) 1.250 (31.8) 2.375 (60.3) 1.000 (25.4) 1.625 (41.3) 1.250 (31.8) 2.625 (66.7) 1.250 (31.8) 1.875 (47.6) 1.312 (33.3) 2.812 (71.4) 1.500 (38.1)
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 19
39
390-003 Water-Tight EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390SS003M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X