Part Number Hot Search : 
MP2908A CA3140A BY127 1N3957GP A321ERW TG35E HSC106DM MCP2551
Product Description
Full Text Search
 

To Download 390SS002M20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-002 Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief Type A - Direct Coupling - Low Profile
39
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 5
CONNECTOR DESIGNATORS *
390 F S 002 M 16 10 A 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Cable Entry (Tables X, XI) Shell Size (Table I) Finish (Table II)
DIRECT COUPLING TYPE A OVERALL SHIELD TERMINATION
Length .060 (1.52) Min. Order Length 2.5 Inch (See Note 4)
A Thread (Table I) B (Table I)
Length * O-Rings
1.125 (28.6) Approx. * Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 4) J G
STYLE 2 (STRAIGHT See Note 1)
J
(Table III)
E
(Table IV)
(Table III) (Table IV)
B (Table I)
F (Table IV)
B (Table I)
H (Table IV)
STYLE H Heavy Duty (Table X) T
STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 16
with Strain Relief Type A - Direct Coupling - Low Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F J-H-L-S D-B-G-K C 1.180(30.0) 1.250(31.8) 1.180(30.0) 1.250(31.8) 1.180(30.0) 1.250(31.8) 1.735(44.1) 1.180(30.0) 1.250(31.8) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.610 (40.9) 1.560(39.6) 1.915(48.6) 1.610(40.9) 1.750(44.5) 1.915(48.6) 1.610(40.9) 1.750(44.5) 1.915(48.6) 1.610(40.9) 2.190(55.6) 1.915(48.6) TABLE IV: ELBOW DIMENSIONS E G Dash F Max Max No. Max 04 .630 (16.0) 2.117 (53.8) .636 (16.2) 06 .630 (16.0) 2.117 (53.8) .710 (18.0) 08 .692 (17.6) 2.179 (55.3) .731 (18.6) 10 .755 (19.2) 2.862 (72.7) .825 (21.0) 12 .848 (21.5) 2.972 (75.5) .988 (25.1) 16 1.036 (26.3) 3.159 (80.2) 1.087 (27.6) 20 1.130 (28.7) 3.368 (85.5) 1.325 (33.7) 24 1.255 (31.9) 3.408 (86.6) 1.337 (34.0) 28 1.317 (33.5) 3.553 (90.2) 1.827 (46.4) 32 1.348 (34.2) 3.646 (92.6) 2.027 (51.5) H Max 2.067 (52.5) 2.187 (55.5) 2.207 (56.1) 2.867 (72.8) 2.957 (75.1) 3.132 (79.6) 3.303 (83.9) 3.453 (87.7) 3.703 (94.1) 3.753 (95.3)
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
TABLE X: CABLE ENTRY Cable Range V Dash T Max No. Max Min Max .957 (24.3) .780 (19.8) .125 (3.2) .312 (7.9) 04 .250 (6.4) .437 (11.1) 06 .780 (19.8) 1.145 (29.1) .780 (19.8) 1.332 (33.8) .387 (9.8) .562 (14.3) 08 .350 (8.9) .625 (15.9) 10 .780 (19.8) 1.332 (33.8) 12 .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) .905 (23.0) 1.770 (45.0) .625 (15.9) .937 (23.8) 16 .875 (22.2) 1.250 (31.8) 20 1.092 (27.7) 2.113 (53.7) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 24 28 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 32 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6) TABLE XI: CABLE ENTRY Dash W Z X Y No. Max Max Max Max 03* .437 (11.1) .760 (19.3) .843 (21.4) .630 (16.0) 04* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) 28 1.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) 40* 1.125 (28.6) 1.572 (39.9) 3.531 (89.7) 3.255 (82.7) * Not available in Style M clamp.
(c) 2005 Glenair, Inc. CAGE Code 06324
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development.
Cable Range Max Min ** .156 (4.0) .250 (6.4) .188 (4.8) .312 (7.9) .281 (7.1) .438 (11.1) .387 (9.8) .562 (14.3) .375 (9.5) .625 (15.9) .438 (11.1) .750 (19.1) .625 (15.9) .938 (23.8) .875 (22.2) 1.250 (31.8) 1.000 (25.4) 1.375 (34.9) 1.250 (31.8) 1.625 (41.3) 1.437 (36.5) 1.875 (47.6) 1.875 (47.6) 2.375 (60.3) ** Not Applicable Style D
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 17
39
390-002 Submersible EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390SS002M20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X